Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C0805A120M2GAC Datasheet(PDF) 4 Page - Kemet Corporation

Part # C0805A120M2GAC
Description  CAPACITOR OUTLINE DRAWINGS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0805A120M2GAC Datasheet(HTML) 4 Page - Kemet Corporation

  C0805A120M2GAC Datasheet HTML 1Page - Kemet Corporation C0805A120M2GAC Datasheet HTML 2Page - Kemet Corporation C0805A120M2GAC Datasheet HTML 3Page - Kemet Corporation C0805A120M2GAC Datasheet HTML 4Page - Kemet Corporation C0805A120M2GAC Datasheet HTML 5Page - Kemet Corporation C0805A120M2GAC Datasheet HTML 6Page - Kemet Corporation C0805A120M2GAC Datasheet HTML 7Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
20
RATINGS AND PART NUMBER REFERENCE
STYLE C1206 (continued)
RATINGS AND PART NUMBER REFERENCE
STYLE C1210
CAPACITANCE
KEMET
pF
PART NUMBER
200 VOLT - BP
68.0
C1206A680(1)2GA(2)
75.0
C1206A750(1)2GA(2)
82.0
C1206A820(1)2GA(2)
91.0
C1206A910(1)2GA(2)
100
C1206A101(1)2GA(2)
110
C1206A111(1)2GA(2)
120
C1206A121(1)2GA(2)
130
C1206A131(1)2GA(2)
150
C1206A151(1)2GA(2)
160
C1206A161(1)2GA(2)
180
C1206A181(1)2GA(2)
200
C1206A201(1)2GA(2)
220
C1206A221(1)2GA(2)
240
C1206A241(1)2GA(2)
270
C1206A271(1)2GA(2)
300
C1206A301(1)2GA(2)
330
C1206A331(1)2GA(2)
360
C1206A361(1)2GA(2)
390
C1206A391(1)2GA(2)
430
C1206A431(1)2GA(2)
470
C1206A471(1)2GA(2)
100 VOLT - BP
510
C1206A511(1)1GA(2)
560
C1206A561(1)1GA(2)
620
C1206A621(1)1GA(2)
680
C1206A681(1)1GA(2)
750
C1206A751(1)1GA(2)
820
C1206A821(1)1GA(2)
910
C1206A911(1)1GA(2)
1000
C1206A102(1)1GA(2)
1100
C1206A112(1)1GA(2)
1200
C1206A122(1)1GA(2)
1300
C1206A132(1)1GA(2)
1500
C1206A152(1)1GA(2)
1600
C1206A162(1)1GA(2)
CAPACITANCE
KEMET
pF
PART NUMBER
50 VOLT - BP
1800
C1206A182(1)5GA(2)
2000
C1206A202(1)5GA(2)
200 VOLT - BX
470
C1206A471(1)2XA(2)
560
C1206A561(1)2XA(2)
680
C1206A681(1)2XA(2)
820
C1206A821(1)2XA(2)
1000
C1206A102(1)2XA(2)
1200
C1206A122(1)2XA(2)
1500
C1206A152(1)2XA(2)
1800
C1206A182(1)2XA(2)
2200
C1206A222(1)2XA(2)
2700
C1206A272(1)2XA(2)
3300
C1206A332(1)2XA(2)
3900
C1206A392(1)2XA(2)
4700
C1206A472(1)2XA(2)
100 VOLT - BX
5600
C1206A562(1)1XA(2)
6800
C1206A682(1)1XA(2)
8200
C1206A822(1)1XA(2)
10,000
C1206A103(1)1XA(2)
12,000
C1206A123(1)1XA(2)
15,000
C1206A153(1)1XA(2)
50 VOLT - BX
18,000
C1206A183(1)5XA(2)
22,000
C1206A223(1)5XA(2)
27,000
C1206A273(1)5XA(2)
33,000
C1206A333(1)5XA(2)
39,000
C1206A393(1)5XA(2)
47,000
C1206A473(1)5XA(2)
CAPACITANCE
KEMET
pF
PART NUMBER
200 VOLT - BP
10.0
C1210A100(1)2GA(2)
11.0
C1210A110(1)2GA(2)
12.0
C1210A120(1)2GA(2)
13.0
C1210A130(1)2GA(2)
15.0
C1210A150(1)2GA(2)
16.0
C1210A160(1)2GA(2)
18.0
C1210A180(1)2GA(2)
20.0
C1210A200(1)2GA(2)
22.0
C1210A220(1)2GA(2)
24.0
C1210A240(1)2GA(2)
27.0
C1210A270(1)2GA(2)
30.0
C1210A300(1)2GA(2)
33.0
C1210A330(1)2GA(2)
36.0
C1210A360(1)2GA(2)
39.0
C1210A390(1)2GA(2)
43.0
C1210A430(1)2GA(2)
47.0
C1210A470(1)2GA(2)
51.0
C1210A510(1)2GA(2)
56.0
C1210A560(1)2GA(2)
62.0
C1210A620(1)2GA(2)
68.0
C1210A680(1)2GA(2)
75.0
C1210A750(1)2GA(2)
82.0
C1210A820(1)2GA(2)
91.0
C1210A910(1)2GA(2)
100
C1210A101(1)2GA(2)
110
C1210A111(1)2GA(2)
120
C1210A121(1)2GA(2)
CAPACITANCE
KEMET
pF
PART NUMBER
200 VOLT - BP
130
C1210A131(1)2GA(2)
150
C1210A151(1)2GA(2)
160
C1210A161(1)2GA(2)
180
C1210A181(1)2GA(2)
200
C1210A201(1)2GA(2)
220
C1210A221(1)2GA(2)
240
C1210A241(1)2GA(2)
270
C1210A271(1)2GA(2)
300
C1210A301(1)2GA(2)
330
C1210A331(1)2GA(2)
360
C1210A361(1)2GA(2)
390
C1210A391(1)2GA(2)
430
C1210A431(1)2GA(2)
470
C1210A471(1)2GA(2)
510
C1210A511(1)2GA(2)
560
C1210A561(1)2GA(2)
620
C1210A621(1)2GA(2)
680
C1210A681(1)2GA(2)
750
C1210A751(1)2GA(2)
820
C1210A821(1)2GA(2)
910
C1210A911(1)2GA(2)
1000
C1210A102(1)2GA(2)
(1) Complete KEMET part number by inserting capacitance tolerance, as applicable as
shown in ordering information on page 17.
BP CAPACITANCE TOLERANCE: ±1%, ±2%, ±5%, ±10%, ±20% (±0.5pF & ±0.25pF
tolerances available 1.0 thru 10pF only) TEMPERATURE CHARACTERISTIC “G”
BX CAPACITANCE TOLERANCE: ±5%, ±10%, ±20% TEMPERATURE
CHARACTERISTIC “X”
(2) Complete part number by inserting end Metallization, as applicable as shown in
ordering information on page 17.
C—Tin-Coated, Final (SolderGuard II)
H—Solder-Coated, Final (SolderGuard I)
CERAMIC CHIPS HIGH RELIABILITY
GR900 SERIES (BP/BX DIELECTRIC)


Similar Part No. - C0805A120M2GAC

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C0805A GENERAL-C0805A Datasheet
73Kb / 1P
   Computer Cable
More results

Similar Description - C0805A120M2GAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
CDR01BP101BKZM KEMET-CDR01BP101BKZM Datasheet
1Mb / 10P
   CAPACITOR OUTLINE DRAWINGS
C0805Z101K5GAL KEMET-C0805Z101K5GAL Datasheet
270Kb / 3P
   CAPACITOR OUTLINE DRAWINGS
CDR35BX474AKUS KEMET-CDR35BX474AKUS Datasheet
1Mb / 10P
   CAPACITOR OUTLINE DRAWINGS
C0805Z101K5GAH KEMET-C0805Z101K5GAH Datasheet
271Kb / 4P
   CAPACITOR OUTLINE DRAWINGS
logo
ITT Industries
040-0054-000 ITT-040-0054-000 Datasheet
93Kb / 1P
   CUSTOMER DRAWINGS CUPPTTING KPTO8PIO-24
logo
List of Unclassifed Man...
AD021-00E ETC2-AD021-00E Datasheet
159Kb / 12P
   Package Drawings and Specifications
OM1905NMM ETC-OM1905NMM Datasheet
26Kb / 4P
   HERMETIC SURFACE MOUNT FIXED VOLTAGE NEGATIVE REGULATORS APPROVED TO DESC DRAWINGS
logo
International Rectifier
OM1805NKM IRF-OM1805NKM Datasheet
34Kb / 4P
   HERMETIC TO-3 FIXED VOLTAGE REGULATORS APPROVED TO DESC DRAWINGS
logo
SYNC POWER Crop.
SOT-353 SYNC-POWER-SOT-353 Datasheet
30Kb / 1P
   OUTLINE
logo
List of Unclassifed Man...
TO-251 ETC2-TO-251 Datasheet
32Kb / 1P
   OUTLINE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com