Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B39771-B4069-U810 Datasheet(PDF) 3 Page - EPCOS

Part # B39771-B4069-U810
Description  SAW Components Low-Loss Filter 770,0 MHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B39771-B4069-U810 Datasheet(HTML) 3 Page - EPCOS

  B39771-B4069-U810 Datasheet HTML 1Page - EPCOS B39771-B4069-U810 Datasheet HTML 2Page - EPCOS B39771-B4069-U810 Datasheet HTML 3Page - EPCOS B39771-B4069-U810 Datasheet HTML 4Page - EPCOS B39771-B4069-U810 Datasheet HTML 5Page - EPCOS B39771-B4069-U810 Datasheet HTML 6Page - EPCOS B39771-B4069-U810 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Apr 2, 2003
SAW Components
B4069
770,0 MHz
Low-Loss Filter
Data Sheet
Characteristics
Operating temperature range:
TA = -20 ... +80 ˚C
Terminating source impedance:
ZS = 250 Ω ||125nH
Terminating load impedance:
ZL = 250 Ω ||125nH
Matching network (Simulated)
min.
typ.
max.
Nominal frequency
fN
770,0
MHz
Minimum insertion attenuation
α
min
1,7
3,5
dB
Amplitude ripple in passband (p-p)
∆α
fN ± 7,0 MHz
0,8
1,1
dB
fN ± 8,5 MHz
0,9
2,0
dB
Group delay ripple (p-p)
∆τ
fN ± 8,5 MHz
25
50
ns
Relative Attenuation (relative to
α
min)
α
rel
fN - 20,0 MHz
20
30
dB
fN + 20,0 MHz
15
23
dB
fN - 30,0 MHz
35
40
dB
fN + 30,0 MHz
25
32
dB
fN ± 40,0 MHz
40
60
dB
fN ± 60,0 MHz
45
63
dB
fN ± 80,0 MHz
45
68
dB
fN ±100,0 MHz
45
73
dB
fN ±120,0 MHz
50
70
dB
L
p2
L
p1
Lp1 = 125nH
Lp2 = 125nH


Similar Part No. - B39771-B4069-U810

ManufacturerPart #DatasheetDescription
logo
EPCOS
B39771B5117U410 EPCOS-B39771B5117U410 Datasheet
46Kb / 6P
   SAW RF filter Basestation
logo
TDK Electronics
B39771B5117U410 TDK-B39771B5117U410 Datasheet
64Kb / 7P
   SAW Components SAW RF filter
B39771B8528P810 TDK-B39771B8528P810 Datasheet
196Kb / 11P
   SAW Components SAW duplexer
B39771B8538P810 TDK-B39771B8538P810 Datasheet
189Kb / 11P
   SAW Components SAW duplexer
B39771B8540P810 TDK-B39771B8540P810 Datasheet
189Kb / 11P
   SAW Components SAW duplexer
More results

Similar Description - B39771-B4069-U810

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3853 EPCOS-B3853 Datasheet
85Kb / 7P
   SAW Components Low-Loss Filter Low-Loss Filter 141,0 MHz
B3640 EPCOS-B3640 Datasheet
72Kb / 6P
   SAW Components Low-loss Filter 238,0 MHz
B3829 EPCOS-B3829 Datasheet
67Kb / 6P
   SAW Components Low-loss Filter 87,0 MHz
B3588 EPCOS-B3588 Datasheet
61Kb / 5P
   SAW Components Low-loss Filter 915,00 MHz
B3607 EPCOS-B3607 Datasheet
71Kb / 6P
   SAW Components Low-loss Filter 140,00 MHz
B3841 EPCOS-B3841 Datasheet
68Kb / 6P
   SAW Components Low-Loss Filter 174,2 MHz
B3859 EPCOS-B3859 Datasheet
59Kb / 7P
   SAW Components Low-Loss Filter 937,0 MHz
B3665 EPCOS-B3665 Datasheet
69Kb / 6P
   SAW Components Low-loss Filter 380,00 MHz
B3893 EPCOS-B3893 Datasheet
61Kb / 5P
   SAW Components Low-Loss Filter 248,6 MHz
B3897 EPCOS-B3897 Datasheet
70Kb / 5P
   SAW Components Low-Loss Filter 70,00 MHz
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com