Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B3893 Datasheet(PDF) 3 Page - EPCOS

Part # B3893
Description  SAW Components Low-Loss Filter 248,6 MHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3893 Datasheet(HTML) 3 Page - EPCOS

  B3893 Datasheet HTML 1Page - EPCOS B3893 Datasheet HTML 2Page - EPCOS B3893 Datasheet HTML 3Page - EPCOS B3893 Datasheet HTML 4Page - EPCOS B3893 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Jul 16, 2004
SAW Components
B3893
248,6 MHz
Low-Loss Filter
Data Sheet
Characteristics
Operating temperature:
T
= -20 ˚C to 80 ˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 200 Ω
min.
typ.
max.
Nominal frequency
fN
248,6
MHz
Minimum insertion attenuation
α
min
(including losses in matching network)
1,3
3,5
dB
Passband width
α
rel ≤ 3,0 dB
B3,0dB
5,0
7,2
MHz
Amplitude ripple (p-p)
∆α
fN ± 120,0 kHz
0,2
0,5
dB
Group delay ripple (p-p)
∆τ
fN ± 120,0 kHz
30
100
ns
Relative attenuation (relative to
α
min)
α
rel
10,0 MHz
...
fN - 29,2 MHz
45
70
dB
@ fN + 22,80 MHz
45
60
dB
@ fN + 52,00 MHz
45
70
dB
@ fN + 74,80 MHz
45
70
dB
@ fN + 104,0 MHz
45
55
dB
@ fN + 126,8 MHz
45
70
dB
Temperature coefficient of frequency
TCf
–36
ppm/K


Similar Part No. - B3893

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3893 EPCOS-B3893 Datasheet
58Kb / 7P
   SAW IF filter GSM
B3893 EPCOS-B3893_1 Datasheet
58Kb / 7P
   SAW IF filter GSM
More results

Similar Description - B3893

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3892 EPCOS-B3892 Datasheet
63Kb / 6P
   SAW Components Low-Loss Filter 248,6 MHz
B3853 EPCOS-B3853 Datasheet
85Kb / 7P
   SAW Components Low-Loss Filter Low-Loss Filter 141,0 MHz
B3640 EPCOS-B3640 Datasheet
72Kb / 6P
   SAW Components Low-loss Filter 238,0 MHz
B3829 EPCOS-B3829 Datasheet
67Kb / 6P
   SAW Components Low-loss Filter 87,0 MHz
B3588 EPCOS-B3588 Datasheet
61Kb / 5P
   SAW Components Low-loss Filter 915,00 MHz
B3607 EPCOS-B3607 Datasheet
71Kb / 6P
   SAW Components Low-loss Filter 140,00 MHz
B3841 EPCOS-B3841 Datasheet
68Kb / 6P
   SAW Components Low-Loss Filter 174,2 MHz
B3859 EPCOS-B3859 Datasheet
59Kb / 7P
   SAW Components Low-Loss Filter 937,0 MHz
B3665 EPCOS-B3665 Datasheet
69Kb / 6P
   SAW Components Low-loss Filter 380,00 MHz
B3897 EPCOS-B3897 Datasheet
70Kb / 5P
   SAW Components Low-Loss Filter 70,00 MHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com