Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR16M2751 Datasheet(PDF) 8 Page - Exar Corporation

Part # XR16M2751
Description  HIGH PERFORMANCE DUART WITH 64-BYTE FIFO AND POWERSAVE
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16M2751 Datasheet(HTML) 8 Page - Exar Corporation

Back Button XR16M2751 Datasheet HTML 4Page - Exar Corporation XR16M2751 Datasheet HTML 5Page - Exar Corporation XR16M2751 Datasheet HTML 6Page - Exar Corporation XR16M2751 Datasheet HTML 7Page - Exar Corporation XR16M2751 Datasheet HTML 8Page - Exar Corporation XR16M2751 Datasheet HTML 9Page - Exar Corporation XR16M2751 Datasheet HTML 10Page - Exar Corporation XR16M2751 Datasheet HTML 11Page - Exar Corporation XR16M2751 Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
XR16M2751
PRELIMINARY
8
HIGH PERFORMANCE DUART WITH 64-BYTE FIFO AND POWERSAVE FEATURE
P1.0.0
2.0
FUNCTIONAL DESCRIPTIONS
2.1
CPU Interface
The CPU interface is 8 data bits wide with 3 address lines and control signals to execute data bus read and
write transactions. The M2751 data interface supports the Intel compatible types of CPUs and it is compatible
to the industry standard 16C550 UART. No clock (oscillator nor external clock) is required to operate a data
bus transaction. Each bus cycle is asynchronous using CSA/B#, IOR# and IOW# or CS#, R/W# and A3 inputs.
Both UART channels share the same data bus for host operations. A typical data bus interconnection for Intel
and Motorola mode is shown in Figure 3.
2.2
Device Reset
The RESET input resets the internal registers and the serial interface outputs in both channels to their default
state (see Table 17). An active high pulse of longer than 40 ns duration will be required to activate the reset
function in the device.
FIGURE 3. XR16M2751 TYPICAL INTEL/MOTOROLA DATA BUS INTERCONNECTIONS
VCC
VCC
OP2A#
DSRA#
CTSA#
RTSA#
DTRA#
RXA
TXA
RIA#
CDA#
OP2B#
DSRB#
CTSB#
RTSB#
DTRB#
RXB
TXB
RIB#
CDB#
GND
A0
A1
A2
UART_CSA#
UART_CSB#
IOR#
IOW #
D0
D1
D2
D3
D4
D5
D6
D7
A0
A1
A2
CSA#
CSB#
D0
D1
D2
D3
D4
D5
D6
D7
IOR#
IOW #
UART
Channel A
UART
Channel B
UART_INTB
UART_INTA
INTB
INTA
RXRDYA#
TXRDYA#
RXRDYA#
TXRDYA#
RXRDYB#
TXRDYB#
RXRDYB#
TXRDYB#
UART_RESET
RESET
Serial Interface of
RS-232, RS-485
Serial Interface of
RS-232, RS-485
2750_int
Intel Data Bus Interconnections
(no connect)
(no connect)
2.25 to 5.5 Volt VCC
VCC
OP2A#
DSRA#
CTSA#
RTSA#
DTRA#
RXA
TXA
RIA#
CDA#
OP2B#
DSRB#
CTSB#
RTSB#
DTRB#
RXB
TXB
RIB#
CDB#
GND
A0
A1
A2
UART_CS#
A3
R/W#
D0
D1
D2
D3
D4
D5
D6
D7
A0
A1
A2
CSA#
CSB#
D0
D1
D2
D3
D4
D5
D6
D7
IOR#
IOW#
UART
Channel A
UART
Channel B
UART_IRQ#
INTB
INTA
RXRDYA#
TXRDYA#
RXRDYA#
TXRDYA#
RXRDYB#
TXRDYB#
RXRDYB#
TXRDYB#
RESET#
RS-232 Serial Interface
RS-232 Serial Interface
Motorola Data Bus Interconnections
VCC
UART_RESET#
(no connect)
(no connect)
(no connect)
VCC


Similar Part No. - XR16M2751

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16M2751 EXAR-XR16M2751 Datasheet
1Mb / 53P
   1.62V TO 3.63V HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16M2751IM48 EXAR-XR16M2751IM48 Datasheet
1Mb / 53P
   1.62V TO 3.63V HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16M2751 EXAR-XR16M2751_07 Datasheet
1Mb / 53P
   1.62V TO 3.63V HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
More results

Similar Description - XR16M2751

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16V2751_0709 EXAR-XR16V2751_0709 Datasheet
1,016Kb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO AND POWERSAVE
XR16V2751 EXAR-XR16V2751_07 Datasheet
1,002Kb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO AND POWERSAVE
XR16V2751 EXAR-XR16V2751 Datasheet
998Kb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO AND POWERSAVE FEATURE
XR16V2651 EXAR-XR16V2651 Datasheet
960Kb / 51P
   HIGH PERFORMANCE DUART WITH 32-BYTE FIFO AND POWERSAVE
XR16V2651 EXAR-XR16V2651_07 Datasheet
1Mb / 51P
   HIGH PERFORMANCE DUART WITH 32-BYTE FIFO AND POWERSAVE
XR16V2551 EXAR-XR16V2551 Datasheet
965Kb / 51P
   HIGH PERFORMANCE DUART WITH 16-BYTE FIFO AND POWERSAVE FEATURE
XR16V2551 EXAR-XR16V2551_07 Datasheet
1Mb / 51P
   HIGH PERFORMANCE DUART WITH 16-BYTE FIFO AND POWERSAVE FEATURE
XR16M2651 EXAR-XR16M2651 Datasheet
1Mb / 51P
   HIGH PERFORMANCE DUART WITH 32-BYTE FIFO AND POWERSAVE FEATURE
XR16L2751 EXAR-XR16L2751 Datasheet
618Kb / 52P
   2.25V TO 5.5V DUART WITH 64-BYTE FIFO AND POWERSAVE
XR16V2750 EXAR-XR16V2750 Datasheet
990Kb / 51P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com