Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR16M2650IM48 Datasheet(PDF) 9 Page - Exar Corporation

Part # XR16M2650IM48
Description  HIGH PERFORMANCE LOW VOLTAGE DUART WITH 32-BYTE FIFO
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16M2650IM48 Datasheet(HTML) 9 Page - Exar Corporation

Back Button XR16M2650IM48 Datasheet HTML 5Page - Exar Corporation XR16M2650IM48 Datasheet HTML 6Page - Exar Corporation XR16M2650IM48 Datasheet HTML 7Page - Exar Corporation XR16M2650IM48 Datasheet HTML 8Page - Exar Corporation XR16M2650IM48 Datasheet HTML 9Page - Exar Corporation XR16M2650IM48 Datasheet HTML 10Page - Exar Corporation XR16M2650IM48 Datasheet HTML 11Page - Exar Corporation XR16M2650IM48 Datasheet HTML 12Page - Exar Corporation XR16M2650IM48 Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
XR16M2650
9
REV. 1.0.2
HIGH PERFORMANCE LOW VOLTAGE DUART WITH 32-BYTE FIFO
2.7
INTA and INTB Outputs
The INTA and INTB interrupt output changes according to the operating mode and enhanced features setup.
Table 3 and 4 summarize the operating behavior for the transmitter and receiver. Also see Figures 17
through 22.
2.8
Crystal Oscillator or External Clock Input
The M2650 includes an on-chip oscillator (XTAL1 and XTAL2) to produce a clock for both UART sections in the
device. The CPU data bus does not require this clock for bus operation. The crystal oscillator provides a
system clock to the Baud Rate Generators (BRG) section found in each of the UART. XTAL1 is the input to the
oscillator or external clock buffer input with XTAL2 pin being the output. For programming details, see
“Section 2.9, Programmable Baud Rate Generator with Fractional Divisor” on page 10.
FIGURE 4. TYPICAL CRYSTAL CONNECTIONS
TABLE 3: INTA AND INTB PINS OPERATION FOR TRANSMITTER
FCR BIT-0 = 0
(FIFO DISABLED)
FCR BIT-0 = 1 (FIFO ENABLED)
INTA/B Pin LOW = a byte in THR
HIGH = THR empty
LOW = FIFO above trigger level
HIGH = FIFO below trigger level or FIFO empty
INTA/B Pin LOW = a byte in THR
HIGH = transmitter empty
LOW = FIFO above trigger level
HIGH = FIFO below trigger level or transmitter empty
TABLE 4: INTA AND INTB PINS OPERATION FOR RECEIVER
FCR BIT-0 = 0
(FIFO DISABLED)
FCR BIT-0 = 1
(FIFO ENABLED)
INTA/B Pin LOW = no data
HIGH = 1 byte
LOW = FIFO below trigger level
HIGH = FIFO above trigger level
C1
22-47pF
C2
22-47pF
Y1
1.8432 MHz
to
24 MHz
R1
0-120
(Optional)
R2
500K - 1M
XTAL1
XTAL2


Similar Part No. - XR16M2650IM48

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16M2651 EXAR-XR16M2651 Datasheet
1Mb / 51P
   HIGH PERFORMANCE DUART WITH 32-BYTE FIFO AND POWERSAVE FEATURE
XR16M2651IL32 EXAR-XR16M2651IL32 Datasheet
1Mb / 51P
   HIGH PERFORMANCE DUART WITH 32-BYTE FIFO AND POWERSAVE FEATURE
XR16M2651IM48 EXAR-XR16M2651IM48 Datasheet
1Mb / 51P
   HIGH PERFORMANCE DUART WITH 32-BYTE FIFO AND POWERSAVE FEATURE
More results

Similar Description - XR16M2650IM48

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16V2652 EXAR-XR16V2652 Datasheet
932Kb / 48P
   HIGH PERFORMANCE DUART WITH 32-BYTE FIFO
XR16V2650 EXAR-XR16V2650 Datasheet
910Kb / 47P
   HIGH PERFORMANCE DUART WITH 32-BYTE FIFO
XR16V2652 EXAR-XR16V2652_07 Datasheet
1Mb / 48P
   HIGH PERFORMANCE DUART WITH 32-BYTE FIFO
XR16V2650 EXAR-XR16V2650_07 Datasheet
1,013Kb / 47P
   HIGH PERFORMANCE DUART WITH 32-BYTE FIFO
XR16M2550IL32-F EXAR-XR16M2550IL32-F Datasheet
1,023Kb / 47P
   HIGH PERFORMANCE LOW VOLTAGE DUART WITH 16-BYTE FIFO
XR16M2550 EXAR-XR16M2550 Datasheet
1,018Kb / 47P
   HIGH PERFORMANCE LOW VOLTAGE DUART WITH 16-BYTE FIFO
XR16V2651 EXAR-XR16V2651 Datasheet
960Kb / 51P
   HIGH PERFORMANCE DUART WITH 32-BYTE FIFO AND POWERSAVE
XR16V2651 EXAR-XR16V2651_07 Datasheet
1Mb / 51P
   HIGH PERFORMANCE DUART WITH 32-BYTE FIFO AND POWERSAVE
XR16V2550IL-0B EXAR-XR16V2550IL-0B Datasheet
972Kb / 46P
   HIGH PERFORMANCE DUART WITH 16-BYTE FIFO
XR16V2552 EXAR-XR16V2552_07 Datasheet
1Mb / 48P
   HIGH PERFORMANCE DUART WITH 16-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com