Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B3848 Datasheet(PDF) 3 Page - EPCOS

Part # B3848
Description  SAW Components Low-Loss Filter 208,0 MHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3848 Datasheet(HTML) 3 Page - EPCOS

  B3848 Datasheet HTML 1Page - EPCOS B3848 Datasheet HTML 2Page - EPCOS B3848 Datasheet HTML 3Page - EPCOS B3848 Datasheet HTML 4Page - EPCOS B3848 Datasheet HTML 5Page - EPCOS B3848 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Sep 02, 2003
SAW Components
B3848
208,0 MHz
Low-Loss Filter
Data Sheet
Characteristics
Operating temperature range:
T
= -10 .. 85 ˚C
Terminating source impedance:
ZS = 50 Ω and matching network
Terminating load impedance:
ZL =50 Ω and matching network
min.
typ.
max.
Nominal frequency
fN
208,0
MHz
Minimum insertion attenuation
α
min
6,5
7,5
dB
Pass bandwidth
α
rel ≤ 1,0 dB
B1dB
400
590
kHz
α
rel ≤ 3,0 dB
B3dB
850
kHz
Amplitude ripple (peak to adjacent valley)
fN ± 200 kHz
0,1
dB
Amplitude variation (p-p)
∆α
fN ± 200 kHz
0,5
1,0
dB
Absolute group delay
τ
@
fN
0,7
1,3
1,7
µs
Group delay ripple (p-p)
∆τ
fN ± 200 kHz
50
120
ns
Relative attenuation (relative to
α
min)
α
rel
fN ± 0,4 MHz
...
fN ± 0,6 MHz
0
2
dB
fN ± 0,6 MHz
...
fN ± 1,2 MHz
8
10
dB
fN ± 1,2 MHz
...
fN ± 1,8 MHz
20
30
dB
fN ± 1,8 MHz
...
fN ± 3,4 MHz
25
40
dB
fN ± 3,4 MHz
...
fN ± 6,0 MHz
34
50
dB
fN ± 6,0 MHz
...
fN ± 9,5 MHz
40
50
dB
fN ± 9,5 MHz
...
fN ± 13,0 MHz
43
60
dB
10,0 MHz
...
fN − 30,0 MHz
55
60
dB
fN − 30,0 MHz
...
fN − 13,0 MHz
50
55
dB
fN + 13,0 MHz
...
fN + 30,0 MHz
45
50
dB
fN + 30,0 MHz
...
450,0 MHz 1)
50
55
dB
VSWR (Input and output in pass band)
1,3
2,3


Similar Part No. - B3848

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3841 EPCOS-B3841 Datasheet
68Kb / 6P
   SAW Components Low-Loss Filter 174,2 MHz
logo
Cooper Bussmann, Inc.
B384104 COOPER-B384104 Datasheet
938Kb / 23P
   Single Row Terminal Blocks
logo
List of Unclassifed Man...
B3842 ETC-B3842 Datasheet
434Kb / 10P
   Current Mode PWM Controller
B3842A1P ETC-B3842A1P Datasheet
434Kb / 10P
   Current Mode PWM Controller
B3842AM ETC-B3842AM Datasheet
434Kb / 10P
   Current Mode PWM Controller
More results

Similar Description - B3848

ManufacturerPart #DatasheetDescription
logo
EPCOS
B5035 EPCOS-B5035 Datasheet
73Kb / 7P
   SAW Components Low-Loss Filter 208,0 MHz
B3646 EPCOS-B3646 Datasheet
60Kb / 5P
   SAW Components Low-loss Filter 208,0 MHz
B3817 EPCOS-B3817 Datasheet
67Kb / 7P
   SAW Components Low-loss Filter 208,0 MHz
B3853 EPCOS-B3853 Datasheet
85Kb / 7P
   SAW Components Low-Loss Filter Low-Loss Filter 141,0 MHz
B3640 EPCOS-B3640 Datasheet
72Kb / 6P
   SAW Components Low-loss Filter 238,0 MHz
B3829 EPCOS-B3829 Datasheet
67Kb / 6P
   SAW Components Low-loss Filter 87,0 MHz
B3588 EPCOS-B3588 Datasheet
61Kb / 5P
   SAW Components Low-loss Filter 915,00 MHz
B3607 EPCOS-B3607 Datasheet
71Kb / 6P
   SAW Components Low-loss Filter 140,00 MHz
B3841 EPCOS-B3841 Datasheet
68Kb / 6P
   SAW Components Low-Loss Filter 174,2 MHz
B3859 EPCOS-B3859 Datasheet
59Kb / 7P
   SAW Components Low-Loss Filter 937,0 MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com