Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR16M752IM48 Datasheet(PDF) 7 Page - Exar Corporation

Part # XR16M752IM48
Description  HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16M752IM48 Datasheet(HTML) 7 Page - Exar Corporation

Back Button XR16M752IM48 Datasheet HTML 3Page - Exar Corporation XR16M752IM48 Datasheet HTML 4Page - Exar Corporation XR16M752IM48 Datasheet HTML 5Page - Exar Corporation XR16M752IM48 Datasheet HTML 6Page - Exar Corporation XR16M752IM48 Datasheet HTML 7Page - Exar Corporation XR16M752IM48 Datasheet HTML 8Page - Exar Corporation XR16M752IM48 Datasheet HTML 9Page - Exar Corporation XR16M752IM48 Datasheet HTML 10Page - Exar Corporation XR16M752IM48 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 51 page
background image
XR16M752/XR68M752
7
REV. 1.0.2
HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
1.0 PRODUCT DESCRIPTION
The XR16M752/XR68M752 (M752) integrates the functions of 2 enhanced 16C550 Universal Asynchronous
Receiver and Transmitter (UART). Each UART is independently controlled having its own set of device
configuration registers. The configuration registers set is 16550 UART compatible for control, status and data
transfer. Additionally, each UART channel has 64-bytes of transmit and receive FIFOs, automatic RTS/CTS
hardware flow control, automatic Xon/Xoff and special character software flow control, programmable transmit
and receive FIFO trigger levels, infrared encoder and decoder (IrDA ver 1.0), programmable fractional baud
rate generator with a prescaler of divide by 1 or 4, and data rate up to 16 Mbps with 4X sampling clock rate.
The XR16M752 is a 1.62V to 3.63V device. The M752 is fabricated with an advanced CMOS process.
Enhanced Features
The M752 DUART provides a solution that supports 64 bytes of transmit and receive FIFO memory, instead of
16 bytes in the industry standard 16C550. The M752 is designed to work with low supply voltage and high
performance data communication systems, that require fast data processing time. Increased performance is
realized in the M752 by the larger transmit and receive FIFOs, FIFO trigger level control and automatic flow
control mechanism. This allows the external processor to handle more networking tasks within a given time.
For example, the 16C550 with a 16 byte FIFO, unloads 16 bytes of receive data in 1.53 ms (This example uses
a character length of 11 bits, including start/stop bits at 115.2 Kbps). This means the external CPU will have to
service the receive FIFO at 1.53 ms intervals. However with the 64 byte FIFO in the M752, the data buffer will
not require unloading/loading for 6.1 ms. This increases the service interval giving the external CPU additional
time for other applications and reducing the overall UART interrupt servicing time. In addition, the
programmable FIFO level trigger interrupt and automatic hardware/software flow control is uniquely provided
for maximum data throughput performance especially when operating in a multi-channel system. The
combination of the above greatly reduces the CPU’s bandwidth requirement, increases performance, and
reduces power consumption.
The M752 supports a half-duplex output direction control signaling pin, RTS# A/B, to enable and disable the
external RS-485 transceiver operation. It automatically switches the logic state of the output pin to the receive
state after the last stop-bit of the last character has been shifted out of the transmitter. After receiving, the logic
state of the output pin switches back to the transmit state when a data byte is loaded in the transmitter. The
auto RS-485 direction control pin is not activated after reset. To activate the direction control function, user has
to set DLD Bit-6 to “1”. This pin is HIGH for receive state and LOW for transmit state.
Data Rate
The M752 is capable of operation up to 16 Mbps at 3.3V with 4X internal sampling clock rate, 8 Mbps at 3.3V
with 8X sampling clock rate, and 4 Mbps at 3.3V with 16X internal sampling clock rate. The device can operate
with an external 24 MHz crystal on pins XTAL1 and XTAL2, or external clock source of up to 64 MHz on XTAL1
pin. With a typical crystal of 14.7456 MHz and through a software option, the user can set the prescaler bit for
data rates of up to 3.68 Mbps.
The rich feature set of the M752 is available through the internal registers. Automatic hardware/software flow
control, programmable transmit and receive FIFO trigger levels, programmable TX and RX baud rates, infrared
encoder/decoder interface, modem interface controls, and a sleep mode are all standard features.
Following a power on reset or an external reset, the M752 is software compatible with previous generation of
UARTs, 16C450, 16C550 and 16C2550.


Similar Part No. - XR16M752IM48

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16M752IM48 EXAR-XR16M752IM48 Datasheet
1Mb / 54P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
More results

Similar Description - XR16M752IM48

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16V2750 EXAR-XR16V2750 Datasheet
990Kb / 51P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16M752 EXAR-XR16M752_09 Datasheet
1Mb / 54P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16V2750_0709 EXAR-XR16V2750_0709 Datasheet
989Kb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16V2750 EXAR-XR16V2750_07 Datasheet
1Mb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16V2752 EXAR-XR16V2752 Datasheet
1,016Kb / 51P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16V2752 EXAR-XR16V2752_07 Datasheet
998Kb / 51P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16M2752 EXAR-XR16M2752 Datasheet
1,016Kb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16V2751_0709 EXAR-XR16V2751_0709 Datasheet
1,016Kb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO AND POWERSAVE
XR16M2751 EXAR-XR16M2751 Datasheet
1,023Kb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO AND POWERSAVE
XR16V2751 EXAR-XR16V2751_07 Datasheet
1,002Kb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO AND POWERSAVE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com