Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T497C225M006BH6115 Datasheet(PDF) 2 Page - Kemet Corporation

Part # T497C225M006BH6115
Description  HIGH GRADE COTS TANTALUM CHIPS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T497C225M006BH6115 Datasheet(HTML) 2 Page - Kemet Corporation

  T497C225M006BH6115 Datasheet HTML 1Page - Kemet Corporation T497C225M006BH6115 Datasheet HTML 2Page - Kemet Corporation T497C225M006BH6115 Datasheet HTML 3Page - Kemet Corporation T497C225M006BH6115 Datasheet HTML 4Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
T497 RATINGS & PART NUMBER REFERENCE
© KEMET Electronics Corporation P.O. Box 5928 Greenville, SC 29606 • (864) 963-6300 • www.kemet.com
Capacitance
μF
Case
Size
KEMET
Part Number
DC Leakage
VR (μA)
@ 25°C Max.
DF % @
+25°C
120 Hz
Max.
ESR
Ω
Ω @ +25°C
100 kHz
Max.
4 Volt Rating at 85°C (2.7 Volt Rating at 125°C)
4.7
A/1005
T497A475(1)004(2)(3)
1.0
6.0
12.0
4.7
B/1505
T497B475(1)004(2)(3)
1.0
6.0
8.0
15.0
B/1505
T497B156(1)004(2)(3)
1.0
8.0
8.0
33.0
D/1510
T497D336(1)004(2)(3)
2.0
8.0
4.0
33.0
F/2214
T497F336(1)004(2)(3)
2.0
8.0
2.2
68.0
E/2010
T497E686(1)004(2)(3)
3.0
8.0
3.0
68.0
F/2214
T497F686(1)004(2)(3)
3.0
6.0
2.0
68.0
G/2711
T497G686(1)004(2)(3)
3.0
10.0
1.1
100.0
H/2915
T497H107(1)004(2)(3)
4.0
10.0
0.9
6 Volt Rating at 85°C (4 Volt Rating at 125°C)
1.5
A/1005
T497A155(1)006(2)(3)
1.0
6.0
8.0
2.2
A/1005
T497A225(1)006(2)(3)
1.0
6.0
10.0
3.3
A/1005
T497A335(1)006(2)(3)
1.0
6.0
12.0
3.3
B/1505
T497B335(1)006(2)(3)
1.0
6.0
8.0
4.7
A/1005
T497A475(1)006(2)(3)
1.0
6.0
12.0
4.7
D/1510
T497D475(1)006(2)(3)
1.0
6.0
5.5
6.8
B/1505
T497B685(1)006(2)(3)
1.0
6.0
8.0
6.8
D/1510
T497D685(1)006(2)(3)
1.0
6.0
4.5
10.0
B/1505
T497B106(1)006(2)(3)
1.0
6.0
8.0
10.0
E/2010
T497E106(1)006(2)(3)
1.0
8.0
3.5
15.0
B/1505
T497B156(1)006(2)(3)
1.0
8.0
8.0
15.0
D/1510
T497D156(1)006(2)(3)
1.0
8.0
5.0
22.0
D/1510
T497D226(1)006(2)(3)
1.0
6.0
5.0
22.0
E/2010
T497E226(1)006(2)(3)
2.0
8.0
3.5
22.0
F/2214
T497F226(1)006(2)(3)
2.0
8.0
2.2
33.0
E/2010
T497E336(1)006(2)(3)
2.0
6.0
3.5
47.0
F/2214
T497F476(1)006(2)(3)
3.0
8.0
3.5
47.0
G/2711
T497G476(1)006(2)(3)
3.0
10.0
1.1
68.0
F/2214
T497F686(1)006(2)(3)
4.0
10.0
1.5
68.0
H/2915
T497H686(1)006(2)(3)
4.0
10.0
0.9
100.0
G/2711
T497G107(1)006(2)(3)
6.0
10.0
1.1
150.0
G/2711
T497G157(1)006(2)(3)
10.0
10.0
1.1
150.0
H/2915
T497H157(1)006(2)(3)
10.0
10.0
0.9
10 Volt Rating at 85°C (7 Volt Rating at 125°C)
0.47
A/1005
T497A474(1)010(2)(3)
1.0
6.0
10.0
1.0
A/1005
T497A105(1)010(2)(3)
1.0
6.0
10.0
1.5
A/1005
T497A155(1)010(2)(3)
1.0
6.0
10.0
2.2
A/1005
T497A225(1)010(2)(3)
1.0
6.0
12.0
2.2
B/1505
T497B225(1)010(2)(3)
1.0
6.0
8.0
3.3
A/1005
T497A335(1)010(2)(3)
1.0
6.0
12.0
3.3
B/1505
T497B335(1)010(2)(3)
1.0
6.0
10.0
4.7
B/1505
T497B475(1)010(2)(3)
1.0
6.0
8.0
4.7
D/1510
T497D475(1)010(2)(3)
1.0
6.0
4.5
6.8
B/1505
T497B685(1)010(2)(3)
1.0
6.0
8.0
6.8
D/1510
T497D685(1)010(2)(3)
1.0
6.0
5.0
6.8
E/2010
T497E685(1)010(2)(3)
1.0
6.0
3.5
10.0
B/1505
T497B106(1)010(2)(3)
1.0
8.0
8.0
10.0
D/1510
T497D106(1)010(2)(3)
1.0
6.0
4.0
10.0
E/2010
T497E106(1)010(2)(3)
1.0
6.0
3.5
15.0
D/1510
T497D156(1)010(2)(3)
2.0
6.0
5.0
15.0
E/2010
T497E156(1)010(2)(3)
2.0
8.0
3.0
15.0
F/2214
T497F156(1)010(2)(3)
2.0
8.0
2.5
22.0
D/1510
T497D226(1)010(2)(3)
2.0
6.0
4.0
22.0
E/2010
T497E226(1)010(2)(3)
3.0
8.0
2.0
22.0
F/2214
T497F226(1)010(2)(3)
3.0
8.0
1.5
22.0
G/2711
T497G226(1)010(2)(3)
3.0
8.0
1.5
33.0
F/2214
T497F336(1)010(2)(3)
3.0
8.0
1.5
33.0
G/2711
T497G336(1)010(2)(3)
3.0
10.0
1.1
47.0
F/2214
T497F476(1)010(2)(3)
4.0
10.0
1.5
47.0
G/2711
T497G476(1)010(2)(3)
4.0
10.0
1.0
47.0
H/2915
T497H476(1)010(2)(3)
5.0
10.0
0.9
68.0
G/2711
T497G686(1)010(2)(3)
6.0
10.0
1.1
100.0
G/2711
T497G107(1)010(2)(3)
10.0
10.0
1.1
100.0
H/2915
T497H107(1)010(2)(3)
10.0
10.0
0.9
150.0
H/2915
T497H157(1)010(2)(3)
15.0
10.0
0.9
(1) To complete KEMET part number, insert Capacitance Tolerance: K = ±10%; M = ±20%.
(2) To complete KEMET part number, insert Failure Rate: A - Not Applicable; B = 0.1%/1000 Hrs.; C = 0.01%/1000 Hrs.
(3) To complete KEMET part number, insert Lead Material: T = 100% Tin; B = Gold; H= SnPb.


Similar Part No. - T497C225M006BH6115

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T497F685K025BH6110 KEMET-T497F685K025BH6110 Datasheet
84Kb / 1P
   Tantalum, MnO2 Tantalum, COTS, T497_COTS, 6.8 uF, 10%, 25 V, 5634, SMD, MnO2, Molded, COTS, Medical, B (0.1%/1000Hrs), 3 Ohms, Height Max = 2.16mm
T497H106K035AH6110 KEMET-T497H106K035AH6110 Datasheet
84Kb / 1P
   Tantalum, MnO2 Tantalum, COTS, T497_COTS, 10 uF, 10%, 35 V, 7238, SMD, MnO2, Molded, COTS, Medical, A (Non-ER), 900mOhms, Height Max = 3.17mm
T497H475K050BH6110 KEMET-T497H475K050BH6110 Datasheet
84Kb / 1P
   Tantalum, MnO2 Tantalum, COTS, T497_COTS, 4.7 uF, 10%, 50 V, 7238, SMD, MnO2, Molded, COTS, Medical, B (0.1%/1000Hrs), 1.5 Ohms, 3.17mm
More results

Similar Description - T497C225M006BH6115

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TBMMULTIANODE AVX-TBMMULTIANODE Datasheet
137Kb / 3P
   Tantalum Ultra Low ESR COTS-Plus Weibull Grade & Space Level
TWAE407K100CBSZ0000 AVX-TWAE407K100CBSZ0000 Datasheet
126Kb / 5P
   COTS-Plus Wet Electrolytic Tantalum Capacitor
TWC AVX-TWC Datasheet
123Kb / 2P
   TWC-Y High Temperature Series COTS-Plus 200쨘C Wet Tantalum
logo
Kemet Corporation
TSP2D447M010AH6510D540 KEMET-TSP2D447M010AH6510D540 Datasheet
78Kb / 1P
   Tantalum, Polymer Tantalum, COTS, TSP, 440 uF, 20%, 10 V, 2D
T550B396M060AH KEMET-T550B396M060AH Datasheet
56Kb / 1P
   Tantalum, Polymer Tantalum, COTS, T550, 39 uF, 20%, 60 V, 160 mOhms
M550B377M075AA KEMET-M550B377M075AA Datasheet
58Kb / 1P
   Tantalum, Polymer Tantalum, COTS, M550, 370 uF, 20%, 75 V, 40 mOhms
T550B397M015AH KEMET-T550B397M015AH Datasheet
56Kb / 1P
   Tantalum, Polymer Tantalum, COTS, T550, 390 uF, 20%, 15 V, 90 mOhms
T550B206M060AH KEMET-T550B206M060AH Datasheet
56Kb / 1P
   Tantalum, Polymer Tantalum, COTS, T550, 20 uF, 20%, 60 V, 200 mOhms
logo
Ohmite Mfg. Co.
AMC OHMITE-AMC Datasheet
550Kb / 3P
   Thick Film Automotive Grade Chips
logo
Kemet Corporation
T543B106M025ATE100 KEMET-T543B106M025ATE100 Datasheet
82Kb / 1P
   Tantalum, Polymer Tantalum, COTS, T543_COTS, 10 uF, 20%, 25 V, 3528, SMD, Polymer, Molded, COTS, Up Screening, N/A, 100v
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com