Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR16M2550 Datasheet(PDF) 10 Page - Exar Corporation

Part # XR16M2550
Description  HIGH PERFORMANCE LOW VOLTAGE DUART WITH 16-BYTE FIFO
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16M2550 Datasheet(HTML) 10 Page - Exar Corporation

Back Button XR16M2550 Datasheet HTML 6Page - Exar Corporation XR16M2550 Datasheet HTML 7Page - Exar Corporation XR16M2550 Datasheet HTML 8Page - Exar Corporation XR16M2550 Datasheet HTML 9Page - Exar Corporation XR16M2550 Datasheet HTML 10Page - Exar Corporation XR16M2550 Datasheet HTML 11Page - Exar Corporation XR16M2550 Datasheet HTML 12Page - Exar Corporation XR16M2550 Datasheet HTML 13Page - Exar Corporation XR16M2550 Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 47 page
background image
XR16M2550
10
HIGH PERFORMANCE LOW VOLTAGE DUART WITH 16-BYTE FIFO
REV. 1.0.2
The on-chip oscillator is designed to use an industry standard microprocessor crystal (parallel resonant,
fundamental frequency with 10-22 pF capacitance load, ESR of 20-120 ohms and 100 ppm frequency
tolerance) connected externally between the XTAL1 and XTAL2 pins (see Figure 4). The programmable Baud
Rate Generator is capable of operating with a crystal oscillator frequency of up to 24 MHz. However, with an
external clock input on XTAL1 pin, it can extend its operation up to 64 MHz (16 Mbps serial data rate) at 3.3V
with an 4X sampling rate. For further reading on the oscillator circuit please see the Application Note DAN108
on the EXAR web site at http://www.exar.com.
2.9
Programmable Baud Rate Generator with Fractional Divisor
Each UART has its own Baud Rate Generator (BRG) with a prescaler for the transmitter and receiver. The
prescaler is controlled by a software bit in the MCR register. The MCR register bit-7 sets the prescaler to divide
the input crystal or external clock by 1 or 4. The output of the prescaler clocks to the BRG. The BRG further
divides this clock by a programmable divisor between 1 and (216 - 0.0625) in increments of 0.0625 (1/16) to
obtain a 16X or 8X or 4X sampling clock of the serial data rate. The sampling clock is used by the transmitter
for data bit shifting and receiver for data sampling. The BRG divisor (DLL, DLM and DLD registers) defaults to
the value of ’1’ (DLL = 0x01, DLM = 0x00 and DLD = 0x00) upon reset. Therefore, the BRG must be
programmed during initialization to the operating data rate. The DLL and DLM registers provide the integer part
of the divisor and the DLD register provides the fractional part of the divisor. Only the four lower bits of the DLD
are implemented and they are used to select a value from 0 (for setting 0000) to 0.9375 or 15/16 (for setting
1111). Programming the Baud Rate Generator Registers DLL, DLM and DLD provides the capability for
selecting the operating data rate. Table 5 shows the standard data rates available with a 24MHz crystal or
external clock at 16X clock rate. If the pre-scaler is used (MCR bit-7 = 1), the output data rate will be 4 times
less than that shown in Table 5. At 8X sampling rate, these data rates would double. And at 4X sampling rate,
they would quadruple. Also, when using 8X sampling mode, please note that the bit-time will have a jitter (+/- 1/
16) whenever the DLD is non-zero and is an odd number. When using a non-standard data rate crystal or
external clock, the divisor value can be calculated with the following equation(s):
The closest divisor that is obtainable in the M2550 can be calculated using the following formula:
In the formulas above, please note that:
TRUNC (N) = Integer Part of N. For example, TRUNC (5.6) = 5.
ROUND (N) = N rounded towards the closest integer. For example, ROUND (7.3) = 7 and ROUND (9.9) = 10.
A >> B indicates right shifting the value ’A’ by ’B’ number of bits. For example, 0x78A3 >> 8 = 0x0078.
Required Divisor (decimal)=(XTAL1 clock frequency / prescaler) /(serial data rate x 16), with 16X mode, DLD[5:4]=’00’
Required Divisor (decimal)= (XTAL1 clock frequency / prescaler / (serial data rate x 8), with 8X mode, DLD[5:4] = ’01’
Required Divisor (decimal)= (XTAL1 clock frequency / prescaler / (serial data rate x 4), with 4X mode, DLD[5:4] = ’10’
ROUND( (Required Divisor - TRUNC(Required Divisor) )*16)/16 + TRUNC(Required Divisor), where
DLM = TRUNC(Required Divisor) >> 8
DLL = TRUNC(Required Divisor) & 0xFF
DLD = ROUND( (Required Divisor-TRUNC(Required Divisor) )*16)


Similar Part No. - XR16M2550

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16M2550IL32-F EXAR-XR16M2550IL32-F Datasheet
1,023Kb / 47P
   HIGH PERFORMANCE LOW VOLTAGE DUART WITH 16-BYTE FIFO
More results

Similar Description - XR16M2550

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16M2550IL32-F EXAR-XR16M2550IL32-F Datasheet
1,023Kb / 47P
   HIGH PERFORMANCE LOW VOLTAGE DUART WITH 16-BYTE FIFO
XR16V2550IL-0B EXAR-XR16V2550IL-0B Datasheet
972Kb / 46P
   HIGH PERFORMANCE DUART WITH 16-BYTE FIFO
XR16V2552 EXAR-XR16V2552_07 Datasheet
1Mb / 48P
   HIGH PERFORMANCE DUART WITH 16-BYTE FIFO
XR16V2550 EXAR-XR16V2550 Datasheet
910Kb / 48P
   HIGH PERFORMANCE DUART WITH 16-BYTE FIFO
XR16V2550 EXAR-XR16V2550_07 Datasheet
1,015Kb / 48P
   HIGH PERFORMANCE DUART WITH 16-BYTE FIFO
XR16V2552 EXAR-XR16V2552 Datasheet
934Kb / 48P
   HIGH PERFORMANCE DUART WITH 16-BYTE FIFO
XR16L2550 EXAR-XR16L2550_07 Datasheet
886Kb / 46P
   LOW VOLTAGE DUART WITH 16-BYTE FIFO
XR16L2550IM-F EXAR-XR16L2550IM-F Datasheet
962Kb / 44P
   LOW VOLTAGE DUART WITH 16-BYTE FIFO
XR16L2550 EXAR-XR16L2550 Datasheet
278Kb / 45P
   LOW VOLTAGE DUART WITH 16-BYTE FIFO
XR16M2650 EXAR-XR16M2650 Datasheet
1Mb / 47P
   HIGH PERFORMANCE LOW VOLTAGE DUART WITH 32-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com