Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR16L2750IJ Datasheet(PDF) 8 Page - Exar Corporation

Part # XR16L2750IJ
Description  2.25V TO 5.5V DUART WITH 64-BYTE FIFO
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16L2750IJ Datasheet(HTML) 8 Page - Exar Corporation

Back Button XR16L2750IJ Datasheet HTML 4Page - Exar Corporation XR16L2750IJ Datasheet HTML 5Page - Exar Corporation XR16L2750IJ Datasheet HTML 6Page - Exar Corporation XR16L2750IJ Datasheet HTML 7Page - Exar Corporation XR16L2750IJ Datasheet HTML 8Page - Exar Corporation XR16L2750IJ Datasheet HTML 9Page - Exar Corporation XR16L2750IJ Datasheet HTML 10Page - Exar Corporation XR16L2750IJ Datasheet HTML 11Page - Exar Corporation XR16L2750IJ Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
XR16L2750
xr
2.25V TO 5.5V DUART WITH 64-BYTE FIFO
REV. 1.2.1
8
2.6
Channel A and B Internal Registers
Each UART channel in the 2750 has a set of enhanced registers for control, monitoring and data loading and
unloading. The configuration register set is compatible to those already available in the standard single
16C550 and dual ST16C2550. These registers function as data holding registers (THR/RHR), interrupt status
and control registers (ISR/IER), a FIFO control register (FCR), receive line status and control registers (LSR/
LCR), modem status and control registers (MSR/MCR), programmable data rate (clock) divisor registers (DLL/
DLM), and a user accessible Scratchpad Register (SPR).
Beyond the general 16C2550 features and capabilities, the 2750 offers enhanced feature registers (EMSR,
FLVL, EFR, Xon/Xoff 1, Xon/Xoff 2, FCTR, TRG, FC) that provide automatic RTS and CTS hardware flow
control, Xon/Xoff software flow control, automatic RS-485 half-duplex direction output enable/disable, FIFO
trigger level control, and FIFO level counters. All the register functions are discussed in full detail later in
“Section 3.0, UART INTERNAL REGISTERS” on page 20.
2.7
DMA Mode
The device does not support direct memory access. The DMA Mode (a legacy term) in this document doesn’t
mean “direct memory access” but refers to data block transfer operation. The DMA mode affects the state of
the RXRDY# A/B and TXRDY# A/B output pins. The transmit and receive FIFO trigger levels provide additional
flexibility to the user for block mode operation. The LSR bits 5-6 provide an indication when the transmitter is
empty or has an empty location(s) for more data. The user can optionally operate the transmit and receive
FIFO in the DMA mode (FCR bit-3=1). When the transmit and receive FIFO are enabled and the DMA mode is
disabled (FCR bit-3 = 0), the 2750 is placed in single-character mode for data transmit or receive operation.
When DMA mode is enabled (FCR bit-3 = 1), the user takes advantage of block mode operation by loading or
unloading the FIFO in a block sequence determined by the programmed trigger level. In this mode, the 2750
sets the TXRDY# pin when the transmit FIFO becomes full, and sets the RXRDY# pin when the receive FIFO
becomes empty. The following table shows their behavior. Also see Figures 18 through 23.
TABLE 1: CHANNEL A AND B SELECT
CSA#
CSB#
FUNCTION
1
1
UART de-selected
0
1
Channel A selected
1
0
Channel B selected
0
0
Channel A and B selected
TABLE 2: TXRDY# AND RXRDY# OUTPUTS IN FIFO AND DMA MODE
PINS
FCR BIT-0=0
(FIFO DISABLED)
FCR BIT-0=1 (FIFO ENABLED)
FCR Bit-3 = 0
(DMA Mode Disabled)
FCR Bit-3 = 1
(DMA Mode Enabled)
RXRDY# A/B LOW = 1 byte.
HIGH = no data.
LOW = at least 1 byte in FIFO.
HIGH = FIFO empty.
HIGH to LOW transition when FIFO reaches the
trigger level, or time-out occurs.
LOW to HIGH transition when FIFO empties.
TXRDY# A/B LOW = THR empty.
HIGH = byte in THR.
LOW = FIFO empty.
HIGH = at least 1 byte in FIFO.
LOW = FIFO has at least 1 empty location.
HIGH = FIFO is full.


Similar Part No. - XR16L2750IJ

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16L2750IJ EXAR-XR16L2750IJ Datasheet
602Kb / 49P
   2.25V TO 5.5V DUART WITH 64-BYTE FIFO
More results

Similar Description - XR16L2750IJ

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16L2752 EXAR-XR16L2752 Datasheet
806Kb / 49P
   2.25V TO 5.5V DUART WITH 64-BYTE FIFO
XR16L2750 EXAR-XR16L2750 Datasheet
602Kb / 49P
   2.25V TO 5.5V DUART WITH 64-BYTE FIFO
XR16L2751 EXAR-XR16L2751 Datasheet
618Kb / 52P
   2.25V TO 5.5V DUART WITH 64-BYTE FIFO AND POWERSAVE
XR16L2552IM-F EXAR-XR16L2552IM-F Datasheet
290Kb / 45P
   2.25V TO 5.5V DUART WITH 16-BYTE FIFO
XR16L2751 EXAR-XR16L2751_05 Datasheet
852Kb / 52P
   2.25V TO 5.5V DUART WITH 64-BYTE FIFO AND POWERSAVE
XR16L2552 EXAR-XR16L2552 Datasheet
748Kb / 47P
   2.25V TO 5.5V DUART WITH 16-BYTE FIFO
XRT16L2552 EXAR-XRT16L2552 Datasheet
749Kb / 47P
   2.25V TO 5.5V DUART WITH 16-BYTE FIFO
XR16L651 EXAR-XR16L651 Datasheet
632Kb / 56P
   2.25V TO 5.5V UART WITH 32-BYTE FIFO
XR16C2550 EXAR-XR16C2550_07 Datasheet
688Kb / 37P
   2.97V TO 5.5V DUART WITH 16-BYTE FIFO
ST16C2550 EXAR-ST16C2550_04 Datasheet
661Kb / 39P
   2.97V TO 5.5V DUART WITH 16-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com