Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR16L2750IJ Datasheet(PDF) 6 Page - Exar Corporation

Part # XR16L2750IJ
Description  2.25V TO 5.5V DUART WITH 64-BYTE FIFO
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16L2750IJ Datasheet(HTML) 6 Page - Exar Corporation

Back Button XR16L2750IJ Datasheet HTML 2Page - Exar Corporation XR16L2750IJ Datasheet HTML 3Page - Exar Corporation XR16L2750IJ Datasheet HTML 4Page - Exar Corporation XR16L2750IJ Datasheet HTML 5Page - Exar Corporation XR16L2750IJ Datasheet HTML 6Page - Exar Corporation XR16L2750IJ Datasheet HTML 7Page - Exar Corporation XR16L2750IJ Datasheet HTML 8Page - Exar Corporation XR16L2750IJ Datasheet HTML 9Page - Exar Corporation XR16L2750IJ Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
XR16L2750
xr
2.25V TO 5.5V DUART WITH 64-BYTE FIFO
REV. 1.2.1
6
1.0 PRODUCT DESCRIPTION
The XR16L2750 (2750) integrates the functions of 2 enhanced 16C550 Universal Asynchronous Receiver and
Transmitter (UART). Each UART is independently controlled having its own set of device configuration
registers. The configuration registers set is 16550 UART compatible for control, status and data transfer.
Additionally, each UART channel has 64-bytes of transmit and receive FIFOs, automatic RTS/CTS hardware
flow control with hysteresis control, automatic Xon/Xoff and special character software flow control,
programmable transmit and receive FIFO trigger levels, FIFO level counters, infrared encoder and decoder
(IrDA ver 1.0), programmable baud rate generator with a prescaler of divide by 1 or 4, and data rate up to 6.25
Mbps with 8X sampling clock rate or 3.125 Mbps in the 16X rate. The XR16L2750 is a 2.25 to 5.5V device with
5 volt tolerant inputs. The 2750 is fabricated with an advanced CMOS process.
Enhanced Features
The 2750 DUART provides a solution that supports 64 bytes of transmit and receive FIFO memory, instead of
128 bytes provided in the XR16C2850 and 16 bytes in the ST16C2550, or one byte in the ST16C2450. The
2750 is designed to work with low supply voltage and high performance data communication systems, that
require fast data processing time. Increased performance is realized in the 2750 by the larger transmit and
receive FIFOs, FIFO trigger level control, FIFO level counters and automatic flow control mechanism. This
allows the external processor to handle more networking tasks within a given time. For example, the
ST16C2550 with a 16 byte FIFO, unloads 16 bytes of receive data in 1.53 ms (This example uses a character
length of 11 bits, including start/stop bits at 115.2 Kbps). This means the external CPU will have to service the
receive FIFO at 1.53 ms intervals. However with the 64 byte FIFO in the 2750, the data buffer will not require
unloading/loading for 6.1 ms. This increases the service interval giving the external CPU additional time for
other applications and reducing the overall UART interrupt servicing time. In addition, the programmable FIFO
level trigger interrupt and automatic hardware/software flow control is uniquely provided for maximum data
throughput performance especially when operating in a multi-channel system. The combination of the above
greatly reduces the CPU’s bandwidth requirement, increases performance, and reduces power consumption.
The 2750 supports a half-duplex output direction control signaling pin, RTS# A/B, to enable and disable the
external RS-485 transceiver operation. It automatically switches the logic state of the output pin to the receive
state after the last stop-bit of the last character has been shifted out of the transmitter. After receiving, the logic
state of the output pin switches back to the transmit state when a data byte is loaded in the transmitter. The
auto RS-485 direction control pin is not activated after reset. To activate the direction control function, user has
to set FCTR Bit-3 to “1”. This pin is normally high for receive state, low for transmit state.
Data Rate
The 2750 is capable of operation up to 3.125 Mbps at 5V with 16X internal sampling clock rate, and 6.25 Mbps
at 5V with 8X sampling clock rate. The device can operate with an external 24 MHz crystal on pins XTAL1 and
XTAL2, or external clock source of up to 50 MHz on XTAL1 pin. With a typical crystal of 14.7456 MHz and
through a software option, the user can set the prescaler bit for data rates of up to 1.84 Mbps.
The rich feature set of the 2750 is available through the internal registers. Automatic hardware/software flow
control, selectable transmit and receive FIFO trigger levels, selectable TX and RX baud rates, infrared
encoder/decoder interface, modem interface controls, and a sleep mode are all standard features.
Following a power on reset or an external reset, the 2750 is software compatible with previous generation of
UARTs, 16C450, 16C550 and 16C650A as well as the 16C850.


Similar Part No. - XR16L2750IJ

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16L2750IJ EXAR-XR16L2750IJ Datasheet
602Kb / 49P
   2.25V TO 5.5V DUART WITH 64-BYTE FIFO
More results

Similar Description - XR16L2750IJ

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16L2752 EXAR-XR16L2752 Datasheet
806Kb / 49P
   2.25V TO 5.5V DUART WITH 64-BYTE FIFO
XR16L2750 EXAR-XR16L2750 Datasheet
602Kb / 49P
   2.25V TO 5.5V DUART WITH 64-BYTE FIFO
XR16L2751 EXAR-XR16L2751 Datasheet
618Kb / 52P
   2.25V TO 5.5V DUART WITH 64-BYTE FIFO AND POWERSAVE
XR16L2552IM-F EXAR-XR16L2552IM-F Datasheet
290Kb / 45P
   2.25V TO 5.5V DUART WITH 16-BYTE FIFO
XR16L2751 EXAR-XR16L2751_05 Datasheet
852Kb / 52P
   2.25V TO 5.5V DUART WITH 64-BYTE FIFO AND POWERSAVE
XR16L2552 EXAR-XR16L2552 Datasheet
748Kb / 47P
   2.25V TO 5.5V DUART WITH 16-BYTE FIFO
XRT16L2552 EXAR-XRT16L2552 Datasheet
749Kb / 47P
   2.25V TO 5.5V DUART WITH 16-BYTE FIFO
XR16L651 EXAR-XR16L651 Datasheet
632Kb / 56P
   2.25V TO 5.5V UART WITH 32-BYTE FIFO
XR16C2550 EXAR-XR16C2550_07 Datasheet
688Kb / 37P
   2.97V TO 5.5V DUART WITH 16-BYTE FIFO
ST16C2550 EXAR-ST16C2550_04 Datasheet
661Kb / 39P
   2.97V TO 5.5V DUART WITH 16-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com