Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR16L580IM Datasheet(PDF) 8 Page - Exar Corporation

Part # XR16L580IM
Description  SMALLEST 2.25V TO 5.5V UART WITH 16-BYTE FIFO AND POWERSAVE
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16L580IM Datasheet(HTML) 8 Page - Exar Corporation

Back Button XR16L580IM Datasheet HTML 4Page - Exar Corporation XR16L580IM Datasheet HTML 5Page - Exar Corporation XR16L580IM Datasheet HTML 6Page - Exar Corporation XR16L580IM Datasheet HTML 7Page - Exar Corporation XR16L580IM Datasheet HTML 8Page - Exar Corporation XR16L580IM Datasheet HTML 9Page - Exar Corporation XR16L580IM Datasheet HTML 10Page - Exar Corporation XR16L580IM Datasheet HTML 11Page - Exar Corporation XR16L580IM Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
XR16L580
8
SMALLEST 2.25V TO 5.5V UART WITH 16-BYTE FIFO AND POWERSAVE
REV. 1.4.1
2.0
FUNCTIONAL DESCRIPTIONS
2.1
CPU Interface
The CPU interface is 8 data bits wide with 3 address lines and control signals to execute data bus read and
write transactions. The L580 data interface supports the Intel compatible types of CPUs and it is compatible to
the industry standard 16C550 UART. No clock (oscillator nor external clock) is required to operate a data bus
transaction. Each bus cycle is asynchronous using CS#, IOR# and IOW# or R/W# inputs. A typical data bus
interconnection for Intel and Motorola mode is shown in Figure 4.
FIGURE 4. XR16L580 TYPICAL INTEL/MOTOROLA DATA BUS INTERCONNECTIONS
VCC
VCC
A0
A1
A2
UART_CS#
IOR#
IOW#
D0
D1
D2
D3
D4
D5
D6
D7
A0
A1
A2
CS#
D0
D1
D2
D3
D4
D5
D6
D7
IOR#
IOW#
UART_INT
INT
Serial Interface of
RS-232 or RS-422
Intel Data Bus Interconnections
GND
UART_RESET
RESET
16/68#
RI#
CD#
DSR#
CTS#
RTS#
DTR#
RX
TX
PwrSave
VCC
VCC
A0
A1
A2
UART_CS#
R/W#
D0
D1
D2
D3
D4
D5
D6
D7
A0
A1
A2
CS#
D0
D1
D2
D3
D4
D5
D6
D7
IOR#
IOW#
UART_IRQ#
INT
Serial Interface of
RS-232 or RS-422
Motorola Data Bus Interconnections
GND
UART_RESET#
RESET
RI#
CD#
DSR#
CTS#
RTS#
DTR#
RX
TX
PwrSave
VCC
16/68#


Similar Part No. - XR16L580IM

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16L580IM EXAR-XR16L580IM Datasheet
285Kb / 47P
   SMALLEST 2.25V TO 5.5V UART WITH 16-BYTE FIFO AND POWERSAVE
XR16L580IMF EXAR-XR16L580IMF Datasheet
164Kb / 1P
   Flammability rating of UL 94?륷0
More results

Similar Description - XR16L580IM

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16L580 EXAR-XR16L580 Datasheet
285Kb / 47P
   SMALLEST 2.25V TO 5.5V UART WITH 16-BYTE FIFO AND POWERSAVE
XR16L570 EXAR-XR16L570_07 Datasheet
887Kb / 47P
   SMALLEST 1.62V TO 5.5V UART WITH 16-BYTE FIFO AND POWERSAVE
XR16L570 EXAR-XR16L570 Datasheet
977Kb / 46P
   SMALLEST 1.62V TO 5.5V UART WITH 16-BYTE FIFO AND POWERSAVE
XR16L2751 EXAR-XR16L2751 Datasheet
618Kb / 52P
   2.25V TO 5.5V DUART WITH 64-BYTE FIFO AND POWERSAVE
XR16L2751 EXAR-XR16L2751_05 Datasheet
852Kb / 52P
   2.25V TO 5.5V DUART WITH 64-BYTE FIFO AND POWERSAVE
XR16L651 EXAR-XR16L651 Datasheet
632Kb / 56P
   2.25V TO 5.5V UART WITH 32-BYTE FIFO
XR16L2552IM-F EXAR-XR16L2552IM-F Datasheet
290Kb / 45P
   2.25V TO 5.5V DUART WITH 16-BYTE FIFO
XR16L2552 EXAR-XR16L2552 Datasheet
748Kb / 47P
   2.25V TO 5.5V DUART WITH 16-BYTE FIFO
XRT16L2552 EXAR-XRT16L2552 Datasheet
749Kb / 47P
   2.25V TO 5.5V DUART WITH 16-BYTE FIFO
XR16V554 EXAR-XR16V554 Datasheet
837Kb / 45P
   2.25V TO 3.6V QUAD UART WITH 16-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com