Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR16L580IL Datasheet(PDF) 11 Page - Exar Corporation

Part # XR16L580IL
Description  SMALLEST 2.25V TO 5.5V UART WITH 16-BYTE FIFO AND POWERSAVE
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16L580IL Datasheet(HTML) 11 Page - Exar Corporation

Back Button XR16L580IL Datasheet HTML 7Page - Exar Corporation XR16L580IL Datasheet HTML 8Page - Exar Corporation XR16L580IL Datasheet HTML 9Page - Exar Corporation XR16L580IL Datasheet HTML 10Page - Exar Corporation XR16L580IL Datasheet HTML 11Page - Exar Corporation XR16L580IL Datasheet HTML 12Page - Exar Corporation XR16L580IL Datasheet HTML 13Page - Exar Corporation XR16L580IL Datasheet HTML 14Page - Exar Corporation XR16L580IL Datasheet HTML 15Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
XR16L580
11
REV. 1.4.1
SMALLEST 2.25V TO 5.5V UART WITH 16-BYTE FIFO AND POWERSAVE
For further reading on the oscillator circuit please see the Application Note DAN108 on the EXAR web site at
http://www.exar.com.
2.9
Programmable Baud Rate Generator
The L580 UART has its own Baud Rate Generator (BRG) with a prescaler. The prescaler is controlled by a
software bit (bit-7) in the MCR register. This bit selects the prescaler to divide the input crystal or external clock
by a factor of 1 or 4. The clock output of the prescaler goes to the BRG. The BRG further divides this clock by
a programmable divisor (via DLL and DLM registers) between 1 and (216 -1) to obtain a 16X sampling rate
clock of the serial data rate. The sampling rate clock is used by the transmitter for data bit shifting and receiver
for data sampling. The BRG divisor defaults to the maximum baud rate (DLL = 0x01 and DLM = 0x00) upon
power up.
Programming the Baud Rate Generator Registers DLM and DLL provides the capability of selecting the
operating data rate.
Table 3 shows the standard data rates available with a 14.7456 MHz crystal or external
clock at 16X sampling rate clock rate. When using a non-standard data rate crystal or external clock, the
divisor value can be calculated for DLL/DLM with the following equation.
FIGURE 6. EXTERNAL CLOCK CONNECTION FOR EXTENDED DATA RATE
FIGURE 7. BAUD RATE GENERATOR AND PRESCALER
divisor (decimal) = (XTAL1 clock frequency / prescaler) / (serial data rate x 16)
2K
XTA L 1
XTA L 2
R1
VC C
E x te rnal C loc k
vcc
gnd
XTAL1
XTAL2
Crystal
Osc/
Buffer
MCR Bit-7=0
(default)
MCR Bit-7=1
DLL and DLM
Registers
Prescaler
Divide by 1
Prescaler
Divide by 4
16X
Sampling
Rate Clock to
Transmitter
Baud Rate
Generator
Logic


Similar Part No. - XR16L580IL

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16L580IL EXAR-XR16L580IL Datasheet
285Kb / 47P
   SMALLEST 2.25V TO 5.5V UART WITH 16-BYTE FIFO AND POWERSAVE
More results

Similar Description - XR16L580IL

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16L580 EXAR-XR16L580 Datasheet
285Kb / 47P
   SMALLEST 2.25V TO 5.5V UART WITH 16-BYTE FIFO AND POWERSAVE
XR16L570 EXAR-XR16L570_07 Datasheet
887Kb / 47P
   SMALLEST 1.62V TO 5.5V UART WITH 16-BYTE FIFO AND POWERSAVE
XR16L570 EXAR-XR16L570 Datasheet
977Kb / 46P
   SMALLEST 1.62V TO 5.5V UART WITH 16-BYTE FIFO AND POWERSAVE
XR16L2751 EXAR-XR16L2751 Datasheet
618Kb / 52P
   2.25V TO 5.5V DUART WITH 64-BYTE FIFO AND POWERSAVE
XR16L2751 EXAR-XR16L2751_05 Datasheet
852Kb / 52P
   2.25V TO 5.5V DUART WITH 64-BYTE FIFO AND POWERSAVE
XR16L651 EXAR-XR16L651 Datasheet
632Kb / 56P
   2.25V TO 5.5V UART WITH 32-BYTE FIFO
XR16L2552IM-F EXAR-XR16L2552IM-F Datasheet
290Kb / 45P
   2.25V TO 5.5V DUART WITH 16-BYTE FIFO
XR16L2552 EXAR-XR16L2552 Datasheet
748Kb / 47P
   2.25V TO 5.5V DUART WITH 16-BYTE FIFO
XRT16L2552 EXAR-XRT16L2552 Datasheet
749Kb / 47P
   2.25V TO 5.5V DUART WITH 16-BYTE FIFO
XR16V554 EXAR-XR16V554 Datasheet
837Kb / 45P
   2.25V TO 3.6V QUAD UART WITH 16-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com