Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR16L788 Datasheet(PDF) 9 Page - Exar Corporation

Part # XR16L788
Description  HIGH PERFORMANCE 2.97V TO 5.5V OCTAL UART
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16L788 Datasheet(HTML) 9 Page - Exar Corporation

Back Button XR16L788 Datasheet HTML 5Page - Exar Corporation XR16L788 Datasheet HTML 6Page - Exar Corporation XR16L788 Datasheet HTML 7Page - Exar Corporation XR16L788 Datasheet HTML 8Page - Exar Corporation XR16L788 Datasheet HTML 9Page - Exar Corporation XR16L788 Datasheet HTML 10Page - Exar Corporation XR16L788 Datasheet HTML 11Page - Exar Corporation XR16L788 Datasheet HTML 12Page - Exar Corporation XR16L788 Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 54 page
background image
xr
XR16L788
REV. 1.2.2
HIGH PERFORMANCE 2.97V TO 5.5V OCTAL UART
9
2.6
Programmable Baud Rate Generator
A single Baud Rate Generator (BRG) is provided for the transmitter and receiver, allowing independent TX/RX
channel control. The programmable Baud Rate Generator is capable of operating with a crystal frequency of
up to 24 MHz. However, with an external clock input on XTAL1 pin and a 2K ohms pull-up resistor on XTAL2
pin (as shown in Figure 4) it can extend its operation up to 50 MHz (3.125 Mbps serial data rate) at room
temperature and 5.0V.
FIGURE 4. EXTERNAL CLOCK CONNECTION FOR EXTENDED DATA RATE
Each UART has its own Baud Rate Generator (BRG) with a prescaler for the transmitter and receiver. The
prescaler is controlled by a software bit in the MCR register. The MCR register bit-7 sets the prescaler to divide
the input crystal or external clock by 1 or 4. The output of the prescaler clocks to the BRG. The BRG further
divides this clock by a programmable divisor between 1 and (216 -1) to obtain a 16X or 8X sampling clock of
the serial data rate. The sampling clock is used by the transmitter for data bit shifting and receiver for data
sampling. The BRG divisor (DLL and DLM registers) defaults to a random value upon power up. Therefore, the
BRG must be programmed during initialization to the operating data rate.
FIGURE 5. BAUD RATE GENERATOR
2K
XTAL1
XTAL2
R1
VCC
External Clock
vcc
gnd
XTAL1
XTAL2
Crystal
Osc/
Buffer
MCR Bit-7=0
(default)
MCR Bit-7=1
DLL and DLM
Registers
Prescaler
Divide by 1
Prescaler
Divide by 4
16X or 8X
Sampling
Rate Clock to
Transmitter
and Receiver
To Other
Channels
Baud Rate
Generator
Logic


Similar Part No. - XR16L788

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16L788 EXAR-XR16L788 Datasheet
557Kb / 42P
   HIGH PERFORMANCE OCTAL UART
XR16L788 EXAR-XR16L788 Datasheet
1Mb / 54P
   HIGH PERFORMANCE 2.97V TO 5.5V OCTAL UART
XR16L788 EXAR-XR16L788 Datasheet
1Mb / 54P
   HIGH PERFORMANCE 2.97V TO 5.5V OCTAL UART
XR16L788CQ EXAR-XR16L788CQ Datasheet
557Kb / 42P
   HIGH PERFORMANCE OCTAL UART
XR16L788CQ EXAR-XR16L788CQ Datasheet
1Mb / 54P
   HIGH PERFORMANCE 2.97V TO 5.5V OCTAL UART
More results

Similar Description - XR16L788

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16L788IQ-F EXAR-XR16L788IQ-F Datasheet
1Mb / 54P
   HIGH PERFORMANCE 2.97V TO 5.5V OCTAL UART
XR16L788CQ-F EXAR-XR16L788CQ-F Datasheet
1Mb / 54P
   HIGH PERFORMANCE 2.97V TO 5.5V OCTAL UART
XR16L788 EXAR-XR16L788_08 Datasheet
1Mb / 54P
   HIGH PERFORMANCE 2.97V TO 5.5V OCTAL UART
XR16L784 EXAR-XR16L784_08 Datasheet
1Mb / 51P
   HIGH PERFORMANCE 2.97V TO 5.5V QUAD UART
XR16L784CV-F EXAR-XR16L784CV-F Datasheet
1Mb / 51P
   HIGH PERFORMANCE 2.97V TO 5.5V QUAD UART
XR16L784 EXAR-XR16L784 Datasheet
625Kb / 52P
   HIGH PERFORMANCE 2.97V TO 5.5V QUAD UART
XR16L784 EXAR-XR16L784_05 Datasheet
873Kb / 52P
   HIGH PERFORMANCE 2.97V TO 5.5V QUAD UART
ST16C1450 EXAR-ST16C1450 Datasheet
355Kb / 32P
   2.97V TO 5.5V UART
ST16C1450 EXAR-ST16C1450_05 Datasheet
614Kb / 28P
   2.97V TO 5.5V UART
ST16C1550 EXAR-ST16C1550 Datasheet
428Kb / 37P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com