Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR16L580 Datasheet(PDF) 7 Page - Exar Corporation

Part # XR16L580
Description  SMALLEST 2.25V TO 5.5V UART WITH 16-BYTE FIFO AND POWERSAVE
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16L580 Datasheet(HTML) 7 Page - Exar Corporation

Back Button XR16L580 Datasheet HTML 3Page - Exar Corporation XR16L580 Datasheet HTML 4Page - Exar Corporation XR16L580 Datasheet HTML 5Page - Exar Corporation XR16L580 Datasheet HTML 6Page - Exar Corporation XR16L580 Datasheet HTML 7Page - Exar Corporation XR16L580 Datasheet HTML 8Page - Exar Corporation XR16L580 Datasheet HTML 9Page - Exar Corporation XR16L580 Datasheet HTML 10Page - Exar Corporation XR16L580 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
XR16L580
7
REV. 1.4.1
SMALLEST 2.25V TO 5.5V UART WITH 16-BYTE FIFO AND POWERSAVE
1.0
PRODUCT DESCRIPTION
The XR16L580 (L580) is an enhanced 16C550 Universal Asynchronous Receiver and Transmitter (UART). Its
features set is compatible to the ST16C580 device and additionally offers Intel or Motorola data bus interface
and Power-Save to isolate the data bus interface during Sleep mode. Hence, the L580 adds 2 more inputs: 16/
68# and PwrSave pins. The XR16L580 can operate from 2.25V to 5.5V with 5 volt tolerant inputs. The
configuration registers set is 16550 UART compatible for control, status and data transfer. Also, the L580 has
16-bytes of transmit and receive FIFOs, automatic RTS/CTS hardware flow control, automatic Xon/Xoff and
special character software flow control, transmit and receive FIFO trigger levels, infrared encoder and decoder
(IrDA ver 1.0), programmable baud rate generator with a prescaler of divide by 1 or 4. The L580 is fabricated
using an advanced CMOS process.
Enhanced Features
The L580 UART provides a solution that supports 16 bytes of transmit and receive FIFO memory. The L580 is
designed to work with low supply voltage and high performance data communication systems, that require fast
data processing time. Increased performance is realized in the L580 by the transmit and receive FIFOs, FIFO
trigger level controls and automatic flow control mechanism. This allows the external processor to handle more
networking tasks within a given time. This increases the service interval giving the external CPU additional time
for other applications and reducing the overall UART interrupt servicing time. In addition, the L580 provides the
Power-Save mode that drastically reduces the power consumption when the device is not used. The
combination of the above greatly reduces the CPU’s bandwidth requirement, increases performance, and
reduces power consumption.
Data Bus Interface, Intel or Motorola Type
The L580 provides a host interface that supports Intel or Motorola microprocessor (CPU) data bus interface.
The Intel bus compatible interface allows direct interconnect to Intel compatible type of CPUs using IOR#,
IOW# and CS# inputs for data bus operation. The Motorola bus compatible interface instead uses the R/W#
and CS# signals for data bus transactions. See pin description section for details on all the control signals. The
Intel and Motorola bus interface selection is made through the pin, 16/68#.
Data Rate
The L580 is capable of operation up to 3.125 Mbps at 5V, 2 Mbps at 3.3V and 1 Mbps at 2.5V supply with 16X
internal sampling clock rate. The device can operate with an external 24 MHz crystal on pins XTAL1 and
XTAL2, or external clock source of up to 50 MHz on XTAL1 pin. With a typical crystal of 14.7456 MHz, all
standard data rates of up to 921.6 kbps can be generated.
Internal Enhanced Register Sets
The L580 UART has a set of enhanced registers providing control and monitoring functions. Interrupt enable/
disable and status, FIFO enable/disable, selectable TX and RX FIFO trigger levels, automatic hardware/
software flow control enable/disable, programmable baud rates, infrared encoder/decoder enable/disable,
modem interface controls and status, sleep mode and Power-Save mode are all standard features. Following a
power on reset or an external reset (and operating in 16 or Intel Mode), the registers defaults to the reset
condition and its is compatible with previous generation of UARTs, 16C450, 16C550, 16C580, 16C650A and
16C850.


Similar Part No. - XR16L580

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16L580 EXAR-XR16L580 Datasheet
285Kb / 47P
   SMALLEST 2.25V TO 5.5V UART WITH 16-BYTE FIFO AND POWERSAVE
XR16L580IL EXAR-XR16L580IL Datasheet
285Kb / 47P
   SMALLEST 2.25V TO 5.5V UART WITH 16-BYTE FIFO AND POWERSAVE
XR16L580IM EXAR-XR16L580IM Datasheet
285Kb / 47P
   SMALLEST 2.25V TO 5.5V UART WITH 16-BYTE FIFO AND POWERSAVE
XR16L580IMF EXAR-XR16L580IMF Datasheet
164Kb / 1P
   Flammability rating of UL 94?륷0
More results

Similar Description - XR16L580

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16L580 EXAR-XR16L580 Datasheet
285Kb / 47P
   SMALLEST 2.25V TO 5.5V UART WITH 16-BYTE FIFO AND POWERSAVE
XR16L570 EXAR-XR16L570_07 Datasheet
887Kb / 47P
   SMALLEST 1.62V TO 5.5V UART WITH 16-BYTE FIFO AND POWERSAVE
XR16L570 EXAR-XR16L570 Datasheet
977Kb / 46P
   SMALLEST 1.62V TO 5.5V UART WITH 16-BYTE FIFO AND POWERSAVE
XR16L2751 EXAR-XR16L2751 Datasheet
618Kb / 52P
   2.25V TO 5.5V DUART WITH 64-BYTE FIFO AND POWERSAVE
XR16L2751 EXAR-XR16L2751_05 Datasheet
852Kb / 52P
   2.25V TO 5.5V DUART WITH 64-BYTE FIFO AND POWERSAVE
XR16L651 EXAR-XR16L651 Datasheet
632Kb / 56P
   2.25V TO 5.5V UART WITH 32-BYTE FIFO
XR16L2552IM-F EXAR-XR16L2552IM-F Datasheet
290Kb / 45P
   2.25V TO 5.5V DUART WITH 16-BYTE FIFO
XR16L2552 EXAR-XR16L2552 Datasheet
748Kb / 47P
   2.25V TO 5.5V DUART WITH 16-BYTE FIFO
XRT16L2552 EXAR-XRT16L2552 Datasheet
749Kb / 47P
   2.25V TO 5.5V DUART WITH 16-BYTE FIFO
XR16V554 EXAR-XR16V554 Datasheet
837Kb / 45P
   2.25V TO 3.6V QUAD UART WITH 16-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com