Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR16C2852CJ Datasheet(PDF) 11 Page - Exar Corporation

Part # XR16C2852CJ
Description  2.97V TO 5.5V DUAL UART WITH 128-BYTE FIFOS
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16C2852CJ Datasheet(HTML) 11 Page - Exar Corporation

Back Button XR16C2852CJ Datasheet HTML 7Page - Exar Corporation XR16C2852CJ Datasheet HTML 8Page - Exar Corporation XR16C2852CJ Datasheet HTML 9Page - Exar Corporation XR16C2852CJ Datasheet HTML 10Page - Exar Corporation XR16C2852CJ Datasheet HTML 11Page - Exar Corporation XR16C2852CJ Datasheet HTML 12Page - Exar Corporation XR16C2852CJ Datasheet HTML 13Page - Exar Corporation XR16C2852CJ Datasheet HTML 14Page - Exar Corporation XR16C2852CJ Datasheet HTML 15Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 51 page
background image
xr
XR16C2852
REV. 2.1.1
2.97V TO 5.5V DUAL UART WITH 128-BYTE FIFOS
11
divisor between 1 and (216 -1) to obtain a 16X sampling rate clock of the serial data rate. The sampling rate
clock is used by the transmitter for data bit shifting and receiver for data sampling.
Programming the Baud Rate Generator Registers DLM and DLL provides the capability of selecting the
operating data rate. Table 5 shows the standard data rates available with a 14.7456 MHz crystal or external
clock at 16X sampling rate clock rate. When using a non-standard data rate crystal or external clock, the
divisor value can be calculated for DLL/DLM with the following equation.
2.11
Transmitter
The transmitter section comprises of an 8-bit Transmit Shift Register (TSR) and 128 bytes of FIFO which
includes a byte-wide Transmit Holding Register (THR). TSR shifts out every data bit with the 16X internal
clock. A bit time is 16 clock periods. The transmitter sends the start-bit followed by the number of data bits,
inserts the proper parity-bit if enabled, and adds the stop-bit(s). The status of the FIFO and TSR are reported in
the Line Status Register (LSR bit-5 and bit-6).
FIGURE 6. BAUD RATE GENERATOR AND PRESCALER
divisor (decimal) = (XTAL1 clock frequency / prescaler) / (serial data rate x 16)
TABLE 5: TYPICAL DATA RATES WITH A 14.7456 MHZ CRYSTAL OR EXTERNAL CLOCK
OUTPUT Data Rate
MCR Bit-7=1
OUTPUT Data Rate
MCR Bit-7=0
(DEFAULT)
DIVISOR FOR 16x
Clock (Decimal)
DIVISOR FOR 16x
Clock (HEX)
DLM
PROGRAM
VALUE (HEX)
DLL
PROGRAM
VALUE (HEX)
DATA RATE
ERROR (%)
100
400
2304
900
09
00
0
600
2400
384
180
01
80
0
1200
4800
192
C0
00
C0
0
2400
9600
96
60
00
60
0
4800
19.2k
48
30
00
30
0
9600
38.4k
24
18
00
18
0
19.2k
76.8k
12
0C
00
0C
0
38.4k
153.6k
6
06
00
06
0
57.6k
230.4k
4
04
00
04
0
115.2k
460.8k
2
02
00
02
0
230.4k
921.6k
1
01
00
01
0
XTAL1
XTAL2
Crystal
Osc/
Buffer
MCR Bit-7=0
(default)
MCR Bit-7=1
DLL and DLM
Registers
Prescaler
Divide by 1
Prescaler
Divide by 4
16X
Sampling
Rate Clock to
Transmitter
Baud Rate
Generator
Logic


Similar Part No. - XR16C2852CJ

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16C2852CJ EXAR-XR16C2852CJ Datasheet
574Kb / 42P
   3.3V AND 5V DUART WITH 128-BYTE FIFO
More results

Similar Description - XR16C2852CJ

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16C2850CM-F EXAR-XR16C2850CM-F Datasheet
897Kb / 51P
   2.97V TO 5.5V DUAL UART WITH 128-BYTE FIFOS
XR16C2852IJ-F EXAR-XR16C2852IJ-F Datasheet
859Kb / 51P
   2.97V TO 5.5V DUAL UART WITH 128-BYTE FIFOS
XR16C2850IJ-F EXAR-XR16C2850IJ-F Datasheet
897Kb / 51P
   2.97V TO 5.5V DUAL UART WITH 128-BYTE FIFOS
XR16C2850 EXAR-XR16C2850_05 Datasheet
891Kb / 51P
   2.97V TO 5.5V DUAL UART WITH 128-BYTE FIFOS
XR16C850CM-F EXAR-XR16C850CM-F Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
XR16C850 EXAR-XR16C850_05 Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
XR16C864 EXAR-XR16C864 Datasheet
592Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
XRT16C854 EXAR-XRT16C854 Datasheet
1Mb / 54P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
XR16C864IQ-F EXAR-XR16C864IQ-F Datasheet
440Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
XR16C854D EXAR-XR16C854D Datasheet
689Kb / 54P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com