Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR16C2852 Datasheet(PDF) 3 Page - Exar Corporation

Part # XR16C2852
Description  2.97V TO 5.5V DUAL UART WITH 128-BYTE FIFOS
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16C2852 Datasheet(HTML) 3 Page - Exar Corporation

  XR16C2852_05 Datasheet HTML 1Page - Exar Corporation XR16C2852_05 Datasheet HTML 2Page - Exar Corporation XR16C2852_05 Datasheet HTML 3Page - Exar Corporation XR16C2852_05 Datasheet HTML 4Page - Exar Corporation XR16C2852_05 Datasheet HTML 5Page - Exar Corporation XR16C2852_05 Datasheet HTML 6Page - Exar Corporation XR16C2852_05 Datasheet HTML 7Page - Exar Corporation XR16C2852_05 Datasheet HTML 8Page - Exar Corporation XR16C2852_05 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 51 page
background image
xr
XR16C2852
REV. 2.1.1
2.97V TO 5.5V DUAL UART WITH 128-BYTE FIFOS
3
PIN DESCRIPTIONS
Pin Description
NAME
44-PLCC
PIN #
TYPE
DESCRIPTION
DATA BUS INTERFACE
A2
A1
A0
15
14
10
I
Address data lines [2:0]. These 3 address lines select one of the internal registers in
UART channel A/B during a data bus transaction.
D7
D6
D5
D4
D3
D2
D1
D0
9
8
7
6
5
4
3
2
I/O
Data bus lines [7:0] (bidirectional).
IOR#
24
I
Input/Output Read Strobe (active low). The falling edge instigates an internal read
cycle and retrieves the data byte from an internal register pointed to by the address
lines [A2:A0]. The data byte is placed on the data bus to allow the host processor to
read it on the rising edge.
IOW#
20
I
Input/Output Write Strobe (active low). The falling edge instigates an internal write
cycle and the rising edge transfers the data byte on the data bus to an internal regis-
ter pointed by the address lines.
CS#
18
I
UART chip select (active low). This function selects channel A or B in accordance
with the logical state of the CHSEL pin. This allows data to be transferred between the
user CPU and the 2852.
CHSEL
16
I
Channel Select - UART channel A or B is selected by the logical state of this pin when
the CS# pin is LOW. A LOW on the CHSEL selects the UART channel B while a HIGH
selects UART channel A. Normally, CHSEL could just be an address line from the
user CPU such as A4. Bit-0 of the Alternate Function Register (AFR) can temporarily
override CHSEL function, allowing the user to write to both channel register simulta-
neously with one write cycle when CS# is LOW. It is especially useful during the ini-
tialization routine.
INTA
34
O
UART channel A Interrupt output (active high). A logic high indicates channel A is
requesting for service. For more details, see
Figures 20- 25.
INTB
17
O
UART channel B Interrupt output (active high). A logic high indicates channel B is
requesting for service. For more details, see
Figures 20- 25.
TXRDYA#
1
O
UART channel A Transmitter Ready (active low). The output provides the TX
FIFO/THR status for transmit channel A. See Table 2 on page 9. If this output is
not used, leave it unconnected.
TXRDYB#
32
O
UART channel B Transmitter Ready (active low). The output provides the TX FIFO/
THR status for transmit channel B.
See Table 2 on page 9. If this output is not
used, leave it unconnected.
MODEM OR SERIAL I/O INTERFACE
TXA
38
O
UART channel A Transmit Data or infrared encoder data. Standard transmit and
receive interface is enabled when MCR[6] = 0. In this mode, the TX signal will be
HIGH during reset or idle (no data). Infrared IrDA transmit and receive interface is
enabled when MCR[6] = 1. In the Infrared mode, the inactive state (no data) for the
Infrared encoder/decoder interface is a logic 0. If this output is not used, leave it
unconnected.


Similar Part No. - XR16C2852_05

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16C2852CJ EXAR-XR16C2852CJ Datasheet
574Kb / 42P
   3.3V AND 5V DUART WITH 128-BYTE FIFO
XR16C2852IJ EXAR-XR16C2852IJ Datasheet
574Kb / 42P
   3.3V AND 5V DUART WITH 128-BYTE FIFO
XR16C2852IJ-F EXAR-XR16C2852IJ-F Datasheet
859Kb / 51P
   2.97V TO 5.5V DUAL UART WITH 128-BYTE FIFOS
More results

Similar Description - XR16C2852_05

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16C2850CM-F EXAR-XR16C2850CM-F Datasheet
897Kb / 51P
   2.97V TO 5.5V DUAL UART WITH 128-BYTE FIFOS
XR16C2852IJ-F EXAR-XR16C2852IJ-F Datasheet
859Kb / 51P
   2.97V TO 5.5V DUAL UART WITH 128-BYTE FIFOS
XR16C2850IJ-F EXAR-XR16C2850IJ-F Datasheet
897Kb / 51P
   2.97V TO 5.5V DUAL UART WITH 128-BYTE FIFOS
XR16C2850 EXAR-XR16C2850_05 Datasheet
891Kb / 51P
   2.97V TO 5.5V DUAL UART WITH 128-BYTE FIFOS
XR16C850CM-F EXAR-XR16C850CM-F Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
XR16C850 EXAR-XR16C850_05 Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
XR16C864 EXAR-XR16C864 Datasheet
592Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
XRT16C854 EXAR-XRT16C854 Datasheet
1Mb / 54P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
XR16C864IQ-F EXAR-XR16C864IQ-F Datasheet
440Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
XR16C854D EXAR-XR16C854D Datasheet
689Kb / 54P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com