Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C056G102F5G5CM Datasheet(PDF) 10 Page - Kemet Corporation

Part # C056G102F5G5CM
Description  CERAMIC MOLDED/AXIAL & RADIAL - MIL-PRF-20
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C056G102F5G5CM Datasheet(HTML) 10 Page - Kemet Corporation

Back Button C056G102F5G5CM Datasheet HTML 6Page - Kemet Corporation C056G102F5G5CM Datasheet HTML 7Page - Kemet Corporation C056G102F5G5CM Datasheet HTML 8Page - Kemet Corporation C056G102F5G5CM Datasheet HTML 9Page - Kemet Corporation C056G102F5G5CM Datasheet HTML 10Page - Kemet Corporation C056G102F5G5CM Datasheet HTML 11Page - Kemet Corporation C056G102F5G5CM Datasheet HTML 12Page - Kemet Corporation C056G102F5G5CM Datasheet HTML 13Page - Kemet Corporation C056G102F5G5CM Datasheet HTML 14Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
8
CC(R) 75, 76
TEMPERATURE CHARACTERISTIC
Capacitance Change With Temp.
Measured
Measured
Without
With Bias
KEMET
Military
EIA
Temp.
DC Bias
(Rated
Designator Equivalent
Equivalent
Range,
°C
Voltage
Voltage)
G
*CG
C0G
-55 to
±30
±30
(Ultra
(See below)
(NPO)
+125
ppm/
°C*
ppm/
°C*
Stable)
*CASE SIZES
RADIAL
AXIAL
C052
C114
C056
C124
C062
C192
C066
C202
C512
C222
C522
J
102
052
C
5
G
R
G
1
C
CERAMIC
*CASE SIZE
(See Table Below)
SPECIFICATION
Military
G — MIL-PRF-20
CAPACITANCE
In picofarad code: First two digits are significant
figures and third is number of zeroes following
(except 9 indicates division by 10). Examples:
0.1
F = 100,000 pF = 104 and 9.1 pF = 919.
See tables for Standard Values.
FAILURE RATE
INTERNAL CONSTRUCTION
CAPACITANCE TOLERANCE
Standard
K—
±10%
J—
±5%
A — Not Applicable (Std.)
M — 1.0%
P — 0.1%
R — 0.01%
S — 0.001%
LEAD MATERIAL
C — Standard
5 — Standard
WORKING
VOLTAGE
1 — 100
2 — 200
5—
50
Others
G—
±2%
C —
±0.25 pF
F—
±1%
D —
±0.5 pF
B—
±0.1 pF
Standard tolerances for each Series are
shown in the repetitive parts lists.
*CH —
±60 ppm/°C 8.2 pF-18.0 pF.
*CJ —
±120 ppm/°C 4.3 pF-7.5 pF.
*CK —
±250 ppm/°C 2.2 pF-3.9 pF
*CX — not measurable 0.1 pF-2.0 pF.
**
**Part Number Example: C052G102J1G5CR (14 digits – no spaces)
ORDERING INFORMATION
CAPACITOR MARKING
JCK
2R2
CM5
11AK
“J” Brand (CCR only), Temperature Characteristic
Capacitance
Capacitance Tolerance, Failure Rate (CCR only),
Year Code
Lot Code, Trademark (K)
CCR0
5CH1
00FR
FRONT
CC(R) 05
Military Designation (Type, Temperature Characteristic,
Capacitance, Tolerance, Failure Rate)
** For the standoff style, a “V” is added after the
failure rate, or last character.
0504
AJ3
1433
REAR
Date Code
Lot Code, “J” Brand (CCR only),
FSCM (Federal Source Code)
CCR77C
G102JM
J31433
0504A
Military Designation (Type, Temperature Characteristic,
Capacitance, Tolerance, Failure Rate)
“J” Brand (CCR only), FSCM (Federal Source Code)
Date/Lot Code
CC(R) 77
CCR78CG
103FR
JAN K
31433
100V
0504A
Military Designation (Type, Temperature Characteristic,
Capacitance, Tolerance, Failure Rate)
“JAN” Brand (CCR only), Trademark (K)
FSCM (Federal Source Code)
Voltage
Date/Lot Code
CC(R) 78
CCR79CG
103KM
JAN K
31433
200V
0504A
Military Designation (Type, Temperature Characteristic,
Capacitance, Tolerance, Failure Rate)
“JAN” Brand (CCR only), Trademark
FSCM (Federal Source Code)
Voltage
Date/Lot Code
CC(R) 79
CCR06
CG102
JS
FRONT
CC(R) 06
Military Designation (Type, Temperature Characteristic,
Capacitance, Tolerance, Failure Rate)
** For the standoff style, a “V” is added after the
failure rate, or last character.
0504A
J100V
31433
REAR
Date/LotCode
“J” Brand (CCR only), Voltage
FSCM (Federal Source Code)
CCR07CG
472KM
JAN KEMET
31433
200V 0504A
Military Designation (Type, Temperature Characteristic,
Capacitance, Tolerance, Failure Rate)
“JAN” Brand, Trademark
FSCM (Federal Source Code)
Voltage, Date/Lot Code
CC(R) 07
CCR08CG
472KM
JAN KEMET
31433
200V 0509A
Military Designation (Type, Temperature Characteristic,
Capacitance, Tolerance, Failure Rate)
“JAN” Brand, Trademark
FSCM (Federal Source Code)
Voltage, Date/Lot Code
CC(R) 08
CERAMIC MOLDED/AXIAL & RADIAL - MIL-PRF-20


Similar Part No. - C056G102F5G5CM

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C056G102F5G5CM KEMET-C056G102F5G5CM Datasheet
580Kb / 40P
   MILITARY SPECIFCATIONS ON BACK
More results

Similar Description - C056G102F5G5CM

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
CCR06CG103FRV AVX-CCR06CG103FRV Datasheet
161Kb / 6P
   MIL-PRF-20/Radial Leads
logo
Kemet Corporation
T322B225K020AS KEMET-T322B225K020AS Datasheet
197Kb / 19P
   TANTALUM MOLDED / AXIAL ??MIL-PRF-49137/1&5
T322A104K035AT KEMET-T322A104K035AT Datasheet
197Kb / 19P
   TANTALUM MOLDED / AXIAL ??MIL-PRF-49137/1&5
T322E156K035AS KEMET-T322E156K035AS Datasheet
197Kb / 19P
   TANTALUM MOLDED / AXIAL . MIL-PRF-49137/1&5
logo
AVX Corporation
MIL-PRF-39014 AVX-MIL-PRF-39014 Datasheet
545Kb / 14P
   MIL-PRF-39014/Radial Leads
CKR22BX104KM AVX-CKR22BX104KM Datasheet
542Kb / 14P
   MIL-PRF-39014/Radial Leads
CKR05BX103KRV AVX-CKR05BX103KRV Datasheet
542Kb / 14P
   MIL-PRF-39014/Radial Leads
logo
Kemet Corporation
C1141100K1X5C2 KEMET-C1141100K1X5C2 Datasheet
163Kb / 10P
   CERAMIC MOLDED AXIAL & RADIAL
C114G10922G5C1 KEMET-C114G10922G5C1 Datasheet
166Kb / 10P
   CERAMIC MOLDED AXIAL & RADIAL
logo
AVX Corporation
M39014-22-0776 AVX-M39014-22-0776 Datasheet
542Kb / 14P
   MIL-PRF-39014/Radial Leads
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com