Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST16C2552CJ44 Datasheet(PDF) 9 Page - Exar Corporation

Part # ST16C2552CJ44
Description  2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C2552CJ44 Datasheet(HTML) 9 Page - Exar Corporation

Back Button ST16C2552CJ44 Datasheet HTML 5Page - Exar Corporation ST16C2552CJ44 Datasheet HTML 6Page - Exar Corporation ST16C2552CJ44 Datasheet HTML 7Page - Exar Corporation ST16C2552CJ44 Datasheet HTML 8Page - Exar Corporation ST16C2552CJ44 Datasheet HTML 9Page - Exar Corporation ST16C2552CJ44 Datasheet HTML 10Page - Exar Corporation ST16C2552CJ44 Datasheet HTML 11Page - Exar Corporation ST16C2552CJ44 Datasheet HTML 12Page - Exar Corporation ST16C2552CJ44 Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
ST16C2552
9
REV. 4.2.1
2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
2.7
INTA and INTB Ouputs
The INTA and INTB interrupt outputs change according to the operating mode and enahnced features setup.
Tables 3 and 4 summarize the operating behavior for the transmitter and receiver. Also see Figures 16
through 21.
2.8
Crystal Oscillator or Ext. Clock Input
The 2552 includes an on-chip oscillator (XTAL1 and XTAL2) to produce a clock for both UART sections in the
device. The CPU data bus does not require this clock for bus operation. The crystal oscillator provides a
system clock to the Baud Rate Generators (BRG) section found in each of the UART. XTAL1 is the input to the
oscillator or external clock buffer input with XTAL2 pin being the output. SEE”PROGRAMMABLE BAUD
RATE GENERATOR” ON PAGE 10.
FIGURE 4. TYPICAL OSCILLATOR CONNECTIONS
The on-chip oscillator is designed to use an industry standard microprocessor crystal (parallel resonant,
fundamental frequency with 10-22 pF capacitance load, ESR of 20-120 ohms and 100ppm frequency
tolerance) connected externally between the XTAL1 and XTAL2 pins (see Figure 2), with an external 500k
Ω to
1 M
Ω resistor across it. Alternatively, an external clock can be connected to the XTAL1 pin to clock the internal
baud rate generator for standard or custom rates. Typical oscillator connections are shown in Figure 4. For
further reading on oscillator circuit please see application note DAN108 on EXAR’s web site.
TABLE 3: INTA AND INTB PINS OPERATION FOR TRANSMITTER
FCR BIT-0 = 0
(FIFO DISABLED)
FCR BIT-0 = 1
(FIFO ENABLED)
INTA/B Pin
0 = a byte in THR
1 = THR empty
0 = at least 1 byte in FIFO
1 = FIFO empty
TABLE 4: INTA AND INTB PIN OPERATION FOR RECEIVER
FCR BIT-0 = 0
(FIFO DISABLED)
FCR BIT-0 = 1
(FIFO ENABLED)
INTA/B Pin
0 = no data
1 = 1 byte
0 = FIFO below trigger level
1 = FIFO above trigger level
C1
22-47 pF
C2
22-47 pF
Y1
1.8432 MHz
to
24 MHz
R1
0-120
(Optional)
R2
500ΚΩ−1ΜΩ
XTAL1
XTAL2


Similar Part No. - ST16C2552CJ44

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST16C2552CJ44 EXAR-ST16C2552CJ44 Datasheet
121Kb / 28P
   DUAL ASYNCHRONOUS RECEIVER/TRANSMITTER WITH FIFOs
ST16C2552CJ44-F EXAR-ST16C2552CJ44-F Datasheet
760Kb / 34P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
More results

Similar Description - ST16C2552CJ44

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST16C2552CJ44-F EXAR-ST16C2552CJ44-F Datasheet
760Kb / 34P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
ST16C2552 EXAR-ST16C2552 Datasheet
375Kb / 35P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
ST16C1550 EXAR-ST16C1550 Datasheet
428Kb / 37P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
ST16C1550 EXAR-ST16C1550_05 Datasheet
742Kb / 36P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
XR16C2552 EXAR-XR16C2552 Datasheet
785Kb / 36P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
ST16C554DCJ68-F EXAR-ST16C554DCJ68-F Datasheet
761Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
ST16C554DIQ64-F EXAR-ST16C554DIQ64-F Datasheet
761Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
ST16C554 EXAR-ST16C554 Datasheet
757Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
XR16C850CM-F EXAR-XR16C850CM-F Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
XR16C850 EXAR-XR16C850_05 Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com