Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST16C2552 Datasheet(PDF) 11 Page - Exar Corporation

Part # ST16C2552
Description  2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C2552 Datasheet(HTML) 11 Page - Exar Corporation

Back Button ST16C2552 Datasheet HTML 7Page - Exar Corporation ST16C2552 Datasheet HTML 8Page - Exar Corporation ST16C2552 Datasheet HTML 9Page - Exar Corporation ST16C2552 Datasheet HTML 10Page - Exar Corporation ST16C2552 Datasheet HTML 11Page - Exar Corporation ST16C2552 Datasheet HTML 12Page - Exar Corporation ST16C2552 Datasheet HTML 13Page - Exar Corporation ST16C2552 Datasheet HTML 14Page - Exar Corporation ST16C2552 Datasheet HTML 15Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
ST16C2552
11
REV. 4.2.1
2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
Table 5 shows the standard data rates available with a 14.7456 MHz crystal or external clock at 16X sampling
rate. When using a non-standard frequency crystal or external clock, the divisor value can be calculated for
DLL/DLM with the following equation.
2.10
Transmitter
The transmitter section comprises of an 8-bit Transmit Shift Register (TSR) and 16 bytes of FIFO which
includes a byte-wide Transmit Holding Register (THR). TSR shifts out every data bit with the 16X internal
clock. A bit time is 16 clock periods. The transmitter sends the start-bit followed by the number of data bits,
inserts the proper parity-bit if enabled, and adds the stop-bit(s). The status of the FIFO and TSR are reported in
the Line Status Register (LSR bit-5 and bit-6).
2.10.1
Transmit Holding Register (THR) - Write Only
The transmit holding register is an 8-bit register providing a data interface to the host processor. The host
writes transmit data byte to the THR to be converted into a serial data stream including start-bit, data bits,
parity-bit and stop-bit(s). The least-significant-bit (Bit-0) becomes first data bit to go out. The THR is the input
register to the transmit FIFO of 16 bytes when FIFO operation is enabled by FCR bit-0. Every time a write
operation is made to the THR, the FIFO data pointer is automatically bumped to the next sequential data
location.
2.10.2
Transmitter Operation in non-FIFO Mode
The host loads transmit data to THR one character at a time. The THR empty flag (LSR bit-5) is set when the
data byte is transferred to TSR. THR flag can generate a transmit empty interrupt (ISR bit-1) when it is enabled
by IER bit-1. The TSR flag (LSR bit-6) is set when TSR becomes completely empty.
divisor (decimal) = (XTAL1 or External clock frequency ) / (serial data rate x 16)
TABLE 5: TYPICAL DATA RATES WITH A 14.7456 MHZ CRYSTAL OR EXTERNAL CLOCK
OUTPUT Data Rate
MCR Bit-7=0
DIVISOR FOR 16x
Clock (Decimal)
DIVISOR FOR 16x
Clock (HEX)
DLM PROGRAM
VALUE (HEX)
DLL PROGRAM
VALUE (HEX)
DATA RATE
ERROR (%)
400
2304
900
09
00
0
2400
384
180
01
80
0
4800
192
C0
00
C0
0
9600
96
60
00
60
0
19.2k
48
30
00
30
0
38.4k
24
18
00
18
0
76.8k
12
0C
00
0C
0
153.6k
6
06
00
06
0
230.4k
4
04
00
04
0
460.8k
2
02
00
02
0
921.6k
1
01
00
01
0


Similar Part No. - ST16C2552

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST16C2552 EXAR-ST16C2552 Datasheet
375Kb / 35P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
ST16C2552CJ EXAR-ST16C2552CJ Datasheet
375Kb / 35P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
ST16C2552CJ44 EXAR-ST16C2552CJ44 Datasheet
121Kb / 28P
   DUAL ASYNCHRONOUS RECEIVER/TRANSMITTER WITH FIFOs
ST16C2552CJ44-F EXAR-ST16C2552CJ44-F Datasheet
760Kb / 34P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
ST16C2552IJ EXAR-ST16C2552IJ Datasheet
375Kb / 35P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
More results

Similar Description - ST16C2552

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST16C2552CJ44-F EXAR-ST16C2552CJ44-F Datasheet
760Kb / 34P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
ST16C2552 EXAR-ST16C2552 Datasheet
375Kb / 35P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
ST16C1550 EXAR-ST16C1550 Datasheet
428Kb / 37P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
ST16C1550 EXAR-ST16C1550_05 Datasheet
742Kb / 36P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
XR16C2552 EXAR-XR16C2552 Datasheet
785Kb / 36P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
ST16C554DCJ68-F EXAR-ST16C554DCJ68-F Datasheet
761Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
ST16C554DIQ64-F EXAR-ST16C554DIQ64-F Datasheet
761Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
ST16C554 EXAR-ST16C554 Datasheet
757Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
XR16C850CM-F EXAR-XR16C850CM-F Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
XR16C850 EXAR-XR16C850_05 Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com