Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST16C580 Datasheet(PDF) 11 Page - Exar Corporation

Part # ST16C580
Description  UART WITH 16-BYTE FIFO?셲 AND INFRARED (IrDA) ENCODER/DECODER
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C580 Datasheet(HTML) 11 Page - Exar Corporation

Back Button ST16C580 Datasheet HTML 7Page - Exar Corporation ST16C580 Datasheet HTML 8Page - Exar Corporation ST16C580 Datasheet HTML 9Page - Exar Corporation ST16C580 Datasheet HTML 10Page - Exar Corporation ST16C580 Datasheet HTML 11Page - Exar Corporation ST16C580 Datasheet HTML 12Page - Exar Corporation ST16C580 Datasheet HTML 13Page - Exar Corporation ST16C580 Datasheet HTML 14Page - Exar Corporation ST16C580 Datasheet HTML 15Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
ST16C580
11
Rev. 1.22
C1
22pF
C2
33pF
X1
1.8432 MHz
R1
50-120
R2
1M
Crystal oscillator connection
level. In this case the 580 FIFO may hold more charac-
ters than the programmed trigger level. Following the
removal of a data byte, the user should recheck LSR bit-
0 for additional characters. A Receive Time Out will not
occur if the receive FIFO is empty. The time out counter
is reset at the center of each stop bit received or each
time the receive holding register (RHR) is read (see
Figure 10, Receive Time-out Interrupt). The actual time
out value is T (Time out length in bits) = 4 X P
(Programmed word length) + 12. To convert the time out
value to a character value, the user has to consider the
complete word length, including data information
length, start bit, parity bit, and the size of stop bit, i.e.,
1X, 1.5X, or 2X bit times.
Example -A: If the user programs a word length of 7,
with no parity and one stop bit, the time out will be:
T = 4 X 7( programmed word length) +12 = 40 bit times.
The character time will be equal to 40 / 9 = 4.4
characters, or as shown in the fully worked out ex-
ample: T = [(programmed word length = 7) + (stop bit
= 1) + (start bit = 1) = 9]. 40 (bit times divided by 9) =
4.4 characters.
Example -B: If the user programs the word length = 7,
with parity and one stop bit, the time out will be:
T = 4 X 7(programmed word length) + 12 = 40 bit times.
Character time = 40 / 10 [ (programmed word length
= 7) + (parity = 1) + (stop bit = 1) + (start bit = 1) = 4
characters.
Programmable Baud Rate Generator
The 580 supports high speed modem technologies
that have increased input data rates by employing
data compression schemes. For example a 33.6Kbps
modem that employs data compression may require a
115.2Kbps input data rate. A 128.0Kbps ISDN modem
that supports data compression may need an input
data rate of 460.8Kbps. The 580 can support a stan-
dard data rate of 921.6Kbps.
Single baud rate generator is provided for the trans-
mitter and receiver, allowing independent TX/RX
channel control. The programmable Baud Rate Gen-
erator is capable of accepting an input clock up to 24
MHz, as required for supporting a 1.5Mbps data rate.
The 580 can be configured for internal or external clock
operation. For internal clock oscillator operation, an
industry standard microprocessor crystal (parallel reso-
nant/ 22-33 pF load) is connected externally between
the XTAL1 and XTAL2 pins, with an external 1 M
resistor across it. Alternatively, an external clock can
be connected to the XTAL1 pin to clock the internal baud
rate generator for standard or custom rates.
The generator divides the input 16X clock by any
divisor from 1 to 216 -1. The 580 divides the basic
crystal or external clock by 16. Further division of this
16X clock provides two table rates to support low and
high data rate applications using the same system
design. The two rate tables are selectable through the
internal register, MCR bit-7. Setting MCR bit-7 to a
logic 1 provides an additional divide by 4 whereas,
setting MCR bit-7 to a logic 0 only divides by 1. (See
Table 4 and Figure 11). The frequency of the -
BAUDOUT output pin is exactly 16X (16 times) of the
selected baud rate (-BAUDOUT =16 x Baud Rate).
Customized Baud Rates can be achieved by selecting
the proper divisor values for the MSB and LSB sec-
tions of baud rate generator.
Programming the Baud Rate Generator Registers


Similar Part No. - ST16C580

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST16C580 EXAR-ST16C580 Datasheet
244Kb / 41P
   UART WITH 16-BYTE FIFO?셲 AND INFRARED (IrDA) ENCODER/DECODER
ST16C580CJ44 EXAR-ST16C580CJ44 Datasheet
244Kb / 41P
   UART WITH 16-BYTE FIFO?셲 AND INFRARED (IrDA) ENCODER/DECODER
ST16C580CP40 EXAR-ST16C580CP40 Datasheet
244Kb / 41P
   UART WITH 16-BYTE FIFO?셲 AND INFRARED (IrDA) ENCODER/DECODER
ST16C580CQ48 EXAR-ST16C580CQ48 Datasheet
244Kb / 41P
   UART WITH 16-BYTE FIFO?셲 AND INFRARED (IrDA) ENCODER/DECODER
ST16C580IJ44 EXAR-ST16C580IJ44 Datasheet
244Kb / 41P
   UART WITH 16-BYTE FIFO?셲 AND INFRARED (IrDA) ENCODER/DECODER
More results

Similar Description - ST16C580

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST16C580 EXAR-ST16C580 Datasheet
244Kb / 41P
   UART WITH 16-BYTE FIFO?셲 AND INFRARED (IrDA) ENCODER/DECODER
logo
NXP Semiconductors
SC16C554 PHILIPS-SC16C554 Datasheet
276Kb / 55P
   Quad UART with 16-byte FIFO and infrared (IrDA) encoder/decoder
Rev. 05-10 May 2004
SC16C654 PHILIPS-SC16C654 Datasheet
647Kb / 52P
   Quad UART with 64-byte FIFO and infrared (IrDA) encoder/decoder
Rev. 04-19 June 2003
logo
Exar Corporation
ST16654 EXAR-ST16654 Datasheet
444Kb / 49P
   QUAD UART WITH 64-BYTE FIFO AND INFRARED (IrDA) ENCODER/DECODER
logo
NXP Semiconductors
SC16C550 PHILIPS-SC16C550 Datasheet
639Kb / 52P
   Universal Asynchronous Receiver/Transmitter (UART) with 16-byte FIFO and infrared (IrDA) encoder/decoder
Rev. 05-19 June 2003
SC16C650A PHILIPS-SC16C650A Datasheet
642Kb / 50P
   Universal Asynchronous Receiver/Transmitter (UART) with 32-byte FIFO and infrared (IrDA) encoder/decoder
Rev. 04-20 June 2003
logo
Exar Corporation
ST16C550 EXAR-ST16C550 Datasheet
227Kb / 35P
   UART WITH 16-BYTE FIFO?셲
ST16C550 EXAR-ST16C550_05 Datasheet
241Kb / 35P
   UART WITH 16-BYTE FIFO?셲
logo
NXP Semiconductors
SC16C650B PHILIPS-SC16C650B Datasheet
881Kb / 51P
   5 V, 3.3 V and 2.5 V UART with 32-byte FIFOs and infrared (IrDA) encoder/decoder
Rev. 03-10 December 2004
SC16C2550 PHILIPS-SC16C2550 Datasheet
603Kb / 46P
   Dual UART with 16 bytes of transmit and receive FIFOs and infrared (IrDA) encoder/decoder
Rev. 03-19 June 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com