Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7440530047 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # 7440530047
Description  1.2A, 24V, 1.4MHz Step-Down Converter in a TSOT23-6
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

7440530047 Datasheet(HTML) 3 Page - Monolithic Power Systems

  7440530047 Datasheet HTML 1Page - Monolithic Power Systems 7440530047 Datasheet HTML 2Page - Monolithic Power Systems 7440530047 Datasheet HTML 3Page - Monolithic Power Systems 7440530047 Datasheet HTML 4Page - Monolithic Power Systems 7440530047 Datasheet HTML 5Page - Monolithic Power Systems 7440530047 Datasheet HTML 6Page - Monolithic Power Systems 7440530047 Datasheet HTML 7Page - Monolithic Power Systems 7440530047 Datasheet HTML 8Page - Monolithic Power Systems 7440530047 Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MP2359 – 1.2A, 24V, 1.4MHz STEP-DOWN CONVERTER IN A TSOT23-6
MP2359 Rev. 1.1
www.MonolithicPower.com
3
6/23/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
TM
PIN FUNCTIONS
Pin #
Name Description
1
BST
Bootstrap. A capacitor is connected between SW and BS pins to form a floating supply across
the power switch driver. This capacitor is needed to drive the power switch’s gate above the
supply voltage.
2
GND
Ground. This pin is the voltage reference for the regulated output voltage. For this reason care
must be taken in its layout. This node should be placed outside of the D1 to C1 ground path to
prevent switching current spikes from inducing voltage noise into the part.
3
FB
Feedback. An external resistor divider from the output to GND, tapped to the FB pin sets the
output voltage. To prevent current limit run away during a short circuit fault condition, the
frequency foldback comparator lowers the oscillator frequency when the FB voltage is below
250mV.
4
EN
On/Off Control Input. Pull EN above 1.2V to turn the device on.
5
IN
Supply Voltage. The MP2359 operates from a +4.5V to +24V unregulated input. C1 is needed
to prevent large voltage spikes from appearing at the input.
6
SW
Switch Output.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 12V, VOUT = 3.3V, L = 4.7µH, C1 = 10µF, C2 = 22µF, TA = +25ºC, unless otherwise noted.
Efficiency vs
Load Current
VIN = 12V
VIN = 24V
VOUT = 5V
100
90
80
70
60
50
40
30
20
10
0
LOAD CURRENT (A)
100
90
80
70
60
50
40
30
20
10
0
0.01
0.1
1
10
LOAD CURRENT ( A)
Efficiency vs
Load Current
VIN = 18V
VIN = 24V
VOUT = 2.5V
Feedback Voltage vs
Die Temperature
0.820
0.818
0.816
0.814
0.812
0.810
0.808
0.806
0.804
0.802
0.800
DIE TEMPERATURE (OC)
-50 -25 0 25
75 100 125
50
150
Switching Frequency vs
Die Temperature
1.50
1.48
1.46
1.44
1.42
1.40
1.38
1.36
1.34
1.32
1.30
DIE TEMPERATURE (OC)
-50 -25 0 25
75 100 125
50
150
0.01
0.1
1
10


Similar Part No. - 7440530047

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
7440530047 WURTH-7440530047 Datasheet
142Kb / 3P
   POWER-CHOKE WE-TPC
logo
Skyworks Solutions Inc.
7440530047 SKYWORKS-7440530047 Datasheet
2Mb / 19P
   12V, 1.5A Step-Down DC/DC Converter
logo
Wurth Elektronik GmbH &...
7440530047 WURTH-7440530047_15 Datasheet
1Mb / 6P
   WE-TPC SMD Shielded Tiny Power Inductor
More results

Similar Description - 7440530047

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP29368 MPS-MP29368 Datasheet
363Kb / 8P
   1.2A, 24V, 1.4MHz Step-Down Converter in a TSOT23-6
EV2359DJ-00B MPS-EV2359DJ-00B Datasheet
163Kb / 4P
   1.2A, 24V, 1.4MHz Step-Down Converter Evaluation Board in TSOT23-6
MP2357 MPS-MP2357 Datasheet
677Kb / 10P
   0.5A, 24V, 1.4MHz Step-Down Converter in a TSOT23-6
MP2370 MPS-MP2370 Datasheet
491Kb / 8P
   1.2A, 24V, 1.4MHz Step-Down White LED Driver in a TSOT23-6
logo
Unisonic Technologies
UD24121 UTC-UD24121 Datasheet
228Kb / 5P
   1.2A, 24V, 1.4MHz STEP-DOWN CONVERTER
logo
Richtek Technology Corp...
RT8259 RICHTEK-RT8259 Datasheet
209Kb / 13P
   1.2A, 24V, 1.4MHz Step-Down Converter
logo
BaiDu Micro electrons C...
AE2359 BAIDUMICRO-AE2359 Datasheet
461Kb / 11P
   1.2A, 24V, 1.4MHz Step-down Converter
logo
ETA SOLUTIONS CO. LIMIT...
ETA2359 ETA-ETA2359 Datasheet
196Kb / 1P
   1.4MHz, 1.2A, 24V High Efficiency Step-Down Converter in SOT23-6
logo
Monolithic Power System...
MP28367 MPS-MP28367 Datasheet
367Kb / 9P
   1A, 21V, 1.4MHz Step-Down Converter in a TSOT23-6
logo
Unisonic Technologies
UD32121 UTC-UD32121 Datasheet
202Kb / 5P
   1.2A, 32V, 1.4MHz STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com