Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRT94L33 Datasheet(PDF) 11 Page - Exar Corporation

Part # XRT94L33
Description  3-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER - SDH REGISTERS
Download  810 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT94L33 Datasheet(HTML) 11 Page - Exar Corporation

Back Button XRT94L33_2 Datasheet HTML 7Page - Exar Corporation XRT94L33_2 Datasheet HTML 8Page - Exar Corporation XRT94L33_2 Datasheet HTML 9Page - Exar Corporation XRT94L33_2 Datasheet HTML 10Page - Exar Corporation XRT94L33_2 Datasheet HTML 11Page - Exar Corporation XRT94L33_2 Datasheet HTML 12Page - Exar Corporation XRT94L33_2 Datasheet HTML 13Page - Exar Corporation XRT94L33_2 Datasheet HTML 14Page - Exar Corporation XRT94L33_2 Datasheet HTML 15Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 810 page
background image
XRT94L33
Rev 2
22 ...0
00 ...0
00
3
33 ---C
C
C H
H
H A
A
A N
N
N N
N
N E
E
E L
L
L D
D
D S
S
S 3
33 ///E
E
E 3
33 ///S
S
S T
T
T S
S
S -
-- 1
11 T
T
T O
O
O S
S
S T
T
T S
S
S -
-- 3
33 ///S
S
S T
T
T M
M
M -
-- 1
11 M
M
M A
A
A P
P
P P
P
P E
E
E R
R
R
S
S
S D
D
D H
H
H R
R
R E
E
E G
G
G IIIS
S
S T
T
T E
E
E R
R
R S
S
S
11
0x1703
Redundant Receive STM-1 Section Control Register – Byte 0
0x00
0x1704 – 0x1705
Reserved
0x00
0x1706
Redundant Receive STM-1 Section Status Register – Byte 1
0x00
0x1707
Redundant Receive STM-1 Section Status Register – Byte 0
0x02
0x1708
Reserved
0x00
0x1709
Redundant Receive STM-1 Section Interrupt Status Register – Byte 2
0x00
0x170A
Redundant Receive STM-1 Section Interrupt Status Register – Byte 1
0x00
0x170B
Redundant Receive STM-1 Section Interrupt Status Register – Byte 0
0x00
0x170C
Reserved
0x00
0x170D
Redundant Receive STM-1 Section Interrupt Enable Register – Byte 2
0x00
0x170E
Redundant Receive STM-1 Section Interrupt Enable Register – Byte 1
0x00
0x170F
Redundant Receive STM-1 Section Interrupt Enable Register – Byte 0
0x00
0x1710
Redundant Receive STM-1 Section B1 Byte Error Count – Byte 3
0x00
0x1711
Redundant Receive STM-1 Section B1 Byte Error Count – Byte 2
0x00
0x1712
Redundant Receive STM-1 Section B1 Byte Error Count – Byte 1
0x00
0x1713
Redundant Receive STM-1 Section B1 Byte Error Count – Byte 0
0x00
0x1714
Redundant Receive STM-1 Section B2 Byte Error Count – Byte 3
0x00
0x1715
Redundant Receive STM-1 Section B2 Byte Error Count – Byte 2
0x00
0x1716
Redundant Receive STM-1 Section B2 Byte Error Count – Byte 1
0x00
0x1717
Redundant Receive STM-1 Section B2 Byte Error Count – Byte 0
0x00
0x1718
Redundant Receive STM-1 Section MS-REI Event Count – Byte 3
0x00
0x1719
Redundant Receive STM-1 Section MS-REI Event Count – Byte 2
0x00
0x171A
Redundant Receive STM-1 Section MS-REI Event Count – Byte 1
0x00
0x171B
Redundant Receive STM-1 Section MS-REI Event Count – Byte 0
0x00
0x171C -
0 x171E
Reserved
0x00
0x171F
Redundant Receive STM-1 Section K1 Byte Value Register
0x00
0x1720 – 0x1722
Reserved
0x00
0x1723
Redundant Receive STM-1 Section K2 Byte Value Register
0x00
0x1724 – 0x1726
Reserved
0x00
0x1727
Redundant Receive STM-1 Section S1 Byte Value Register
0x00
0x1728 – 0x172A
Reserved
0x00
0x172B
Redundant Receive STM-1 Section – In-Sync Threshold Value
0x00
0x172C, 0x172D
Reserved
0x00


Similar Part No. - XRT94L33_2

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT94L33IB EXAR-XRT94L33IB Datasheet
51Kb / 2P
   highly integrated SONET/SDH terminator
XRT94L33IB EXAR-XRT94L33IB Datasheet
2Mb / 465P
   3-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER IC DATA SHEET
XRT94L33IB EXAR-XRT94L33IB Datasheet
3Mb / 862P
   3-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER - ATM REGISTERS
XRT94L33IB EXAR-XRT94L33IB Datasheet
496Kb / 110P
   3-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER ATM/PPP - HARWARE MANUAL
XRT94L33IB EXAR-XRT94L33IB Datasheet
3Mb / 801P
   -CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER - SONET REGISTERS
More results

Similar Description - XRT94L33_2

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT94L33 EXAR-XRT94L33_3 Datasheet
3Mb / 801P
   -CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER - SONET REGISTERS
XRT94L33 EXAR-XRT94L33_07 Datasheet
3Mb / 862P
   3-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER - ATM REGISTERS
XRT94L31 EXAR-XRT94L31 Datasheet
52Kb / 4P
   3-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER
XRT94L31 EXAR-XRT94L31_07 Datasheet
1Mb / 133P
   3-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER IC
XRT94L33 EXAR-XRT94L33_06 Datasheet
2Mb / 465P
   3-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER IC DATA SHEET
XRT94L33 EXAR-XRT94L33_1 Datasheet
496Kb / 110P
   3-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER ATM/PPP - HARWARE MANUAL
XRT94L43 EXAR-XRT94L43 Datasheet
180Kb / 7P
   SONET/SDH STS-12/STM-4 TO E3/DS3/STS-1 MAPPER/DEMAPPER
logo
Applied Micro Circuits ...
CS1204 AMCC-CS1204 Datasheet
205Kb / 4P
   STS-12/STM-4 DS3/E3/STS-1E SONET/SDH Mapper
logo
Exar Corporation
XRT71D03 EXAR-XRT71D03 Datasheet
246Kb / 24P
   3 CHANNEL E3/DS3/STS-1 JITTER ATTENUATOR
logo
Infineon Technologies A...
PEB1760 INFINEON-PEB1760 Datasheet
206Kb / 2P
   Mapper/Framer for STM-4/STS-12 and STM-1/STS-3
2003-07-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com