Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP2109DQ Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP2109DQ
Description  Dual 1.2MHz, 800mA Synchronous Step-Down Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2109DQ Datasheet(HTML) 7 Page - Monolithic Power Systems

  MP2109DQ Datasheet HTML 1Page - Monolithic Power Systems MP2109DQ Datasheet HTML 2Page - Monolithic Power Systems MP2109DQ Datasheet HTML 3Page - Monolithic Power Systems MP2109DQ Datasheet HTML 4Page - Monolithic Power Systems MP2109DQ Datasheet HTML 5Page - Monolithic Power Systems MP2109DQ Datasheet HTML 6Page - Monolithic Power Systems MP2109DQ Datasheet HTML 7Page - Monolithic Power Systems MP2109DQ Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MP2109 – DUAL 1.2MHz 800mA SYNCHRONOUS STEP-DOWN CONVERTER
MP2109 Rev.1.4
www.MonolithicPower.com
7
10/16/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
Table 2—Suggested Surface Mount Inductors
Manufacturer
Part Number
Inductance (µH)
Max DCR (Ω)
Saturation
Current (A)
Dimensions
LxWxH (mm
3)
Coilcraft
LP03310-222ML
2.2
0.15
1.1
3.3 x 3.3 x 1
Toko
1002AS
2.2
0.11
1.14
4.6 x 4.6 x 1.2
Sumida
CDRH3D16
2.2
0.072
1.20
4 x 4 x 1.8
Table 3—Inductors for Improved Efficiency at 25mA, 50mA, under 100mA Load.
Manufacturer
Part Number
Inductance (µH)
Max DCR (Ω)
Saturation
Current (A)
IRMS (A)
Coilcraft
DO1605T-103MX
10
0.3
1.0
0.9
Murata
LQH4C100K04
10
0.2
1.2
0.8
Sumida
CR32-100
10
0.2
1.0
0.7
Sumida
CR54-100
10
0.1
1.2
1.4
Input Capacitor Selection
The input capacitor reduces the surge current
drawn from the input and switching noise from
the device. The input capacitor impedance at
the switching frequency shall be less than input
source impedance to prevent high frequency
switching current passing to the input. Ceramic
capacitors with X5R or X7R dielectrics are
highly recommended because of their low ESR
and small temperature coefficients. For most
applications, a 4.7µF capacitor is sufficient.
Output Capacitor Selection
The output capacitor keeps output voltage
ripple small and ensures regulation loop stable.
The output capacitor impedance shall be low at
the switching frequency. Ceramic capacitors
with X5R or X7R dielectrics are recommended.
The output ripple ∆VOUT is approximately:
()
⎟⎟
⎜⎜
×
×
+
×
×
×
×
3
C
f
8
1
ESR
L
f
V
V
V
V
V
OSC
OSC
IN
OUT
IN
OUT
OUT
Thermal Dissipation
Power dissipation shall be considered when
both channels of the MP2109 provide maximum
800mA output current to the loads at high
ambient temperature with low input supply
voltage. If the junction temperature rises above
150
°C, the MP2109 two channels will be shut
down.
The junction-to-ambient thermal resistance of
the 10-pin QFN (3mm x 3mm) RΘJA is 50°C/W.
The maximum power dissipation is about 1.6W
when the MP2109 is operating in a 70
°C
ambient temperature environment.
W
6
.
1
W
/
C
50
C
70
C
150
PD
o
o
o
MAX
=
=
PC Board Layout
The high current paths (GND1/GND2, IN1/IN2
and SW1/SW2) should be placed very close to
the device with short, direct and wide traces.
Input capacitors should be placed as close as
possible to the respective IN and GND pins.
The external feedback resistors shall be placed
next to the FB pins. Keep the switching nodes
SW1/SW2 short and away from the feedback
network.


Similar Part No. - MP2109DQ

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2109DQ MPS-MP2109DQ Datasheet
217Kb / 4P
   Dual 800mA, 6V, 1.2MHz Synchronous Step-Down Converter Evaluation Board
MP2109DQ MPS-MP2109DQ Datasheet
298Kb / 8P
   Dual 1.2MHz, 800mA Synchronous Step-Down Converter
More results

Similar Description - MP2109DQ

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2109 MPS-MP2109 Datasheet
298Kb / 8P
   Dual 1.2MHz, 800mA Synchronous Step-Down Converter
EV2109DQ-00A MPS-EV2109DQ-00A Datasheet
217Kb / 4P
   Dual 800mA, 6V, 1.2MHz Synchronous Step-Down Converter Evaluation Board
MP2125 MPS-MP2125 Datasheet
295Kb / 10P
   Dual 1.5A, 1.2MHz Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT8035 RICHTEK-RT8035 Datasheet
223Kb / 11P
   Dual 800mA, 1.25MHz Synchronous Step-Down Converter
logo
Eutech Microelectronics...
EUP3409 EUTECH-EUP3409 Datasheet
765Kb / 10P
   Dual 1.5MHz, 800mA Synchronous Step-Down Converter
logo
Unisonic Technologies
UD05201 UTC-UD05201 Datasheet
366Kb / 5P
   1.2MHZ, 2A SYNCHRONOUS STEP-DOWN CONVERTER
logo
List of Unclassifed Man...
APS2415 ETC-APS2415 Datasheet
545Kb / 8P
   1.2MHz, 1.5A Synchronous Step-Down Converter
V0.0
logo
Richtek Technology Corp...
RT2652 RICHTEK-RT2652 Datasheet
205Kb / 12P
   2A, 1.2MHz Synchronous Step-Down Converter
logo
Monolithic Power System...
MP2105 MPS-MP2105 Datasheet
270Kb / 8P
   1MHz, 800mA Synchronous Step-Down Converter
MP2105 MPS-MP2105_06 Datasheet
285Kb / 8P
   1MHz, 800mA Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com