Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRT94L31 Datasheet(PDF) 11 Page - Exar Corporation

Part # XRT94L31
Description  3-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER IC
Download  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT94L31 Datasheet(HTML) 11 Page - Exar Corporation

Back Button XRT94L31_07 Datasheet HTML 7Page - Exar Corporation XRT94L31_07 Datasheet HTML 8Page - Exar Corporation XRT94L31_07 Datasheet HTML 9Page - Exar Corporation XRT94L31_07 Datasheet HTML 10Page - Exar Corporation XRT94L31_07 Datasheet HTML 11Page - Exar Corporation XRT94L31_07 Datasheet HTML 12Page - Exar Corporation XRT94L31_07 Datasheet HTML 13Page - Exar Corporation XRT94L31_07 Datasheet HTML 14Page - Exar Corporation XRT94L31_07 Datasheet HTML 15Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 133 page
background image
XRT94L31
11
REV. 1.0.1
3-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER IC
P1
REFTTL
I
TTL
19.44MHz or 77.76MHz Clock Synthesizer Reference Clock Input
Pin:
The function of this input pin depends upon whether or not the Clock
Synthesizer block is enabled.
If Clock Synthesizer is Enabled.
If the Clock Synthesizer block is enabled, then it will be used to generate
the 155.52MHz, 19.44MHz and/or 77.76MHz clock signal for the Trans-
mit STS-3/STM-1 circuitry. In this mode, the user should apply a clock
signal of any of the following frequencies to this input pin.
19.44 MHz
38.88 MHz
51.84 MHz
77.76 MHz
Afterwards, the user needs to write the appropriate data into the Trans-
mit Line Interface Control Register (Address Location = 0x0383) in order
to (1) configure the Clock Synthesizer Block to accept any of the above-
mentioned signals and generate a 155.52MHz, 19.44MHz or 77.76MHz
clock signal, (2) to configure the Clock Synthesizer to function as the
Clock Source for the STS-3/STM-1 block.
If Clock Synthesizer is NOT Enabled:
If the Clock Synthesizer block is NOT enabled, then it will NOT be used
to generate the 19.44MHz and/or 77.76MHz clock signal, for the STS-3/
STM-1 block. In this configuration seting, the user MUST apply a
19.44MHz clock signal to this input pin.
NOTE: The user must place a clock signal to this input pin in order to
perform READ and WRITE operations to much of the SONET/
SDH-related registers via the Microprocessor Interface.
PIN DESCRIPTION OF THE XRT94L31 (REV. B)
PIN #
SIGNAL NAME
I/O
TYPE
DESCRIPTION


Similar Part No. - XRT94L31_07

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT94L31IB EXAR-XRT94L31IB Datasheet
52Kb / 4P
   3-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER
More results

Similar Description - XRT94L31_07

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT94L31 EXAR-XRT94L31 Datasheet
52Kb / 4P
   3-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER
XRT94L33 EXAR-XRT94L33_06 Datasheet
2Mb / 465P
   3-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER IC DATA SHEET
XRT94L33 EXAR-XRT94L33_3 Datasheet
3Mb / 801P
   -CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER - SONET REGISTERS
XRT94L33 EXAR-XRT94L33_07 Datasheet
3Mb / 862P
   3-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER - ATM REGISTERS
XRT94L33 EXAR-XRT94L33_2 Datasheet
3Mb / 810P
   3-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER - SDH REGISTERS
XRT94L33 EXAR-XRT94L33_1 Datasheet
496Kb / 110P
   3-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER ATM/PPP - HARWARE MANUAL
XRT94L43 EXAR-XRT94L43 Datasheet
180Kb / 7P
   SONET/SDH STS-12/STM-4 TO E3/DS3/STS-1 MAPPER/DEMAPPER
XRT71D03 EXAR-XRT71D03 Datasheet
246Kb / 24P
   3 CHANNEL E3/DS3/STS-1 JITTER ATTENUATOR
logo
Infineon Technologies A...
PEB1760 INFINEON-PEB1760 Datasheet
206Kb / 2P
   Mapper/Framer for STM-4/STS-12 and STM-1/STS-3
2003-07-01
logo
Applied Micro Circuits ...
CS1204 AMCC-CS1204 Datasheet
205Kb / 4P
   STS-12/STM-4 DS3/E3/STS-1E SONET/SDH Mapper
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com