Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP1522 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP1522
Description  25V Step-Up Converter in a SOT23-5 Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1522 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP1522 Datasheet HTML 1Page - Monolithic Power Systems MP1522 Datasheet HTML 2Page - Monolithic Power Systems MP1522 Datasheet HTML 3Page - Monolithic Power Systems MP1522 Datasheet HTML 4Page - Monolithic Power Systems MP1522 Datasheet HTML 5Page - Monolithic Power Systems MP1522 Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MP1522 – 25V STEP-UP CONVERTER IN A SOT23-5 PACKAGE
MP1522 Rev. 2.0
www.MonolithicPower.com
3
9/1/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
SW
Power Switch Output. SW is the drain of the internal MOSFET switch. Connect the power
inductor and output rectifier to SW. SW can swing between GND and 25V.
2
GND
Ground.
3
FB
Feedback Input. Connect a resistive voltage divider from the output voltage to FB to set
the output voltage. The feedback regulation threshold is 1.23V.
4
EN
Regulator On/Off Control Input. A high voltage at EN turns on the converter, and a low
voltage turns it off. When not used, connect EN to the input source for automatic startup. If
EN is driven over 6V, place a 100kΩ resistor in series with EN.
5
BIAS
Internal Power Input. BIAS powers the internal circuitry. Connect BIAS to the output for
enhancement on the internal MOSFET gate at low VIN. If the input source remains above
3.0V, BIAS can be connected to the input source to reduce power consumption.
OPERATION
The MP1522 is a step-up converter that
operates from an input voltage as low as 2.7V
and generates an output voltage up to 25V. The
0.5Ω internal N-Channel MOSFET power switch
is driven with a variable frequency, constant-
peak-current
architecture
for
improved
regulation and low operating current. The 550ns
minimum off-time is extended to 1.6µs during
start-up to yield a smooth glitch free turn-on.
Start-up mode is activated at initial power-up or
when exiting the 1µA shutdown state. The
MP1522 features an internal regulator allowing
it to be powered from the output for improved
low-input voltage operation, or powered from
the
input
source
for
reduced
power
consumption due to quiescent current.
CONTROL
LOGIC
OFF ON
REGULATOR
VIN
L1
D1
C1
C4
INTERNAL
POWER
ERROR
AMP
1.23V
450mA
GND
EN
BIAS
FB
SW
R2
R1
C2
C3
R3
--
+
CURRENT
--
+
VOUT
GND
4
2
3
1
5
Figure 1—Functional Block Diagram


Similar Part No. - MP1522

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1522 MPS-MP1522 Datasheet
154Kb / 4P
   Precision 6 White LED Driver Evaluation Board
MP1522 MPS-MP1522 Datasheet
202Kb / 7P
   25V Step-Up Converter in a SOT23-5 Package
MP1522DT MPS-MP1522DT Datasheet
154Kb / 4P
   Precision 6 White LED Driver Evaluation Board
MP1522EQ MPS-MP1522EQ Datasheet
202Kb / 7P
   25V Step-Up Converter in a SOT23-5 Package
MP1522ET MPS-MP1522ET Datasheet
202Kb / 7P
   25V Step-Up Converter in a SOT23-5 Package
More results

Similar Description - MP1522

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1522 MPS-MP1522 Datasheet
202Kb / 7P
   25V Step-Up Converter in a SOT23-5 Package
logo
Texas Instruments
TLV62565 TI1-TLV62565 Datasheet
1Mb / 22P
[Old version datasheet]   1.5-A High Efficiency Step-Down Converter in SOT23-5 Package
logo
ETA SOLUTIONS CO. LIMIT...
ETA3406 ETA-ETA3406 Datasheet
269Kb / 1P
   1.5MHz 1.2A Step-Down Converter in SOT23-5 Package
ETA3408 ETA-ETA3408 Datasheet
194Kb / 1P
   1A, 1.5MHz Step-Down Converter in SOT23-5 Package
ETA3486 ETA-ETA3486 Datasheet
194Kb / 1P
   1A, 1.5MHz Step-Down Converter in SOT23-5 Package
logo
Analog Intergrations Co...
AIC1647 AIC-AIC1647 Datasheet
413Kb / 11P
   WHITE LED STEP-UP CONVERTER IN SOT23
logo
Maxim Integrated Produc...
MAX1848 MAXIM-MAX1848 Datasheet
323Kb / 9P
   White LED Step-Up Converter in SOT23
19-2028; Rev 1; 9/02
logo
RICOH electronics devic...
R1210N302C RICOH-R1210N302C Datasheet
217Kb / 20P
   SOT23-5 PWM Step-up DC/DC Converter?
logo
Monolithic Power System...
EV1517DR-00A MPS-EV1517DR-00A Datasheet
188Kb / 5P
   3A, 25V, 1.1MHz Step-Up Converter
MP1517 MPS-MP1517 Datasheet
316Kb / 13P
   3A, 25V, 1.1MHz Step-Up Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com