Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA630D Datasheet(PDF) 9 Page - NXP Semiconductors

Part # SA630D
Description  Single pole double throw SPDT switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA630D Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button SA630D Datasheet HTML 5Page - NXP Semiconductors SA630D Datasheet HTML 6Page - NXP Semiconductors SA630D Datasheet HTML 7Page - NXP Semiconductors SA630D Datasheet HTML 8Page - NXP Semiconductors SA630D Datasheet HTML 9Page - NXP Semiconductors SA630D Datasheet HTML 10Page - NXP Semiconductors SA630D Datasheet HTML 11Page - NXP Semiconductors SA630D Datasheet HTML 12Page - NXP Semiconductors SA630D Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Philips Semiconductors
Product specification
SA630
Single pole double throw (SPDT) switch
1997 Nov 07
9
TA = +25°C
CH2
CH1
FREQUENCY (MHz)
0
10
100
1000
2000
–10
–20
–30
–40
–50
–60
–70
–80
VDD = +5V
SR00594
Figure 17. Isolation Matching vs. Frequency; CH1 vs. CH2 for
D-Package
TA = +25°C
3V
4V
5V
FREQUENCY (MHz)
0
–5
–10
–15
–20
–25
–30
10
100
1000
2000
SR00595
Figure 18. Input Match On-Channel vs. Frequency and VDD
VDD = 5V
TA = +25°C
FREQUENCY (MHz)
0
–5
–10
–15
–20
–25
–30
10
100
1000
2000
SR00597
Figure 19. Output Match On-Channel vs. Frequency
FREQUENCY (MHz)
TA = +25°C
CH1: 3V
CH1: 5V
CH2: 5V
0
–5
–10
–15
–20
–25
–30
10
100
1000
2000
SR00597
Figure 20. OFF-Channel Match vs. Frequency and VDD


Similar Part No. - SA630D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA630D NXP-SA630D Datasheet
545Kb / 20P
   Single-Pole Double-Throw (SPDT) switch
Rev. 3-23 July 2014
SA630D01 NXP-SA630D01 Datasheet
545Kb / 20P
   Single-Pole Double-Throw (SPDT) switch
Rev. 3-23 July 2014
More results

Similar Description - SA630D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA630 PHILIPS-SA630_15 Datasheet
545Kb / 20P
   Single-Pole Double-Throw (SPDT) switch
Rev. 3-23 July 2014
SA630 NXP-SA630 Datasheet
545Kb / 20P
   Single-Pole Double-Throw (SPDT) switch
Rev. 3-23 July 2014
logo
Texas Instruments
SN74LVC1G3157DSFR TI1-SN74LVC1G3157DSFR Datasheet
1Mb / 28P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
SN74LVC1G3157-Q1 TI1-SN74LVC1G3157-Q1_14 Datasheet
902Kb / 21P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
logo
Pasternack Enterprises,...
PE71S6064 PASTERNACK-PE71S6064 Datasheet
399Kb / 4P
   Single Pole Double Throw Relay Switch
logo
Texas Instruments
SN74LVC1G3157 TI1-SN74LVC1G3157_18 Datasheet
2Mb / 42P
[Old version datasheet]   Single-Pole Double-Throw Analog Switch
logo
Unisonic Technologies
U74LVC3157 UTC-U74LVC3157_15 Datasheet
203Kb / 5P
   SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH
logo
Texas Instruments
SN74LVC1G3157 TI-SN74LVC1G3157_07 Datasheet
932Kb / 23P
[Old version datasheet]   SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH
SN74LVC1G3157-Q1 TI1-SN74LVC1G3157-Q1 Datasheet
404Kb / 16P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
APRIL2008
logo
Pasternack Enterprises,...
PE71S6053 PASTERNACK-PE71S6053 Datasheet
384Kb / 4P
   Single Pole Double Throw Relay Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com