Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T492C105J035CC4250 Datasheet(PDF) 2 Page - Kemet Corporation

Part # T492C105J035CC4250
Description  SOLID TANTALUM CHIP CAPACITORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T492C105J035CC4250 Datasheet(HTML) 2 Page - Kemet Corporation

  T492C105J035CC4250 Datasheet HTML 1Page - Kemet Corporation T492C105J035CC4250 Datasheet HTML 2Page - Kemet Corporation T492C105J035CC4250 Datasheet HTML 3Page - Kemet Corporation T492C105J035CC4250 Datasheet HTML 4Page - Kemet Corporation T492C105J035CC4250 Datasheet HTML 5Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
21
Polarity
Indicator (+)
Picofarad
Code
KEMET
I. D. Symbol
Rated
Voltage
156
20 K
513
J
Jan
Brand
Print Week Code:
1st Digit = Year
2nd & 3rd Digits = Week
"513" = The 13th week of 2005
DC
DF
ESR
Capaci-
Leakage
% @ +25 C
@ +25 C
tance
Case
KEMET
Mil-C-55365/8
A @ +25 C
120 Hz
100kHz
FSize
Part Number
Part Number
Max
Max
Max
SOLID TANTALUM CHIP CAPACITORS
T492 SERIES—Style CWR11 Per Mil-PRF-55365/8
©KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
CONSTRUCTION
CAPACITOR MARKINGS
T492 Series — All Case Sizes
Note on Failure Rates:
Exponential failure rate
levels M, P, R and S are
inactive for new design
per MIL-C-55365. Parts
qualified to Weibull failure
rate levels are substitutable
for exponential failure
rate levels.
Note: ESR limits are per
Mil-C-55365/8
T492 (CWR11) RATINGS AND PART NUMBER REFERENCE
Negative
Termination*
Mn02 Coat
(First Layer)
Silver Paint
(Third Layer)
Tantalum
Wire
Carbon
(Second Layer)
Tantalum
(Ta2O5)
Molded
Case
Silver Adhesive
Washer
Positive
Termination
Weld
Polarity
Stripe (+)
Polarity
Bevel (+)
Sn/Pb (5% Pb minimum)
Capaci-
tance
μF
Case
Size
KEMET
Part Number
Mil-C-55365/8
Part Number
DCL
μA @
+25°C
Max
DF %
@ +25°C
120 Hz
Max
ESR
Capaci-
tance
μF
Case
Size
KEMET
Part Number
Mil-C-55365/8
Part Number
DCL
μA @
+25°C
Max
DF %
@ +25°C
120 Hz
Max
ESR
@
+25°C
100kHz
Max
1.5
A
T492A155(1)006(2)(3)(4)
CWR11D(6)155(1)(2)(5)
0.5
6.0
8.0
2.2
A
T492A225(1)006(2)(3)(4)
CWR11D(6)225(1)(2)(5)
0.5
6.0
8.0
3.3
A
T492A335(1)006(2)(3)(4)
CWR11D(6)335(1)(2)(5)
0.5
6.0
8.0
4.7
B
T492B475(1)006(2)(3)(4)
CWR11D(6)475(1)(2)(5)
0.5
6.0
5.5
6.8
B
T492B685(1)006(2)(3)(4)
CWR11D(6)685(1)(2)(5)
0.5
6.0
4.5
10.0
B
T492B106(1)006(2)(3)(4)
CWR11D(6)106(1)(2)(5)
0.6
6.0
3.5
15.0
C
T492C156(1)006(2)(3)(4)
CWR11D(6)156(1)(2)(5)
0.9
6.0
3.0
22.0
C
T492C226(1)006(2)(3)(4)
CWR11D(6)226(1)(2)(5)
1.4
6.0
2.2
47.0
D
T492D476(1)006(2)(3)(4)
CWR11D(6)476(1)(2)(5)
2.8
6.0
1.1
1.0
A
T492A105(1)010(2)(3)(4)
CWR11F(6)105(1)(2)(5)
0.5
4.0
10.0
1.5
A
T492A155(1)010(2)(3)(4)
CWR11F(6)155(1)(2)(5)
0.5
6.0
8.0
2.2
A
T492A225(1)010(2)(3)(4)
CWR11F(6)225(1)(2)(5)
0.5
6.0
8.0
3.3
B
T492B335(1)010(2)(3)(4)
CWR11F(6)335(1)(2)(5)
0.5
6.0
5.5
4.7
B
T492B475(1)010(2)(3)(4)
CWR11F(6)475(1)(2)(5)
0.5
6.0
4.5
6.8
B
T492B685(1)010(2)(3)(4)
CWR11F(6)685(1)(2)(5)
0.7
6.0
3.5
15.0
C
T492C156(1)010(2)(3)(4)
CWR11F(6)156(1)(2)(5)
1.5
6.0
2.5
33.0
D
T492D336(1)010(2)(3)(4)
CWR11F(6)336(1)(2)(5)
3.3
6.0
1.1
0.7
A
T492A684(1)015(2)(3)(4)
CWR11H(6)684(1)(2)(5)
0.5
4.0
12.0
1.0
A
T492A105(1)015(2)(3)(4)
CWR11H(6)105(1)(2)(5)
0.5
4.0
10.0
1.5
A
T492A155(1)015(2)(3)(4)
CWR11H(6)155(1)(2)(5)
0.5
6.0
8.0
2.2
B
T492B225(1)015(2)(3)(4)
CWR11H(6)225(1)(2)(5)
0.5
6.0
5.5
3.3
B
T492B335(1)015(2)(3)(4)
CWR11H(6)335(1)(2)(5)
0.5
6.0
5.0
4.7
B
T492B475(1)015(2)(3)(4)
CWR11H(6)475(1)(2)(5)
0.7
6.0
4.0
10.0
C
T492C106(1)015(2)(3)(4)
CWR11H(6)106(1)(2)(5)
1.6
6.0
2.5
22.0
D
T492D226(1)015(2)(3)(4)
CWR11H(6)226(1)(2)(5)
3.3
6.0
1.1
0.5
A
T492A474(1)020(2)(3)(4)
CWR11J(6)474(1)(2)(5)
0.5
4.0
14.0
0.7
A
T492A684(1)020(2)(3)(4)
CWR11J(6)684(1)(2)(5)
0.5
4.0
12.0
1.0
A
T492A105(1)020(2)(3)(4)
CWR11J(6)105(1)(2)(5)
0.5
4.0
10.0
1.5
B
T492B155(1)020(2)(3)(4)
CWR11J(6)155(1)(2)(5)
0.5
6.0
6.0
2.2
B
T492B225(1)020(2)(3)(4)
CWR11J(6)225(1)(2)(5)
0.5
6.0
5.0
3.3
B
T492B335(1)020(2)(3)(4)
CWR11J(6)335(1)(2)(5)
0.7
6.0
4.0
4.7
C
T492C475(1)020(2)(3)(4)
CWR11J(6)475(1)(2)(5)
1.0
6.0
3.0
6.8
C
T492C685(1)020(2)(3)(4)
CWR11J(6)685(1)(2)(5)
1.4
6.0
2.4
15.0
D
T492D156(1)020(2)(3)(4)
CWR11J(6)156(1)(2)(5)
3.0
6.0
1.1
0.3
A
T492A334(1)025(2)(3)(4)
CWR11K(6)334(1)(2)(5)
0.5
4.0
15.0
0.5
A
T492A474(1)025(2)(3)(4)
CWR11K(6)474(1)(2)(5)
0.5
4.0
14.0
0.7
B
T492B684(1)025(2)(3)(4)
CWR11K(6)684(1)(2)(5)
0.5
4.0
7.5
1.0
B
T492B105(1)025(2)(3)(4)
CWR11K(6)105(1)(2)(5)
0.5
4.0
6.5
1.5
B
T492B155(1)025(2)(3)(4)
CWR11K(6)155(1)(2)(5)
0.5
6.0
6.5
2.2
C
T492C225(1)025(2)(3)(4)
CWR11K(6)225(1)(2)(5)
0.6
6.0
3.5
3.3
C
T492C335(1)025(2)(3)(4)
CWR11K(6)335(1)(2)(5)
0.9
6.0
3.5
4.7
C
T492C475(1)025(2)(3)(4)
CWR11K(6)475(1)(2)(5)
1.2
6.0
2.5
6.8
D
T492D685(1)025(2)(3)(4)
CWR11K(6)685(1)(2)(5)
1.7
6.0
1.4
10.0
D
T492D106(1)025(2)(3)(4)
CWR11K(6)106(1)(2)(5)
2.5
6.0
1.2
0.1
A
T492A104(1)035(2)(3)(4)
CWR11M(6)104(1)(2)(5)
0.5
4.0
24.0
0.2
A
T492A154(1)035(2)(3)(4)
CWR11M(6)154(1)(2)(5)
0.5
4.0
21.0
0.2
A
T492A224(1)035(2)(3)(4)
CWR11M(6)224(1)(2)(5)
0.5
4.0
18.0
0.3
A
T492A334(1)035(2)(3)(4)
CWR11M(6)334(1)(2)(5)
0.5
4.0
15.0
0.5
B
T492B474(1)035(2)(3)(4)
CWR11M(6)474(1)(2)(5)
0.5
4.0
10.0
0.7
B
T492B684(1)035(2)(3)(4)
CWR11M(6)684(1)(2)(5)
0.5
4.0
8.0
1.0
B
T492B105(1)035(2)(3)(4)
CWR11M(6)105(1)(2)(5)
0.5
4.0
6.5
1.5
C
T492C155(1)035(2)(3)(4)
CWR11M(6)155(1)(2)(5)
0.5
6.0
4.5
2.2
C
T492C225(1)035(2)(3)(4)
CWR11M(6)225(1)(2)(5)
0.8
6.0
3.5
3.3
C
T492C335(1)035(2)(3)(4)
CWR11M(6)335(1)(2)(5)
1.2
6.0
2.5
4.7
D
T492D475(1)035(2)(3)(4)
CWR11M(6)475(1)(2)(5)
1.7
6.0
1.5
(1) To complete KEMET/CWR part number, insert M for ±20%, K for ±10% or J for ±5% tolerance.
(2) To complete KEMET/CWR part number, insert Failure Rate Symbol Weibull: B (0.1%/1000 Hrs.), C (0.01%/1000Hrs or D (0.001%/1000 Hrs.),
Exponential: M (1.0%/1000 hrs.), P (0.1%/1000 hrs.), R (0.01%/1000 hrs.) or S (0.001%/1000 hrs.)
(3) To complete KEMET part number, insert Termination Finish Designation B = Gold; C = Hot Solder Dipped; S = Solder Plated; K = Solder Fused.
(4) To complete KEMET part number, insert 4250 = +25°C after Weibull; 4251 = -55° + 85°C after Weibull; or 4252 = -55, & +85°C before Weibull Surge Current Option.
(5) To complete CWR part number, insert A = +25°C after Weibull; B = -55° + 85°C after Weibull; C = -55°, & + 85°C before Weibull or Z = None for Surge Current Option.
(6) To complete CWR part numbers, insert B = Gold; C = Hot Solder Dipped; H or S = Solder Plated; K = Solder Fused
35 Volt Rating at +85°C (23 Volt Rating at +125°C)
10 Volt Rating at +85°C (7 Volt Rating at 125°C)
6 Volt Rating at +85°C (4 Volt Rating at +125°C)
15 Volt Rating at +85°C (10 Volt Rating at +125°C)
20 Volt Rating at +85°C (13 Volt Rating at +125°C)
25 Volt Rating at +85°C (17 Volt Rating at +125°C)
PACKAGING
Note: T492 Packaging
• No c-spec required for 7” reel packaging
• C-7280 required for 13” reel packaging
• Standard reel packaging is not mandatory
• Bulk packaging also available using C-7610
See page 91 for tape and reel quantities.


Similar Part No. - T492C105J035CC4250

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T492C156J005AC4251 KEMET-T492C156J005AC4251 Datasheet
2Mb / 17P
   Established reliability options Symmetrical, compliant terminations
T492C156J005BC4251 KEMET-T492C156J005BC4251 Datasheet
2Mb / 17P
   Established reliability options Symmetrical, compliant terminations
T492C156J005CC4251 KEMET-T492C156J005CC4251 Datasheet
2Mb / 17P
   Established reliability options Symmetrical, compliant terminations
T492C156J010AC4251 KEMET-T492C156J010AC4251 Datasheet
2Mb / 17P
   Established reliability options Symmetrical, compliant terminations
T492C156J010BC4251 KEMET-T492C156J010BC4251 Datasheet
2Mb / 17P
   Established reliability options Symmetrical, compliant terminations
More results

Similar Description - T492C105J035CC4250

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
594D VISHAY-594D_17 Datasheet
313Kb / 20P
   Solid Tantalum Chip Capacitors
Revision: 21-Jun-17
logo
Cornell Dubilier Electr...
T491T156K004AS CDE-T491T156K004AS Datasheet
277Kb / 4P
   Solid Tantalum Chip Capacitors
logo
Vishay Siliconix
TM8 VISHAY-TM8_17 Datasheet
423Kb / 18P
   Solid Tantalum Chip Capacitors
Revision: 09-Mar-17
logo
Kemet Corporation
T495 KEMET-T495 Datasheet
726Kb / 8P
   SOLID TANTALUM CHIP CAPACITORS
logo
Vishay Siliconix
597D227X9020R2T VISHAY-597D227X9020R2T Datasheet
827Kb / 20P
   Solid Tantalum Chip Capacitors
Revision: 25-Jun-13
logo
Kemet Corporation
T495D476K010ATE200 KEMET-T495D476K010ATE200 Datasheet
727Kb / 8P
   SOLID TANTALUM CHIP CAPACITORS
T494A105M035AT KEMET-T494A105M035AT Datasheet
751Kb / 7P
   SOLID TANTALUM CHIP CAPACITORS
T498 KEMET-T498 Datasheet
959Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T510 KEMET-T510 Datasheet
981Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
logo
Vishay Siliconix
592D VISHAY-592D_17 Datasheet
335Kb / 25P
   Solid Tantalum Chip Capacitors
Revision: 27-Jun-17
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com