Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B39321-B3761-Z810 Datasheet(PDF) 6 Page - EPCOS

Part # B39321-B3761-Z810
Description  SAW Components Low-loss Filter 315,00 MHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B39321-B3761-Z810 Datasheet(HTML) 6 Page - EPCOS

  B39321-B3761-Z810 Datasheet HTML 1Page - EPCOS B39321-B3761-Z810 Datasheet HTML 2Page - EPCOS B39321-B3761-Z810 Datasheet HTML 3Page - EPCOS B39321-B3761-Z810 Datasheet HTML 4Page - EPCOS B39321-B3761-Z810 Datasheet HTML 5Page - EPCOS B39321-B3761-Z810 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
Nov 04, 2005
SAW Components
B3761
315,00 MHz
Low-loss Filter
Data Sheet
Frequency response (ultimate rejection)
Published by EPCOS AG
Surface Acoustic Wave Components Division, SAW CE AE PD
P.O. Box 80 17 09, D-81617 München
© EPCOS AG 2004. All Rights Reserved. Reproduction, publication and dissemination of this bro-
chure and the information contained therein without EPCOS’ prior express consent is prohibited.
The information contained in this brochure describes the type of component and shall not be con-
sidered as guaranteed characteristics. Purchase orders are subject to the General Conditions for
the Supply of Products and Services of the Electrical and Electronics Industry recommended by the
ZVEI (German Electrical and Electronic Manufacturers’ Association), unless otherwise agreed.
This brochure replaces the previous edition.
For questions on technology, prices and delivery please contact the Sales Offices of EPCOS AG or
the international Representatives.
Due to technical requirements components may contain dangerous substances. For information on
the type in question please also contact one of our Sales Offices.


Similar Part No. - B39321-B3761-Z810

ManufacturerPart #DatasheetDescription
logo
EPCOS
B39321-B3763-Z810 EPCOS-B39321-B3763-Z810 Datasheet
82Kb / 6P
   SAW Components Low-loss Filter 315,15 MHz
B39321-B3765-Z810 EPCOS-B39321-B3765-Z810 Datasheet
81Kb / 6P
   SAW Components Low-loss Filter 315,50 MHz
More results

Similar Description - B39321-B3761-Z810

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3781 EPCOS-B3781 Datasheet
82Kb / 6P
   SAW Components Low-loss Filter 315,00 MHz
B3576 EPCOS-B3576 Datasheet
81Kb / 6P
   SAW Components Low-loss Filter 315,00 MHz
B3751 EPCOS-B3751 Datasheet
79Kb / 6P
   SAW Components Low-loss Filter 315,00 MHz
B3711 EPCOS-B3711 Datasheet
69Kb / 6P
   SAW Components Low-Loss Filter 315,00 MHz
B3853 EPCOS-B3853 Datasheet
85Kb / 7P
   SAW Components Low-Loss Filter Low-Loss Filter 141,0 MHz
B3640 EPCOS-B3640 Datasheet
72Kb / 6P
   SAW Components Low-loss Filter 238,0 MHz
B3829 EPCOS-B3829 Datasheet
67Kb / 6P
   SAW Components Low-loss Filter 87,0 MHz
B3588 EPCOS-B3588 Datasheet
61Kb / 5P
   SAW Components Low-loss Filter 915,00 MHz
B3607 EPCOS-B3607 Datasheet
71Kb / 6P
   SAW Components Low-loss Filter 140,00 MHz
B3841 EPCOS-B3841 Datasheet
68Kb / 6P
   SAW Components Low-Loss Filter 174,2 MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com