Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BK-1005LL680TK Datasheet(PDF) 11 Page - Kemet Corporation

Part # BK-1005LL680TK
Description  Surface Mount Ferrite Products
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

BK-1005LL680TK Datasheet(HTML) 11 Page - Kemet Corporation

Back Button BK-1005LL680TK Datasheet HTML 7Page - Kemet Corporation BK-1005LL680TK Datasheet HTML 8Page - Kemet Corporation BK-1005LL680TK Datasheet HTML 9Page - Kemet Corporation BK-1005LL680TK Datasheet HTML 10Page - Kemet Corporation BK-1005LL680TK Datasheet HTML 11Page - Kemet Corporation BK-1005LL680TK Datasheet HTML 12Page - Kemet Corporation BK-1005LL680TK Datasheet HTML 13Page - Kemet Corporation BK-1005LL680TK Datasheet HTML 14Page - Kemet Corporation BK-1005LL680TK Datasheet HTML 15Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
© KEMET Electronics Corporation, P.O. Box 5928, Greenville, SC 29606 (864) 963-6300
11
Features:
Operating Temperature:
• Multilayer inductor made of advanced ceramics with low
• 0603: -55ºC to +125ºC
resistivity silver used as internal conductors, provides
• 1005: -55ºC to +125ºC*
excellent Q and SRF characteristics
-55ºC to +85ºC*
• Multilayer block structure ensures outstanding reliability,
• 1608: -40ºC to +85ºC
high productivity and excellent product quality
• 2125: -40ºC to +85ºC
Applications:
* Depends on rated current.
• Designd to address surface mount inductor needs for
applications above 100MHz
• Mobile phones and pagers
• High frequency circuits
• EMI counter measures in high frequency circuits
KEMET Designator
Inductance
Examples:
3N9 = 3.9nH
10N = 10.0nH
R10 = 100nH
R12 = 120nH
Inductance Tolerance
C = ±0.2nH
H = ±3%
J = ±5%
S = ±0.3nH
Type
HK- = High Frequency
HKQ = High Frequency with High Q
Case Size
0603 (0201)
1005 (0402)
1608 (0603)
2125 (0805)
Packaging Code
T = Tape & Reel
HK-
1005
10N
J
T
-K
Dim.
Code
EIA
Case
Size
L
Length
(inches)
W
Width
(inches)
T
Thickness Maximum
(inches)
E
(inches)
0603
0201
0.6 ±0.03
(0.024 ±0.001)
0.3 ±0.03
(0.012 ±0.001)
0.3 ±0.03
(0.012 ±0.001)
0.15 ±0.05
(0.006 ±0.002)
1005
0402
1.0 ±0.05
(0.039 ±0.002)
0.5 ±0.05
(0.02 ±0.002)
0.5 ±0.05
(0.02 ±0.002)
0.25 ±0.10
(0.01 ±0.004)
1608
0603
1.6 ±0.15
(0.063 ±0.006)
0.8 ±0.15
(0.031 ±0.006)
0.8 ±0.15
(0.031 ±0.006)
0.3 ±0.2
(0.012 ±0.008)
2125
0805
2.0 +0.3/-0.1
(0.079 +0.012/-0.004)
1.25 ±0.2
(0.049 ±0.008)
0.85 ±0.2
1.0 +0.2/-0.3
(0.033 ±0.008)
(0.039 +0.008/-0.012)
0.5 ±0.3
(0.020 ±0.012)
E
T
W
L
Multilayer Chip Inductors for High Frequency - HK Series
Part Numbering Table
Dimension Table in millimeters (inches)
(-) Required to complete Part Number


Similar Part No. - BK-1005LL680TK

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BK-1 ETC2-BK-1 Datasheet
80Kb / 2P
   Printed Circuit Board Fuses
BK-18650-PC6 ETC2-BK-18650-PC6 Datasheet
105Kb / 1P
   THREE 18650 LI-ION CELL HOLDER
BK-1BK ETC2-BK-1BK Datasheet
80Kb / 2P
   Printed Circuit Board Fuses
BK-1TR ETC2-BK-1TR Datasheet
80Kb / 2P
   Printed Circuit Board Fuses
More results

Similar Description - BK-1005LL680TK

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
L0603C5N6SRMST KEMET-L0603C5N6SRMST Datasheet
759Kb / 32P
   Surface Mount Ferrite Products
L0603C5N6SRMST KEMET-L0603C5N6SRMST Datasheet
759Kb / 32P
   Surface Mount Ferrite Products
L1210R101MDWIT KEMET-L1210R101MDWIT Datasheet
759Kb / 32P
   Surface Mount Ferrite Products Inductors & Ferrite Beads
L0201C2N4SRMST KEMET-L0201C2N4SRMST Datasheet
759Kb / 32P
   Surface Mount Ferrite Products Inductors & Ferrite Beads
L4018C2R2MDWDT KEMET-L4018C2R2MDWDT Datasheet
759Kb / 32P
   Surface Mount Ferrite Products Inductors & Ferrite Beads
logo
Littelfuse
V26SM20 LITTELFUSE-V26SM20 Datasheet
377Kb / 4P
   Varistor Products - Surface Mount Varistors
logo
Superworld Electronics
Z403025_SERIES SUPERWORLD-Z403025_SERIES Datasheet
1Mb / 9P
   Surface Mount Ferrite Bead
logo
AVX Corporation
06034D475KAT2A AVX-06034D475KAT2A Datasheet
2Mb / 99P
   AVX Surface Mount Ceramic Capacitor Products
12101C474KAT2A AVX-12101C474KAT2A Datasheet
2Mb / 99P
   AVX Surface Mount Ceramic Capacitor Products
logo
Vishay Siliconix
ILBB1210 VISHAY-ILBB1210 Datasheet
120Kb / 2P
   Surface Mount, Multilayer Ferrite Beads
Revision 15-Jan-03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com