Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B3751 Datasheet(PDF) 4 Page - EPCOS

Part # B3751
Description  SAW Components Low-loss Filter 315,00 MHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3751 Datasheet(HTML) 4 Page - EPCOS

  B3751 Datasheet HTML 1Page - EPCOS B3751 Datasheet HTML 2Page - EPCOS B3751 Datasheet HTML 3Page - EPCOS B3751 Datasheet HTML 4Page - EPCOS B3751 Datasheet HTML 5Page - EPCOS B3751 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Mar 13, 2003
SAW Components
B3751
315,00 MHz
Low-loss Filter
Data Sheet
Matching network to 50
Ω (element values depend on pcb layout and equivalent circuit)
Cp1 = 1,0 pF
Ls2 = 82 nH
Ls3 = 82 nH
Cp4 = 1,0 pF
Minimising the crosstalk
For a good ultimate rejection a low crosstalk is necessary. Low crosstalk can be realised with
a good RF layout. The major crosstalk mechanism is caused by the “ground-loop” problem.
Grounding loops are created if input-and output transducer GND are connected on the top-side
of the PCB and fed to the system grounding plane by a common via hole. To avoid the common
ground path, the ground pin of the input- and output transducer are fed to the system ground
plane (bottom PCB plane) by their own via hole. The transducers’ grounding pins should be
isolated from the upper grounding plane.
A common GND inductivity of 0.5nH degrades the ultimate rejection (crosstalk) by 20dB.
The optimised PCB layout, including matching network for transformation to 50 Ohm, is shown
here. In this PCB layout the grounding loops are minimised to realise good ultimate rejection.
Optimised PCB layout for SAW filters in QCC8C package, pinning 2,5 (top side, scale 1:1)
The bottom side is a copper plane (system ground area). The input and output grounding pins
are isolated and connected to the common ground by separated via holes.
For good contact of the upper grounding area with the lower side it is necessary to place
enough via holes.


Similar Part No. - B3751

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3750 EPCOS-B3750 Datasheet
83Kb / 6P
   Low-loss Filter
logo
List of Unclassifed Man...
B3750 ETC1-B3750 Datasheet
2Mb / 15P
   The temperature was measured using the FG-100 thermometer.
logo
EPCOS
B37531J5102J060 EPCOS-B37531J5102J060 Datasheet
146Kb / 10P
   Multilayer Ceramic Capacitors
B37531J5102J062 EPCOS-B37531J5102J062 Datasheet
146Kb / 10P
   Multilayer Ceramic Capacitors
B37531J5102J070 EPCOS-B37531J5102J070 Datasheet
146Kb / 10P
   Multilayer Ceramic Capacitors
More results

Similar Description - B3751

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3781 EPCOS-B3781 Datasheet
82Kb / 6P
   SAW Components Low-loss Filter 315,00 MHz
B3576 EPCOS-B3576 Datasheet
81Kb / 6P
   SAW Components Low-loss Filter 315,00 MHz
B3711 EPCOS-B3711 Datasheet
69Kb / 6P
   SAW Components Low-Loss Filter 315,00 MHz
B3761 EPCOS-B3761 Datasheet
81Kb / 6P
   SAW Components Low-loss Filter 315,00 MHz
B3853 EPCOS-B3853 Datasheet
85Kb / 7P
   SAW Components Low-Loss Filter Low-Loss Filter 141,0 MHz
B3640 EPCOS-B3640 Datasheet
72Kb / 6P
   SAW Components Low-loss Filter 238,0 MHz
B3829 EPCOS-B3829 Datasheet
67Kb / 6P
   SAW Components Low-loss Filter 87,0 MHz
B3588 EPCOS-B3588 Datasheet
61Kb / 5P
   SAW Components Low-loss Filter 915,00 MHz
B3607 EPCOS-B3607 Datasheet
71Kb / 6P
   SAW Components Low-loss Filter 140,00 MHz
B3841 EPCOS-B3841 Datasheet
68Kb / 6P
   SAW Components Low-Loss Filter 174,2 MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com