Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA631 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # SA631
Description  1GHz low voltage LNA and mixer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA631 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button SA631 Datasheet HTML 2Page - NXP Semiconductors SA631 Datasheet HTML 3Page - NXP Semiconductors SA631 Datasheet HTML 4Page - NXP Semiconductors SA631 Datasheet HTML 5Page - NXP Semiconductors SA631 Datasheet HTML 6Page - NXP Semiconductors SA631 Datasheet HTML 7Page - NXP Semiconductors SA631 Datasheet HTML 8Page - NXP Semiconductors SA631 Datasheet HTML 9Page - NXP Semiconductors SA631 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Philips Semiconductors
Product specification
SA631
1GHz low voltage LNA and mixer
1998 Jan 08
6
PERFORMANCE CHARACTERISTICS
85
°C
25
°C
–15
2.5
3
3.5
4
4.5
5
5.5
VCC (V)
–40
°C
25
°C
LNA 1dB Compression vs VCC
–16
–17
–18
–19
–20
–21
–22
–23
–24
–25
-14.0
2.5
3
3.5
4
4.5
5
5.5
VCC (V)
-40
°C
Mixer 1dB Compression vs VCC
-14.5
-15.0
-15.5
-16.0
-13.0
-13.5
-28.0
2.5
3
3.5
4
4.5
5
5.5
VCC (V)
-40
°C
25
°C
85
°C
LNA Gain (Disabled) vs VCC
-28.5
-29.0
-29.5
-30.0
-30.5
-31.0
-27.0
-27.5
6.0
2.5
3
3.5
4
4.5
5
5.5
VCC (V)
-40
°C
25
°C
85
°C
Mixer IP3 vs VCC
5.0
4.0
3.0
2.0
1.0
0.0
–1.0
–2.0
-11
2.5
3
3.5
4
4.5
5
5.5
VCC (V)
–40
°C
25
°C
LNA IP3 vs VCC
-2
-3
-4
-5
-6
-7
-8
-9
-10
0
85
°C
85
°C
SR01590
-12
–3.0
–4.0
Figure 4.


Similar Part No. - SA631

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA630 PHILIPS-SA630 Datasheet
282Kb / 14P
   Single pole double throw SPDT switch
1997 Nov 07
SA630 NXP-SA630 Datasheet
545Kb / 20P
   Single-Pole Double-Throw (SPDT) switch
Rev. 3-23 July 2014
SA630D PHILIPS-SA630D Datasheet
282Kb / 14P
   Single pole double throw SPDT switch
1997 Nov 07
SA630D NXP-SA630D Datasheet
545Kb / 20P
   Single-Pole Double-Throw (SPDT) switch
Rev. 3-23 July 2014
SA630D01 NXP-SA630D01 Datasheet
545Kb / 20P
   Single-Pole Double-Throw (SPDT) switch
Rev. 3-23 July 2014
More results

Similar Description - SA631

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA601 PHILIPS-SA601 Datasheet
182Kb / 11P
   Low voltage LNA and mixer - 1GHz
December 15, 1994
SA611 PHILIPS-SA611 Datasheet
106Kb / 16P
   1GHz low voltage LNA and mixer
1999 Mar 26
SA621 PHILIPS-SA621 Datasheet
118Kb / 16P
   1GHz - Low voltage LNA, mixer and VCO
1997 Nov 07
SA620 PHILIPS-SA620 Datasheet
331Kb / 11P
   Low voltage LNA, mixer and VCO - 1GHz
December 15, 1993
SA600 PHILIPS-SA600 Datasheet
283Kb / 17P
   1GHz LNA and mixer
1993 Dec 15
logo
RF Micro Devices
RF2418 RFMD-RF2418 Datasheet
114Kb / 10P
   LOW CURRENT LNA/MIXER
RF2418 RFMD-RF2418_1 Datasheet
282Kb / 12P
   LOW CURRENT LNA/MIXER
RF2418 RFMD-RF2418_06 Datasheet
136Kb / 10P
   LOW CURRENT LNA/MIXER
logo
Motorola, Inc
MC13142 MOTOROLA-MC13142 Datasheet
165Kb / 16P
   LOW POWER DC - 1.8 GHz LNA, MIXER and VCO
logo
Freescale Semiconductor...
MC13770 FREESCALE-MC13770 Datasheet
390Kb / 8P
   Single Band LNA and Mixer FEIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com