Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRT83L38IB Datasheet(PDF) 2 Page - Exar Corporation

Part # XRT83L38IB
Description  OCTAL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83L38IB Datasheet(HTML) 2 Page - Exar Corporation

  XRT83L38IB Datasheet HTML 1Page - Exar Corporation XRT83L38IB Datasheet HTML 2Page - Exar Corporation XRT83L38IB Datasheet HTML 3Page - Exar Corporation XRT83L38IB Datasheet HTML 4Page - Exar Corporation XRT83L38IB Datasheet HTML 5Page - Exar Corporation XRT83L38IB Datasheet HTML 6Page - Exar Corporation XRT83L38IB Datasheet HTML 7Page - Exar Corporation XRT83L38IB Datasheet HTML 8Page - Exar Corporation XRT83L38IB Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 87 page
background image
XRT83L38
2
OCTAL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
REV. 1.0.2
FEATURES
Fully integrated eight channel long-haul or short-haul transceivers for E1,T1 or J1 applications
Adaptive Receive Equalizer for up to 36dB cable attenuation
Programable Transmit Pulse Shaper for E1,T1 or J1 short-haul interfaces
Five fixed transmit pulse settings for T1 short-haul applications plus a fully programmable waveform
generator for transmit output pulse shaping available for both T1 and E1 modes
Transmit Line Build-Outs (LBO) for T1 long-haul application from 0dB to -22.5dB in three 7.5dB steps
Selectable receiver sensitivity from 0 to 36dB cable loss for T1 @772kHz and 0 to 43dB for E1 @1024kHz
Receive monitor mode handles 0 to 29dB resistive attenuation along with 0 to 6dB of cable attenuation for
E1 and 0 to 3dB of cable attenuation for T1 modes
Supports 75Ω and 120Ω (E1), 100Ω (T1) and 110Ω (J1) applications
Internal and/or external impedance matching for 75Ω, 100Ω, 110Ω and 120Ω
Tri-State transmit output and receive input capability for redundancy applications
Provides High Impedance for Tx and Rx during power off
Transmit return loss meets or exceeds ETSI 300-166 standard
On-chip digital clock recovery circuit for high input jitter tolerance
Crystal-less digital jitter attenuator with 32-bit or 64-bit FIFO selectable either in transmit or receive path
On-chip frequency multiplier generates T1 or E1 Master clocks from variety of external clock sources
High receiver interference immunity
On-chip transmit short-circuit protection and limiting, and driver fail monitor output (DMO)
Receive loss of signal (RLOS) output
FIGURE 2. BLOCK DIAGRAM OF THE XRT83L38 T1/E1/J1 LIU (HARDWARE MODE)
One of Eight Channels, CHANNEL_n - (n=0 : 7)
HW/HOST
GAUGE
JASEL1
JASEL0
RXTSEL
TXTSEL
TERSEL1
TERSEL0
RXRES1
RXRES0
ICT
MCLKE1
MCLKT1
CLKSEL[2:0]
TPOS_n/TDATA_n
TNEG_n/CODES_n
TCLK_n
RCLK_n
RNEG_n/LCV_n
RPOS_n/RDATA_n
RLOS_n
RTIP_n
RRING_n
MASTER CLOCK SYNTHESIZER
QRSS
PATTERN
GENERATOR
DMO_n
TTIP_n
TRING_n
TXON_n
HDB3/
B8ZS
ENCODER
TX/RX JITTER
ATTENUATOR
TIMING
CONTROL
TX FILTER
& PULSE
SHAPER
LINE
DRIVER
LOCAL
ANALOG
LOOPBACK
REMOTE
LOOPBACK
DIGITAL
LOOPBACK
HDB3/
B8ZS
DECODER
TX/RX JITTER
ATTENUATOR
TIMING &
DATA
RECOVERY
PEAK
DETECTOR
& SLICER
QRSS
DETECTOR
NETWORK
LOOP
DETECTOR
RX
EQUALIZER
EQUALIZER
CONTROL
AIS
DETECTOR
LOS
DETECTOR
LBO[3:0]
LOOPBACK
ENABLE
NLCD ENABLE
QRSS ENABLE
HARWARE CONTROL
TEST
RESET
TRATIO
SR/DR
EQC[4:0]
TCLKE
RCLKE
RXMUTE
ATAOS
DRIVE
MONITOR
DFM
MCLKOUT
TAOS_n
LOOP1_n
LOOP0_n


Similar Part No. - XRT83L38IB

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT83L38IB EXAR-XRT83L38IB Datasheet
1Mb / 91P
   OCTAL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
More results

Similar Description - XRT83L38IB

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT83VL38 EXAR-XRT83VL38 Datasheet
825Kb / 88P
   OCTAL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L38 EXAR-XRT83L38 Datasheet
1Mb / 91P
   OCTAL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L34 EXAR-XRT83L34_05 Datasheet
1Mb / 99P
   QUAD T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L34 EXAR-XRT83L34 Datasheet
529Kb / 82P
   QUAD T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83SL38 EXAR-XRT83SL38 Datasheet
586Kb / 89P
   OCTAL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L30 EXAR-XRT83L30_06 Datasheet
1Mb / 78P
   SINGLE-CHANNEL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L30 EXAR-XRT83L30 Datasheet
429Kb / 78P
   SINGLE-CHANNEL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83SL38 EXAR-XRT83SL38_07 Datasheet
1Mb / 88P
   OCTAL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER
XRT83SL34 EXAR-XRT83SL34 Datasheet
856Kb / 80P
   QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83SL30 EXAR-XRT83SL30 Datasheet
417Kb / 76P
   SINGLE-CHANNEL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com