Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA626 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SA626
Description  Low voltage high performance mixer FM IF system with high-speed RSSI
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA626 Datasheet(HTML) 4 Page - NXP Semiconductors

  SA626 Datasheet HTML 1Page - NXP Semiconductors SA626 Datasheet HTML 2Page - NXP Semiconductors SA626 Datasheet HTML 3Page - NXP Semiconductors SA626 Datasheet HTML 4Page - NXP Semiconductors SA626 Datasheet HTML 5Page - NXP Semiconductors SA626 Datasheet HTML 6Page - NXP Semiconductors SA626 Datasheet HTML 7Page - NXP Semiconductors SA626 Datasheet HTML 8Page - NXP Semiconductors SA626 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Philips Semiconductors
Product specification
SA626
Low voltage high performance mixer FM IF system
with high-speed RSSI
1997 Sept 25
4
AC ELECTRICAL CHARACTERISTICS
TA = 25°C; VCC = +3V, unless otherwise stated. RF frequency = 240.05MHz + 14.5dBV RF input step-up; IF frequency = 10.7MHz; RF level =
-68dBm; FM modulation = 1kHz with
±125kHz peak deviation. Audio output with C-message weighted filter and de-emphasis filter. Test circuit
Figure 1. The parameters listed below are tested using automatic test equipment to assure consistent electrical characteristics. The limits do
not represent the ultimate performance limits of the device. Use of an optimized RF layout will improve many of the listed parameters.
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
SA626
UNITS
MIN
TYP
MAX
Mixer/Osc section (ext LO = 160mVRMS)
fIN
Input signal frequency
500
MHz
fOSC
External oscillator (buffer)
500
MHz
Noise figure at 240MHz
14
dB
Third-order input intercept point
Matched f1=240.05; f2=240.35MHz
-16
dBm
Conversion power gain
Matched 14.5dBV step-up
8
11
14
dB
RF input resistance
Single-ended input
700
RF input capacitance
3.5
pF
Mixer output resistance
(Pin 20)
330
IF section
IF amp power gain
38
dB
Limiter amp power gain
54
dB
Input limiting -3dB
Test at Pin 18
–105
dBm
AM rejection
80% AM 1kHz
50
dB
Audio level
Unity gain
120
160
200
mVRMS
Audio DC level
Pin 9, no signal
1.0
V
SINAD sensitivity
IF level = -111dBm
16
dB
THD
Total harmonic distortion
-43
–38
dB
S/N
Signal-to-noise ratio
No modulation for noise
60
dB
IF RSSI output with buffer
IF level = -118dBm
0.2
0.5
V
IF level = -68dBm
0.3
0.6
1.0
V
IF level = -10dBm
0.9
1.3
1.8
V
IF RSSI output rise time
IF frequency = 10.7MHz
(10kHz pulse, no 10.7MHz filter)
RF level = -56dBm
1.2
µs
(no RSSI bypass capacitor)
RF level = -28dBm
1.1
µs
IF RSSI output fall time
IF frequency = 10.7MHz
(10kHz pulse, no 10.7MHz filter)
RF level = -56dBm
2.0
µs
(no RSSI bypass capacitor)
RF level = -28dBm
7.3
µs
RSSI range
90
dB
RSSI accuracy
+1.5
dB
IF input impedance
330
IF output impedance
330
Limiter input impedance
330
Limiter output impedance
300
Limiter output level with no load
130
mVRMS
RF/IF section (int LO)
Audio level
RF level = -10dBm
160
mVRMS
System RSSI output
RF level = -10dBm
1.4
V
System SINAD
RF level = -106dBm
12
dB


Similar Part No. - SA626

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA620 PHILIPS-SA620 Datasheet
331Kb / 11P
   Low voltage LNA, mixer and VCO - 1GHz
December 15, 1993
SA620DK PHILIPS-SA620DK Datasheet
331Kb / 11P
   Low voltage LNA, mixer and VCO - 1GHz
December 15, 1993
SA621 PHILIPS-SA621 Datasheet
118Kb / 16P
   1GHz - Low voltage LNA, mixer and VCO
1997 Nov 07
SA621DH PHILIPS-SA621DH Datasheet
118Kb / 16P
   1GHz - Low voltage LNA, mixer and VCO
1997 Nov 07
SA624 PHILIPS-SA624 Datasheet
161Kb / 15P
   High performance low power FM IF system with high-speed RSSI
1997 Nov 07
More results

Similar Description - SA626

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA636 NXP-SA636 Datasheet
2Mb / 32P
   Low voltage high performance mixer FM IF system with high-speed RSSI
Rev. 8-8 October 2019
SA636 PHILIPS-SA636_15 Datasheet
1Mb / 31P
   Low voltage high performance mixer FM IF system with high-speed RSSI
Rev. 6-5 December 2012
SA636 PHILIPS-SA636 Datasheet
173Kb / 17P
   Low voltage high performance mixer FM IF system with high-speed RSSI
1997 Nov 07
SA58641 PHILIPS-SA58641 Datasheet
179Kb / 17P
   High performance mixer FM IF system with high-speed RSSI
2004 Dec 16
SA625 PHILIPS-SA625 Datasheet
157Kb / 14P
   High performance low power mixer FM IF system with high-speed RSSI
1997 Nov 07
SA627 PHILIPS-SA627 Datasheet
127Kb / 16P
   High performance low power FM IF system with high-speed RSSI
1997 Nov 07
SA624 PHILIPS-SA624 Datasheet
161Kb / 15P
   High performance low power FM IF system with high-speed RSSI
1997 Nov 07
SA607 PHILIPS-SA607 Datasheet
183Kb / 19P
   Low-voltage high performance mixer FM IF system
1997 Nov 07
SA617 PHILIPS-SA617 Datasheet
139Kb / 17P
   Low-voltage high performance mixer FM IF system
1997 Nov 07
SA606 PHILIPS-SA606 Datasheet
214Kb / 19P
   Low-voltage high performance mixer FM IF system
1997 Nov 07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com