Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B3717 Datasheet(PDF) 6 Page - EPCOS

Part # B3717
Description  SAW Components SAW filter 866.50 MHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3717 Datasheet(HTML) 6 Page - EPCOS

  B3717 Datasheet HTML 1Page - EPCOS B3717 Datasheet HTML 2Page - EPCOS B3717 Datasheet HTML 3Page - EPCOS B3717 Datasheet HTML 4Page - EPCOS B3717 Datasheet HTML 5Page - EPCOS B3717 Datasheet HTML 6Page - EPCOS B3717 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
February 27, 2006
B3717
866.50 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW filter
Data sheet
References
Type
B3717
Ordering code
B39871B3717U410
Marking and package
C61157-A7-A67
Packaging
F61074-V8168-Z000
Date codes
L_1126
S-parameters
B3717_SB.s2p
B3717_WB.s2p
Soldering profile
S_6001
RoHS compatible
defined as compatible with the following documents:
"DIRECTIVE 2002/95/EC OF THE EUROPEAN PARLIAMENT
AND OF THE COUNCIL of 27 January 2003 on the restriction
of the use of certain hazardous substances in electrical and
electronic equipment. 2005/618/EC from April 18th, 2005,
amending Directive 2002/95/EC of the European Parliament
and of the Council for the purposes of establishing the maxi-
mum concentration values for certain hazardous substances in
electrical and electronic equipment."
For further information please contact your local EPCOS sales office or visit our webpage at
www.epcos.com .
Published by EPCOS AG
Surface Acoustic Wave Components Division
P.O. Box 80 17 09, 81617 Munich, GERMANY
© EPCOS AG 2006. This brochure replaces the previous edition.
For questions on technology, prices and delivery please contact the Sales Offices of EPCOS AG or
the international Representatives.
Due to technical requirements components may contain dangerous substances. For information on
the type in question please also contact one of our Sales Offices.


Similar Part No. - B3717

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3717 EPCOS-B3717 Datasheet
53Kb / 7P
   SAW RF filter Short range devices
B3717 EPCOS-B3717_1 Datasheet
53Kb / 7P
   SAW RF filter Short range devices
More results

Similar Description - B3717

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3714 EPCOS-B3714 Datasheet
51Kb / 6P
   SAW Components SAW filter 314.35 MHz
B3716 EPCOS-B3716 Datasheet
60Kb / 6P
   SAW Components SAW filter 869,0 MHz
B4070 EPCOS-B4070 Datasheet
85Kb / 8P
   SAW Components SAW filter 810.00 MHz
B3731 EPCOS-B3731 Datasheet
95Kb / 10P
   SAW Components SAW filter 315.00 MHz
B3898 EPCOS-B3898 Datasheet
55Kb / 7P
   SAW Components SAW IF filter 172.80 MHz
logo
TDK Electronics
B39162B3923U410 TDK-B39162B3923U410 Datasheet
121Kb / 8P
   SAW Components SAW filter
B39431B3933H110 TDK-B39431B3933H110 Datasheet
110Kb / 10P
   SAW Components SAW filter
B39431B3743H110 TDK-B39431B3743H110 Datasheet
111Kb / 10P
   SAW Components SAW filter
B39431B3748H110 TDK-B39431B3748H110 Datasheet
114Kb / 10P
   SAW Components SAW filter
B39311B3713U410 TDK-B39311B3713U410 Datasheet
86Kb / 8P
   SAW Components SAW filter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com