Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T520Y108M006AHE015 Datasheet(PDF) 6 Page - Kemet Corporation

Part # T520Y108M006AHE015
Description  CONDUCTIVE POLYMER CHIP CAPACITORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T520Y108M006AHE015 Datasheet(HTML) 6 Page - Kemet Corporation

  T520Y108M006AHE015 Datasheet HTML 1Page - Kemet Corporation T520Y108M006AHE015 Datasheet HTML 2Page - Kemet Corporation T520Y108M006AHE015 Datasheet HTML 3Page - Kemet Corporation T520Y108M006AHE015 Datasheet HTML 4Page - Kemet Corporation T520Y108M006AHE015 Datasheet HTML 5Page - Kemet Corporation T520Y108M006AHE015 Datasheet HTML 6Page - Kemet Corporation T520Y108M006AHE015 Datasheet HTML 7Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
©KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
Performance Notes
1. Cover Tape Break Force: 1.0 Kg Minimum.
2. Cover Tape Peel Strength: The total peel strength of the cover tape from the carrier tape shall be:
Tape Width
Peel Strength
8 mm
0.1 Newton to 1.0 Newton (10g to 100g)
12 mm
0.1 Newton to 1.3 Newton (10g to 130g)
The direction of the pull shall be opposite the direction of the carrier tape travel. The pull angle of the carrier
tape shall be 165 to 180 from the plane of the carrier tape. During peeling, the carrier and/or cover tape
shall be pulled at a velocity of 300 ±10 mm/minute.
3. Reel Sizes: Molded tantalum capacitors are available on either 180 mm (7") reels (standard) or 330 mm (13")
reels (with C-7280). Note that 13” reels are preferred.
4. Labeling: Bar code labeling (standard or custom) shall be on the side of the reel opposite the sprocket holes.
Refer to EIA-556.
Embossed Carrier Tape Configuration: Figure 1
NOTES
1. B1 dimension is a reference dimension for tape feeder clearance only.
2. The embossment hole location shall be measured from the sprocket hole controlling the location of the embossment. Dimensions of
embossment location and hole location shall be applied independent of each other.
3. Tape with components shall pass around radius “R” without damage (see sketch A). The minimum trailer length (Fig. 2) may require
additional length to provide R min. for 12 mm embossed tape for reels with hub diameters approaching N min. (Table 2)
4. The cavity defined by A
0
, B
0
, and K
0 shall be configured to surround the part with sufficient clearance such that the chip does not pro-
trude beyond the sealing plane of the cover tape, the chip can be removed from the cavity in a vertical direction without mechanical
restriction, rotation of the chip is limited to 20 degrees maximum in all 3 planes, and lateral movement of the chip is restricted to 0.5 mm
maximum in the pocket (not applicable to vertical clearance.)
Table 1 — EMBOSSED TAPE DIMENSIONS (Metric will govern)
Constant Dimensions — Millimeters (Inches)
Tape Size
D
0
EP
0
P
2
T Max
T
1 Max
8 mm
1.5
1.75 ±0.10
4.0 ±0.10
2.0 ±0.05
0.600
0.100
and
+0.10 -0.0
12 mm
(0.059
(0.069 ±0.004)
(0.157 ±0.004)
(0.079 ±0.002)
(0.024)
(0.004)
+0.004, -0.0)
Variable Dimensions — Millimeters (Inches)
Tape Size
Pitch
B
1 Max.
D
1 Min.
F
P
1
R Min.
T
2 Max
W
A
0B0K0
Note 1
Note 2
Note 3
Note 4
8 mm
Single
4.4
1.0
3.5 ±0.05
4.0 ±0.10
25.0
2.5
8.0 ±0.30
(4 mm)
(0.173)
(0.039)
(0.138 ±0.002)
(0.157 ±0.004) (0.984)
(0.098)
(.315 ±0.012)
12 mm
Double
8.2
1.5
5.5 ±0.05
8.0 ±0.10
30.0
4.6
12.0 ±0.30
(8 mm)
(0.323)
(0.059)
(0.217 ±0.002)
(0.315 ±0.004) (1.181)
(0.181) (0.472 ±0.012)
TANTALUM, CERAMIC AND
ALUMINUM CHIP CAPACITORS
Packaging Information
94


Similar Part No. - T520Y108M006AHE015

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T520Y108M2R5AE010 KEMET-T520Y108M2R5AE010 Datasheet
807Kb / 8P
   CONDUCTIVE POLYMER CHIP CAPACITORS
T520Y108M2R5AE015 KEMET-T520Y108M2R5AE015 Datasheet
807Kb / 8P
   CONDUCTIVE POLYMER CHIP CAPACITORS
T520Y108M2R5AE025 KEMET-T520Y108M2R5AE025 Datasheet
807Kb / 8P
   CONDUCTIVE POLYMER CHIP CAPACITORS
T520Y108M2R5ATE010 KEMET-T520Y108M2R5ATE010 Datasheet
80Kb / 1P
   T520, Tantalum, Polymer Tantalum, 1000 uF, 20%, 2.5 V, SMD, Polymer, Molded, Low ESR, Non-Combustible, 10 mOhms, 7343, Height Max = 4mm
T520Y108M2R5ATE025 KEMET-T520Y108M2R5ATE025 Datasheet
80Kb / 1P
   T520, Tantalum, Polymer Tantalum, 1000 uF, 20%, 2.5 V, SMD, Polymer, Molded, Low ESR, Non-Combustible, 25 mOhms, 7343, Height Max = 4mm
More results

Similar Description - T520Y108M006AHE015

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T525 KEMET-T525 Datasheet
565Kb / 5P
   CONDUCTIVE POLYMER CHIP CAPACITORS
T525 KEMET-T525_1 Datasheet
698Kb / 5P
   CONDUCTIVE POLYMER CHIP CAPACITORS
T520 KEMET-T520_1 Datasheet
807Kb / 8P
   CONDUCTIVE POLYMER CHIP CAPACITORS
logo
AVX Corporation
TCQB476M006R0070 AVX-TCQB476M006R0070 Datasheet
176Kb / 3P
   Automotive Conductive Polymer Chip Capacitors
logo
Rohm
TCO_B ROHM-TCO_B_12 Datasheet
133Kb / 7P
   Conductive polymer chip capacitors(Standard)
logo
AVX Corporation
TCQ AVX-TCQ Datasheet
494Kb / 4P
   Automotive Conductive Polymer Chip Capacitors
TCJ AVX-TCJ Datasheet
1Mb / 11P
   Conductive Polymer Solid Electrolytic Chip Capacitors
logo
MERITEK ELECTRONICS COR...
PEVA MERITEK-PEVA Datasheet
805Kb / 2P
   Conductive Polymer Aluminum Solid Capacitors (V Chip)
logo
AVX Corporation
TCM AVX-TCM Datasheet
610Kb / 4P
   Conductive Polymer Solid Electrolytic Chip Multianode Capacitors
logo
MERITEK ELECTRONICS COR...
PEV5 MERITEK-PEV5 Datasheet
972Kb / 5P
   Conductive Polymer Aluminum Solid Capacitors (V Chip)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com