Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T492C105M035CB4250 Datasheet(PDF) 1 Page - Kemet Corporation

Part # T492C105M035CB4250
Description  SOLID TANTALUM CHIP CAPACITORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T492C105M035CB4250 Datasheet(HTML) 1 Page - Kemet Corporation

  T492C105M035CB4250 Datasheet HTML 1Page - Kemet Corporation T492C105M035CB4250 Datasheet HTML 2Page - Kemet Corporation T492C105M035CB4250 Datasheet HTML 3Page - Kemet Corporation T492C105M035CB4250 Datasheet HTML 4Page - Kemet Corporation T492C105M035CB4250 Datasheet HTML 5Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
©KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
20
Established reliability military version of
Industrial Grade T491 series
Taped and reeled per EIA 481-1
Precision-molded, laser-marked case
Symmetrical, compliant terminations
100% Surge Current test available for all case sizes
Operating Temperature: -55˚C to + 125˚C
Qualified to MIL-PRF-55365/8, Style CWR11:
– Termination
Options B, C, H, K
–Weibull failure rate codes B, C and D
– Capacitance values and voltages as shown
in following part number table. (Contact
KEMET for latest qualification status)
DIMENSIONS – Millimeters (Inches)
T492 SERIES ORDERING INFORMATION — KEMET Part Number
ORDERING INFORMATION — MIL-PRF-55365 Part Number
# Note on Failure Rates: Exponential failure rate levels M, P, R and S are inactive for new design per Mil-C-55365.
Parts qualified to Weibull failure rate levels are substitutable for exponential failure rate levels.
W
K
X
CATHODE (-) END
VIEW
SIDE VIEW
ANODE (+) END
VIEW
T
G
S
S
B
B
H
H
BOTTOM VIEW
E
F
A
L
Termination
cutout at
KEMET’s
Option,
either end
R
P
T492 OUTLINE DRAWINGS
* Part Number Example: T492B105K035BS (14 digits - no spaces)
* See www.kemet.com for Pb Free transition.
Surge Current Option
4250 = +25°C after Weibull
4251 = -55° +85°C after Weibull
4252 = -55, & +85°C before Weibull
Lead Material
B = Gold
C = Hot Solder Dip
H or S = Solder Plated
K = Solder Fused
Capacitance Tolerances
M = ±10%; K = ±10%; J = ±5%
Failure Rate Symbol
Weibull: B (0.1%/1000 hrs.); C (0.01%/1000 hrs.); D (0.001%/1000 hrs.)
# Exponential: M (1.0%/1000 hrs.); P (0.1%/1000 hrs.), R (0.01%/1000 hrs.);
S (0.001%/1000 hrs.)
# Exponential not recommended for new design
Tantalum
Series
T492 - Precision Molded, Style CWR11
Case Size
A, B, C, D
Capacitance Picofarad Code
First two digits represent significant figures.
Third digit specifies number of zeros to follow.
T
492
B
105
K
035
B
S
4250
Voltage
As shown
Surge Current Option
A = +25°C after Weibull
B = -55°C +85°C after Weibull
C = -55°, & +85°C before Weibull
Z = None
Capacitance Tolerances
M = ±10%; K = ±10%; J = ±5%
Failure Rate Symbol
Weibull:
B (0.1%/1000 hrs.)
C (0.01%/1000 hrs.)
D (0.001%/1000 hrs.)
#Exponential: M (1.0%/1000 hrs.)
P (0.1%/1000 hrs.)
R (0.01%/1000 hrs.)
S (0.001%/1000 hrs.)
Style
Capacitors, Chip, Fixed Tantalum
Established Reliability, (encapsulated)
Voltage
D = 6V
J = 20V
F = 10V K = 25V
H = 15V M = 35V
Capacitance Picofarad Code
First two digits represent significant figures.
Third digit specifies number of zeros to follow.
CWR11
M
H
105
K
B
A
Termination Finish Code
B = Gold Plated
C = Hot Solder Dipped
H = Solder Plated
K = Solder Fused
# Inactive for
New Design
Case Size
Component
KEMET
EIA
L*
W*
H*
K* ± 0.20
± (.008)
F* ± 0.1
± (.004)
S* ± 0.3
± (.012)
B ± 0.15
(Ref) ± .006
X
(Ref)
P
(Ref)
R
(Ref)
T
(Ref)
A
(Min)
G
(Ref)
E
(Ref)
A
3216-18
3.2 ± 0.2
(.126 ± .008)
1.6 ± 0.2
(.063 ± .008)
1.6 ± 0.2
(.063 ± .008)
0.9
(.035)
1.2
(.047)
0.8
(.031)
0.4
(.016)
0.10 ± 0.10
(.004 ± .004)
0.4
(.016)
0.4
(.016)
0.13
(.005)
1.4
(.055)
1.1
(.043)
1.3
(.051)
B
3528-21
3.5 ± 0.2
(.138 ± .008)
2.8 ± 0.2
(.110 ± .008)
1.9 ± 0.2
(.075 ± .008)
1.1
(.043)
2.2
(.087)
0.8
(.031)
0.4
(.016)
0.10 ± 0.10
(.004 ± .004)
0.5
(.020)
1.0
(.039)
0.13
(.005)
2.1
(.083)
1.8
(.071)
2.2
(.087)
C
6032-28
6.0 ± 0.3
.236 ± .012
3.2 ± 0.3
(.126 ± .012)
2.5 ± 0.3
(.098 ± .012)
1.4
(.055)
2.2
(.087)
1.3
(.051)
0.5
(.020)
0.10 ± 0.10
(.004 ± .004)
0.9
(.035)
1.0
(.039)
0.13
(.005)
3.1
(.122)
2.8
(.110)
2.4
(.094)
D
7343-31
7.3 ± 0.3
(.287 ± .012)
4.3 ± 0.3
(.169 ± .012)
2.8 ± 0.3
(.110 ± .012)
1.5
(.059)
2.4
(.094)
1.3
(.051)
0.5
(.020)
0.10 ± 0.10
(.004 ± .004)
0.9
(.035)
1.0
(.039)
0.13
(.005)
3.8
(.150)
3.5
(.138)
3.5
(.138)
Notes: 1. Metric dimensions govern
2. (Ref) Dimensions provided for reference only
* Mil-PRF-55365/8 Specified Dimensions
SOLID TANTALUM CHIP CAPACITORS
T492 SERIES – Style CWR11 Per Mil-PRF-55365/8


Similar Part No. - T492C105M035CB4250

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T492C156J005AC4251 KEMET-T492C156J005AC4251 Datasheet
2Mb / 17P
   Established reliability options Symmetrical, compliant terminations
T492C156J005BC4251 KEMET-T492C156J005BC4251 Datasheet
2Mb / 17P
   Established reliability options Symmetrical, compliant terminations
T492C156J005CC4251 KEMET-T492C156J005CC4251 Datasheet
2Mb / 17P
   Established reliability options Symmetrical, compliant terminations
T492C156J010AC4251 KEMET-T492C156J010AC4251 Datasheet
2Mb / 17P
   Established reliability options Symmetrical, compliant terminations
T492C156J010BC4251 KEMET-T492C156J010BC4251 Datasheet
2Mb / 17P
   Established reliability options Symmetrical, compliant terminations
More results

Similar Description - T492C105M035CB4250

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
594D VISHAY-594D_17 Datasheet
313Kb / 20P
   Solid Tantalum Chip Capacitors
Revision: 21-Jun-17
logo
Cornell Dubilier Electr...
T491T156K004AS CDE-T491T156K004AS Datasheet
277Kb / 4P
   Solid Tantalum Chip Capacitors
logo
Vishay Siliconix
TM8 VISHAY-TM8_17 Datasheet
423Kb / 18P
   Solid Tantalum Chip Capacitors
Revision: 09-Mar-17
logo
Kemet Corporation
T495 KEMET-T495 Datasheet
726Kb / 8P
   SOLID TANTALUM CHIP CAPACITORS
logo
Vishay Siliconix
597D227X9020R2T VISHAY-597D227X9020R2T Datasheet
827Kb / 20P
   Solid Tantalum Chip Capacitors
Revision: 25-Jun-13
logo
Kemet Corporation
T495D476K010ATE200 KEMET-T495D476K010ATE200 Datasheet
727Kb / 8P
   SOLID TANTALUM CHIP CAPACITORS
T494A105M035AT KEMET-T494A105M035AT Datasheet
751Kb / 7P
   SOLID TANTALUM CHIP CAPACITORS
T498 KEMET-T498 Datasheet
959Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T510 KEMET-T510 Datasheet
981Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
logo
Vishay Siliconix
592D VISHAY-592D_17 Datasheet
335Kb / 25P
   Solid Tantalum Chip Capacitors
Revision: 27-Jun-17
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com