Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C315C339J1G5CA Datasheet(PDF) 9 Page - Kemet Corporation

Part # C315C339J1G5CA
Description  MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C315C339J1G5CA Datasheet(HTML) 9 Page - Kemet Corporation

Back Button C315C339J1G5CA Datasheet HTML 3Page - Kemet Corporation C315C339J1G5CA Datasheet HTML 4Page - Kemet Corporation C315C339J1G5CA Datasheet HTML 5Page - Kemet Corporation C315C339J1G5CA Datasheet HTML 6Page - Kemet Corporation C315C339J1G5CA Datasheet HTML 7Page - Kemet Corporation C315C339J1G5CA Datasheet HTML 8Page - Kemet Corporation C315C339J1G5CA Datasheet HTML 9Page - Kemet Corporation C315C339J1G5CA Datasheet HTML 10Page - Kemet Corporation C315C339J1G5CA Datasheet HTML 11Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
© KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
39
CERAMIC LEADED
PACKAGING INFORMATION
KEMET
®
KEMET
®
Adhesive Tape
Adhesive Tape
Kraft Paper
Interleaving
Figure 1
Figure 2
31/4"
(82.6)
.655"
±0.010"
(16.6
±0.25)
10.5" - 14"
(26.67 -
35.56cm)
.059" to .315"
Greater Than
Component
Length
*
Hub
1/8"
(3.18)
Figure 3
See Table 1
(B)
.250" Nom.
(6.35)
*
.047" Max
(1.20)
See Table 1 (A)
Ceramic Axial
Lead Tape and Reel Packaging
KEMET offers standard reeling of Molded and Conformally
Coated Axial Leaded Ceramic Capacitors for automatic insertion
or lead forming machines per EIA specification RS-296. KEMET’S
internal specification four-digit suffix, 7200, is placed at the end of
the part number to designate tape and reel packaging, ie:
C410C104Z5U5CA7200.
Paper (50 lb.) test minimum is inserted between the layers of
capacitors wound on reels for component pitch
≤ 0.400".
Capacitor lead length may extend only a maximum of .0625"
(1.59mm) beyond the tapes' edges. Capacitors are centered in a
row between the two tapes and will deviate only
± 0.031
(0.79mm) from the row center. A minimum of 36" (91.5 cm) leader
tape is provided at each end of the reel capacitors. Universal
splicing clips are used to connect the tape. Standard reel
quantities are shown on page 41.
Dimensions in Inches & (Millimeters)
* Not Available for Conformally Coated Parts.
Component
Body Diameter
Component
Pitch "A"
Inside Tape Spacing "B"
± 1.5mm (0.059")
0.020" or (
±0.5mm)
I
III*
0" (0mm) to 0.197" (5mm)
0.197" (5.01mm) to 0.394: (10mm)
0.197" or (5mm)
0.394" or (10mm)
2.062" (52.4mm)
2.874" (73mm)
Table 1


Similar Part No. - C315C339J1G5CA

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C315C339D2G5TA KEMET-C315C339D2G5TA Datasheet
52Kb / 1P
   Capacitor, ceramic, 3.3 pF, /-0.5pF Tol, 200V, C0G, Lead Spacing=0.1"||" "919953
RF SPLITTER/COMBINER
C315C339D2G5TA KEMET-C315C339D2G5TA_13 Datasheet
52Kb / 1P
   Capacitor, ceramic, 3.3 pF, /-0.5pF Tol, 200V, C0G, Lead Spacing=0.1"||" "919953
RF SPLITTER/COMBINER
More results

Similar Description - C315C339J1G5CA

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C052K102K2X5CA KEMET-C052K102K2X5CA Datasheet
1Mb / 15P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C322C104K5R5TA7301 KEMET-C322C104K5R5TA7301 Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C317C104M5U5TA KEMET-C317C104M5U5TA Datasheet
234Kb / 11P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C333C105M5U5TA KEMET-C333C105M5U5TA Datasheet
900Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C322C222J1G5CA KEMET-C322C222J1G5CA Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C340C104K2R5CA KEMET-C340C104K2R5CA Datasheet
900Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C322C102J1G5CA KEMET-C322C102J1G5CA Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL& RADIAL LEADED
M3901401-1323 KEMET-M3901401-1323 Datasheet
1Mb / 15P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C622C102MDR5TA KEMET-C622C102MDR5TA Datasheet
935Kb / 14P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C320C102M1R5TA KEMET-C320C102M1R5TA Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C052G102J1G5CR KEMET-C052G102J1G5CR_10 Datasheet
1Mb / 15P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com