Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C0201C109F3RAC Datasheet(PDF) 2 Page - Kemet Corporation

Part # C0201C109F3RAC
Description  CERAMIC CHIP CAPACITORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0201C109F3RAC Datasheet(HTML) 2 Page - Kemet Corporation

  C0201C109F3RAC Datasheet HTML 1Page - Kemet Corporation C0201C109F3RAC Datasheet HTML 2Page - Kemet Corporation C0201C109F3RAC Datasheet HTML 3Page - Kemet Corporation C0201C109F3RAC Datasheet HTML 4Page - Kemet Corporation C0201C109F3RAC Datasheet HTML 5Page - Kemet Corporation C0201C109F3RAC Datasheet HTML 6Page - Kemet Corporation C0201C109F3RAC Datasheet HTML 7Page - Kemet Corporation C0201C109F3RAC Datasheet HTML 8Page - Kemet Corporation C0201C109F3RAC Datasheet HTML 9Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
©KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
* Indicates EIA preferred chip sizes.
NOTE: For non-standard capacitance values or voltages, contact your local KEMET sales representative.
50 Volt Ceramic Chips can be used in 63 volt applications.
Improved product with higher ratings and tighter capacitance tolerance product may be substituted within the same size (length, width, and thickness) at KEMET’s option.
Reels with such substitutions will be marked with the improved KEMET part numbers.
CERAMIC CHIP/STANDARD
C0G CAPACITANCE RANGE –
0201, 0402, 0603, 0805, 1206
See page 7
8 for Thickness Code Reference Chart.
• Greater or equal to J (5%) tolerance available.
• J Tolerance Only; ^ = D Tolerance Only ~ = J,K,M Tolerance Only
73
C0201*
25V
10V 16V 25V 50V 10V 16V 25V 50V 100V 200V 10V 16V 25V 50V 100V 200V 10V 16V 25V 50V 100V 200V
0.50
508
C,D
BB
BB
BB
BB
CB
CB
CB
CB
CB
CB
DC
DC
DC
DC
DC
DC
0.75
758
C,D
BB
BB
BB
BB
CB
CB
CB
CB
CB
CB
DC
DC
DC
DC
DC
DC
1.0
109
C,D
BB
BB
BB
BB
CB
CB
CB
CB
CB
CB
DC
DC
DC
DC
DC
DC
EB
EB
EB
EB
EB
EB
1.1
119
C,D
BB
BB
BB
BB
CB
CB
CB
CB
CB
CB
DC
DC
DC
DC
DC
DC
EB
EB
EB
EB
EB
EB
1.2
129
C,D
BB
BB
BB
BB
CB
CB
CB
CB
CB
CB
DC
DC
DC
DC
DC
DC
EB
EB
EB
EB
EB
EB
1.5
159
C,D
BB
BB
BB
BB
CB
CB
CB
CB
CB
CB
DC
DC
DC
DC
DC
DC
EB
EB
EB
EB
EB
EB
1.6
169
C,D
BB
BB
BB
BB
CB
CB
CB
CB
CB
CB
DC
DC
DC
DC
DC
DC
EB
EB
EB
EB
EB
EB
1.8
189
C,D
BB
BB
BB
BB
CB
CB
CB
CB
CB
CB
DC
DC
DC
DC
DC
DC
EB
EB
EB
EB
EB
EB
2.0
209
C,D
BB
BB
BB
BB
CB
CB
CB
CB
CB
CB
DC
DC
DC
DC
DC
DC
EB
EB
EB
EB
EB
EB
2.2
229
C,D
BB
BB
BB
BB
CB
CB
CB
CB
CB
CB
DC
DC
DC
DC
DC
DC
EB
EB
EB
EB
EB
EB
2.4
249
C,D
BB
BB
BB
BB
CB
CB
CB
CB
CB
CB
DC
DC
DC
DC
DC
DC
EB
EB
EB
EB
EB
EB
2.7
279
C,D
K,M
BB
BB
BB
BB
CB
CB
CB
CB
CB
CB
DC
DC
DC
DC
DC
DC
EB
EB
EB
EB
EB
EB
3.0
309
C,D
K,M
BB
BB
BB
BB
CB
CB
CB
CB
CB
CB
DC
DC
DC
DC
DC
DC
EB
EB
EB
EB
EB
EB
3.3
339
C,D
K,M
BB
BB
BB
BB
CB
CB
CB
CB
CB
CB
DC
DC
DC
DC
DC
DC
EB
EB
EB
EB
EB
EB
3.9
399
C,D
K,M
BB
BB
BB
BB
CB
CB
CB
CB
CB
CB
DC
DC
DC
DC
DC
DC
EB
EB
EB
EB
EB
EB
4.3
439
C,D
K,M
BB
BB
BB
BB
CB
CB
CB
CB
CB
CB
DC
DC
DC
DC
DC
DC
EB
EB
EB
EB
EB
EB
4.7
479
C,D
K,M
BB
BB
BB
BB
CB
CB
CB
CB
CB
CB
DC
DC
DC
DC
DC
DC
EB
EB
EB
EB
EB
EB
5.1
519
C,D
K,M
BB
BB
BB
BB
CB
CB
CB
CB
CB
CB
DC
DC
DC
DC
DC
DC
EB
EB
EB
EB
EB
EB
5.6
569
C,D
J,K,M
BB
BB
BB
BB
CB
CB
CB
CB
CB
CB
DC
DC
DC
DC
DC
DC
EB
EB
EB
EB
EB
EB
6.0
609
C,D
J,K,M
BB
BB
BB
BB
CB
CB
CB
CB
CB
CB
DC
DC
DC
DC
DC
DC
EB
EB
EB
EB
EB
EB
6.2
629
C,D
J,K,M
BB
BB
BB
BB
CB
CB
CB
CB
CB
CB
DC
DC
DC
DC
DC
DC
EB
EB
EB
EB
EB
EB
6.8
689
C,D
J,K,M
BB
BB
BB
BB
CB
CB
CB
CB
CB
CB
DC
DC
DC
DC
DC
DC
EB
EB
EB
EB
EB
EB
7.0
709
C,D
J,K,M
BB
BB
BB
BB
CB
CB
CB
CB
CB
CB
DC
DC
DC
DC
DC
DC
EB
EB
EB
EB
EB
EB
7.5
759
C,D
J,K,M
BB
BB
BB
BB
CB
CB
CB
CB
CB
CB
DC
DC
DC
DC
DC
DC
EB
EB
EB
EB
EB
EB
8.2
829
C,D
J,K,M
BB
BB
BB
BB
CB
CB
CB
CB
CB
CB
DC
DC
DC
DC
DC
DC
EB
EB
EB
EB
EB
EB
9.1
919
C,D
J,K,M
BB
BB
BB
BB
CB
CB
CB
CB
CB
CB
DC
DC
DC
DC
DC
DC
EB
EB
EB
EB
EB
EB
10.0
100
C,D
J,K,M
AA^
BB
BB
BB
BB
CB
CB
CB
CB
CB
CB
DC
DC
DC
DC
DC
DC
EB
EB
EB
EB
EB
EB
11.0
110
C,D
J,K,M
BB
BB
BB
BB
CB
CB
CB
CB
CB
CB
DC
DC
DC
DC
DC
DC
EB
EB
EB
EB
EB
EB
12.0
120
C,D
J,K,M
AA~
BB
BB
BB
BB
CB
CB
CB
CB
CB
CB
DC
DC
DC
DC
DC
DC
EB
EB
EB
EB
EB
EB
13.0
130
C,D
J,K,M
BB
BB
BB
BB
CB
CB
CB
CB
CB
CB
DC
DC
DC
DC
DC
DC
EB
EB
EB
EB
EB
EB
15.0
150
C,D
G,J,K,M
AA~
BB
BB
BB
BB
CB
CB
CB
CB
CB
CB
DC
DC
DC
DC
DC
DC
EB
EB
EB
EB
EB
EB
16.0
160
C,D
G,J,K,M
BB
BB
BB
BB
CB
CB
CB
CB
CB
CB
DC
DC
DC
DC
DC
DC
EB
EB
EB
EB
EB
EB
18.0
180
C,D
G,J,K,M
AA~
BB
BB
BB
BB
CB
CB
CB
CB
CB
CB
DC
DC
DC
DC
DC
DC
EB
EB
EB
EB
EB
EB
20.0
200
C,D
G,J,K,M
BB
BB
BB
BB
CB
CB
CB
CB
CB
CB
DC
DC
DC
DC
DC
DC
EB
EB
EB
EB
EB
EB
22.0
220
C,D
G,J,K,M
AA~
BB
BB
BB
BB
CB
CB
CB
CB
CB
CB
DC
DC
DC
DC
DC
DC
EB
EB
EB
EB
EB
EB
24.0
240
C,D
G,J,K,M
BB
BB
BB
BB
CB
CB
CB
CB
CB
CB
DC
DC
DC
DC
DC
DC
EB
EB
EB
EB
EB
EB
27.0
270
D,F,G,J,K,M
AA~
BB
BB
BB
BB
CB
CB
CB
CB
CB
CB
DC
DC
DC
DC
DC
DC
EB
EB
EB
EB
EB
EB
30.0
300
D,F,G,J,K,M
BB
BB
BB
BB
CB
CB
CB
CB
CB
CB
DC
DC
DC
DC
DC
DC
EB
EB
EB
EB
EB
EB
33.0
330
D,F,G,J,K,M
AA~
BB
BB
BB
BB
CB
CB
CB
CB
CB
CB
DC
DC
DC
DC
DC
DC
EB
EB
EB
EB
EB
EB
36.0
360
D,F,G,J,K,M
BB
BB
BB
BB
CB
CB
CB
CB
CB
CB
DC
DC
DC
DC
DC
DC
EB
EB
EB
EB
EB
EB
39.0
390
D,F,G,J,K,M
AA~
BB
BB
BB
BB
CB
CB
CB
CB
CB
CB
DC
DC
DC
DC
DC
DC
EB
EB
EB
EB
EB
EB
43.0
430
D,F,G,J,K,M
BB
BB
BB
BB
CB
CB
CB
CB
CB
CB
DC
DC
DC
DC
DC
DC
EB
EB
EB
EB
EB
EB
47.0
470
D,F,G,J,K,M
AA~
BB
BB
BB
BB
CB
CB
CB
CB
CB
CB
DC
DC
DC
DC
DC
DC
EB
EB
EB
EB
EB
EB
51.0
510
D,F,G,J,K,M
BB
BB
BB
BB
CB
CB
CB
CB
CB
CB
DC
DC
DC
DC
DC
DC
EB
EB
EB
EB
EB
EB
56.0
560
F,G,J,K,M
AA~
BB
BB
BB
BB
CB
CB
CB
CB
CB
CB
DC
DC
DC
DC
DC
DC
EB
EB
EB
EB
EB
EB
62.0
620
F,G,J,K,M
BB
BB
BB
BB
CB
CB
CB
CB
CB
CB
DC
DC
DC
DC
DC
DC
EB
EB
EB
EB
EB
EB
68.0
680
F,G,J,K,M
AA~
BB
BB
BB
BB
CB
CB
CB
CB
CB
CB
DC
DC
DC
DC
DC
DC
EB
EB
EB
EB
EB
EB
75.0
750
F,G,J,K,M
BB
BB
BB
BB
CB
CB
CB
CB
CB
CB
DC
DC
DC
DC
DC
DC
EB
EB
EB
EB
EB
EB
82.0
820
F,G,J,K,M
AA~
BB
BB
BB
BB
CB
CB
CB
CB
CB
CB
DC
DC
DC
DC
DC
DC
EB
EB
EB
EB
EB
EB
91.0
910
F,G,J,K,M
BB
BB
BB
BB
CB
CB
CB
CB
CB
DC
DC
DC
DC
DC
DC
EB
EB
EB
EB
EB
EB
100.0
101
F,G,J,K,M
AA~
BB
BB
BB
BB
CB
CB
CB
CB
CB
DC
DC
DC
DC
DC
DC
EB
EB
EB
EB
EB
EB
110.0
111
F,G,J,K,M
CB
CB
CB
CB
CB
DC
DC
DC
DC
DC
DC
EB
EB
EB
EB
EB
EB
120.0
121
F,G,J,K,M
BB• CB
CB
CB
CB
CB
DC
DC
DC
DC
DC
DC
EB
EB
EB
EB
EB
EB
130.0
131
F,G,J,K,M
CB
CB
CB
CB
CB
DC
DC
DC
DC
DC
DC
EB
EB
EB
EB
EB
EB
150.0
151
F,G,J,K,M
BB• CB
CB
CB
CB
CB
DC
DC
DC
DC
DC
DC
EB
EB
EB
EB
EB
EB
160.0
161
F,G,J,K,M
CB
CB
CB
CB
CB
DC
DC
DC
DC
DC
DC
EB
EB
EB
EB
EB
EB
180.0
181
F,G,J,K,M
BB• CB
CB
CB
CB
CB
DC
DC
DC
DC
DC
DC
EB
EB
EB
EB
EB
EB
200.0
201
F,G,J,K,M
CB
CB
CB
CB
CB
DC
DC
DC
DC
DC
DC
EB
EB
EB
EB
EB
EB
220.0
221
F,G,J,K,M
BB• CB
CB
CB
CB
CB
DC
DC
DC
DC
DC
DC
EB
EB
EB
EB
EB
EB
240.0
241
F,G,J,K,M
CB
CB
CB
CB
CB
DC
DC
DC
DC
DC
DC
EB
EB
EB
EB
EB
EB
270.0
271
F,G,J,K,M
BB• CB
CB
CB
CB
CB
DC
DC
DC
DC
DC
DC
EB
EB
EB
EB
EB
EB
300.0
301
F,G,J,K,M
CB
CB
CB
CB
CB
DC
DC
DC
DC
DC
DC
EB
EB
EB
EB
EB
EB
330.0
331
F,G,J,K,M
BB• CB
CB
CB
CB
CB
DC
DC
DC
DC
DC
DC
EB
EB
EB
EB
EB
EB
360.0
361
F,G,J,K,M
CB
CB
CB
CB
DC
DC
DC
DC
DC
DC
EB
EB
EB
EB
EB
EB
390.0
391
F,G,J,K,M
CB
CB
CB
CB
DC
DC
DC
DC
DC
DC
EB
EB
EB
EB
EB
EB
430.0
431
F,G,J,K,M
CB
CB
CB
CB
DC
DC
DC
DC
DC
DC
EB
EB
EB
EB
EB
EB
470.0
471
F,G,J,K,M
BB
CB
CB
CB
CB
DC
DC
DC
DC
DC
DD
EB
EB
EB
EB
EB
EB
510.0
511
F,G,J,K,M
CB
CB
CB
CB
DC
DC
DC
DC
DC
EB
EB
EB
EB
EB
EB
560.0
561
F,G,J,K,M
BB
CB
CB
CB
CC
DC
DC
DC
DC
DC
EB
EB
EB
EB
EB
EB
620.0
621
F,G,J,K,M
CB
CB
CB
CC
DC
DC
DC
DC
DC
EB
EB
EB
EB
EB
EC
680.0
681
F,G,J,K,M
BB
CB
CB
CB
CC
DC
DC
DC
DC
DC
EB
EB
EB
EB
EB
EC
750.0
751
F,G,J,K,M
CB
CB
CB
CC
DC
DC
DC
DC
DC
EB
EB
EB
EB
EB
EC
820.0
821
F,G,J,K,M
BB
CB
CB
CB
CC
DC
DC
DC
DC
DC
EB
EB
EB
EB
EB
EC
910.0
911
F,G,J,K,M
CB
CB
CB
CC
DC
DC
DC
DC
DD
EB
EB
EB
EB
EB
ED
1000.0
102
F,G,J,K,M
BB
CB
CB
CB
CC
DC
DC
DC
DC
DD
EB
EB
EB
EB
EB
EE
1100.0
112
F,G,J,K,M
DC
DC
DC
DC
EB
EB
EB
EB
EB
EB
1200.0
122
F,G,J,K,M
DC
DC
DC
DC
EB
EB
EB
EB
EB
EB
1300.0
132
F,G,J,K,M
DD
DD
DD
DD
EB
EB
EB
EB
EC
EC
1500.0
152
F,G,J,K,M
DD
DD
DD
DD
EB
EB
EB
EB
ED
EC
1600.0
162
F,G,J,K,M
DD
DD
DD
DD
EB
EB
EB
EB
ED
ED
1800.0
182
F,G,J,K,M
DD
DD
DD
DD
EB
EB
EB
EB
ED
ED
2000.0
202
F,G,J,K,M
DC
DC
DC
EB
EB
EB
EB
ED
2200.0
222
F,G,J,K,M
CC
DC
DC
DC
EB
EB
EB
EB
EE
2400.0
242
F,G,J,K,M
DC
DC
DC
EB
EB
EB
EB
EC
2700.0
272
F,G,J,K,M
CC
DC
DC
DC
EB
EB
EB
EB
EC
3000.0
302
F,G,J,K,M
DD
DD
DD
EC
EC
EC
EC
EC
3300.0
332
F,G,J,K,M
CC
DD
DD
DD
EC
EC
EC
EC
EE
3600.0
362
F,G,J,K,M
DD
DD
DD
EC
EC
EC
EC
EE
3900.0
392
F,G,J,K,M
CC
DE
DE
DE
EC
EC
EC
EC
EF
4300.0
432
F,G,J,K,M
EC
EC
EC
EC
4700.0
472
F,G,J,K,M
CC
DC
EC
EC
EC
EC
5100.0
512
F,G,J,K,M
ED
ED
ED
ED
5600.0
562
F,G,J,K,M
CC
DC
ED
ED
ED
ED
6200.0
622
F,G,J,K,M
EB
EB
EB
6800.0
682
F,G,J,K,M
CC
DC
EB
EB
EB
7500.0
752
F,G,J,K,M
EB
EB
EB
8200.0
822
F,G,J,K,M
CC
DC
EC
EC
EC
9100.0
912
F,G,J,K,M
EC
EC
EC
10,000.0
103
F,G,J,K,M
CC
DC
ED
ED
ED
18,000.0
183
F,G,J,K,M
DC
EB
22,000.0
223
F,G,J,K,M
DD
EB
33,000.0
333
F,G,J,K,M
DJ
EB
47,000.0
473
F,G,J,K,M
EC
68,000.0
683
F,G,J,K,M
EF
100,000.0
104
F,G,J,K,M
EH
C0603*
C1206*
C0805*
Cap
pF
Cap
Code
Cap
Tolerance
C0402*


Similar Part No. - C0201C109F3RAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0201C100D3GAC KEMET-C0201C100D3GAC Datasheet
119Kb / 2P
   Surface Mount Ceramic Chip Capacitors - C0201 Series - C0G Dielectric
C0201C100D3GACTU KEMET-C0201C100D3GACTU Datasheet
71Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 10 pF, /-0.5pF Tol, 25 V, C0G, 0201 (0603 metric)
C0201C100D3GACTU KEMET-C0201C100D3GACTU Datasheet
70Kb / 1P
   Ceramic, Commercial-(CxxxxC), 10 pF, /-0.5 pF, 25 V, 0201, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C0201C100D3GACTU KEMET-C0201C100D3GACTU_17 Datasheet
70Kb / 1P
   Ceramic, Commercial-(CxxxxC), 10 pF, /-0.5 pF, 25 V, 0201, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C0201C100J3GACTU KEMET-C0201C100J3GACTU Datasheet
71Kb / 1P
   SMD Comm C0G, Ceramic, 10 pF, 5%, 25 V, 0201, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
More results

Similar Description - C0201C109F3RAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0402C122J5GACTU KEMET-C0402C122J5GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0603C103J3GACTU KEMET-C0603C103J3GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1206C473K5RACTU KEMET-C1206C473K5RACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1632C33111RAC KEMET-C1632C33111RAC Datasheet
2Mb / 30P
   CERAMIC CHIP CAPACITORS
logo
KOA Speer Electronics, ...
NPO0402A KOA-NPO0402A Datasheet
167Kb / 13P
   Ceramic Chip Capacitors
logo
Kemet Corporation
C0402C229C5GACTU KEMET-C0402C229C5GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0805C225K4RACTU KEMET-C0805C225K4RACTU Datasheet
156Kb / 4P
   CERAMIC CHIP CAPACITORS
C0201C103B1GA KEMET-C0201C103B1GA Datasheet
1Mb / 8P
   CERAMIC CHIP CAPACITORS
C0805C103K5RAC KEMET-C0805C103K5RAC Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0805C472K5RACTU KEMET-C0805C472K5RACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1206C152K1GAC KEMET-C1206C152K1GAC Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com