Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPMR467-02 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SPMR467-02
Description  300 AMPS DISCHARGE 60 AMPS CHARGE CURRENT BATERY BYPASS POWER MODULE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SPMR467-02 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SPMR467-02 Datasheet HTML 1Page - Solid States Devices, Inc SPMR467-02 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SOLID STATE DEVICES, INC.
PRELIMINARY
SYMBOL
UNITS
MIN
MAX
14005 Stage Road * Santa Fe Springs, Ca 90670
Phone: (562) 404-4474 * Fax: (562) 404-1773
ELECTRICAL CHARACTERISTICS @ TJ =25oC (Unless Otherwise Specified)
Discharge Voltage Drop (ID = 450A)
RATING
SYMBOL
MIN
MAX
UNIT
PACKAGE OUTLINE: ASPM
TJ= 25oC
TJ= 25oC
Charge Voltage Drop
VFC1
VFC2
VFC3
(IC = 75mA, TAMB = 25oC)
(IC = 60A, TAMB = 25oC)
(IC = 60A, TAMB = 100oC)
-
3.50
3.40
Volts
SPMR467-01
1.6
-
-
Insulation Resistance (All terminals to Base @1000V)
RINSUL1
1-
GS
Insulation Resistance (Between Cells @1000V)
RINSUL2
1-
GS
(TAMB = 25oC)
(TAMB = 100oC)
VFD1
VFD2
0.80
0.70
Volts
-
-
Discharge VF Matching
AVFD1
-
10
mVolts


Similar Part No. - SPMR467-02

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPMR451-01 SSDI-SPMR451-01 Datasheet
128Kb / 2P
   180 AMPS/600 VOLTS 5 CELLS SRM POWER MODULE
SPMR494-01 SSDI-SPMR494-01 Datasheet
50Kb / 2P
   60 A / 1000V BATTERY CHARGE POWER MODULE
SPMR494-02 SSDI-SPMR494-02 Datasheet
50Kb / 2P
   60 A / 1000V BATTERY CHARGE POWER MODULE
More results

Similar Description - SPMR467-02

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPMS506-01 SSDI-SPMS506-01 Datasheet
58Kb / 2P
   150 AMPS DISCHARGE 50 AMPS CHARGE CURRENT BATERY BYPASS POWER MODULE
SPBM505-4.2X1 SSDI-SPBM505-4.2X1 Datasheet
35Kb / 2P
   300 AMPS DISCHARGE 20 AMPS CHARGE CURRENT PROGRAMABLE BATTERY BYPASS MODULE
logo
Naina Semiconductor ltd...
NDD57 NAINA-NDD57 Datasheet
219Kb / 3P
   Diode-Diode Module, 60 Amps
NDD57A NAINA-NDD57A Datasheet
173Kb / 3P
   Diode-Diode Module, 60 Amps
logo
General Cable Technolog...
00604.63.01 GENERAL-00604.63.01 Datasheet
73Kb / 1P
   Type SRDT . 50 Amps . 60?C . 300 Volts
logo
Naina Semiconductor ltd...
N3T60 NAINA-N3T60 Datasheet
176Kb / 2P
   Non-isolated Thyristor Module, 60 Amps
logo
Shanghai Leiditech Elec...
FZT955 LEIDITECH-FZT955 Datasheet
1Mb / 3P
   4 Amps continuous current (10 Amps peak current)
logo
ON Semiconductor
NTD18N06-001 ONSEMI-NTD18N06-001 Datasheet
168Kb / 9P
   Power MOSFET 18 Amps, 60 Volts
March, 2006 ??Rev. 2
NTD32N06L-001 ONSEMI-NTD32N06L-001 Datasheet
103Kb / 7P
   Power MOSFET 32 Amps, 60 Volts
June, 2007 - Rev. 5
MTP23P06VG ONSEMI-MTP23P06VG Datasheet
74Kb / 7P
   Power MOSFET 23 Amps, 60 Volts
June, 2006 ??Rev. 4
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com