Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B3688 Datasheet(PDF) 3 Page - EPCOS

Part # B3688
Description  SAW Components Low-Loss Filter 499,25 MHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3688 Datasheet(HTML) 3 Page - EPCOS

  B3688 Datasheet HTML 1Page - EPCOS B3688 Datasheet HTML 2Page - EPCOS B3688 Datasheet HTML 3Page - EPCOS B3688 Datasheet HTML 4Page - EPCOS B3688 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Jan 29, 2003
SAW Components
B3688
499,25 MHz
Low-Loss Filter
Data Sheet
Characteristics
Operating temperature:
T
= -25 ... +75 ˚C
Terminating source impedance:
ZS =50 Ω and matching network
Terminating load impedance:
ZL =50 Ω and matching network
Matching circuit:
Cp1 = 14pF 2)
Ls2 = 21nH 2)
Ls3 = 22nH 2)
Cp4 = 13pF 2)
1) Temperature dependance of fc: fc(TA) = fc(T0)(1 + TCf(TA – T0)2)
2) Element values depend on PCB layout
min.
typ.
max.
Nominal frequency
fN
499,25
MHz
Insertion attenuation at
fN (T=25 ˚C)
α
N
6,0
8,0
9,0
dB
Variation of insertion att. (rel. to
α
N)
α
rel
——
±0,9
dB
Frequency response
3 dB Lower frequency
fL 3dB
498,27
498,75 MHz
3 dB Upper frequency
fU 3dB
499,75
500,23
MHz
35 dB Lower frequency
fL35dB
496,25
496,75
MHz
35 dB Upper frequency
fU35dB
501,85
502,25 MHz
Amplitude ripple (peak to adjacent valley)
fN ± 100 kHz
0,5
dB
Relative attenuation
α
rel
fN - 200,0 MHz ... fN - 10,0 MHz
40
55
dB
fN - 10,0 MHz ... fN -
3,0 MHz
35
48
dB
fN +
3,0 MHz ...
fN + 10,0 MHz
35
43
dB
fN + 10,0 MHz ... fN + 200,0 MHz
40
51
dB
Temperature coefficient of frequency 1)
TCf
– 0,036
ppm/K2
Turnover temperature
T0
—25
˚C


Similar Part No. - B3688

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3680 EPCOS-B3680 Datasheet
70Kb / 7P
   SAW Components Low-Loss Filter 352,0 MHz
logo
List of Unclassifed Man...
B3680 ETC1-B3680 Datasheet
2Mb / 15P
   The temperature was measured using the FG-100 thermometer.
logo
EPCOS
B3681 EPCOS-B3681 Datasheet
57Kb / 6P
   SAW Components Low-Loss Filter 422,5 MHz
B3682 EPCOS-B3682 Datasheet
58Kb / 6P
   SAW Components Low-Loss Filter 427,5 MHz
B3683 EPCOS-B3683 Datasheet
58Kb / 6P
   SAW Components Low-Loss Filter 382,5 MHz
More results

Similar Description - B3688

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3853 EPCOS-B3853 Datasheet
85Kb / 7P
   SAW Components Low-Loss Filter Low-Loss Filter 141,0 MHz
B3640 EPCOS-B3640 Datasheet
72Kb / 6P
   SAW Components Low-loss Filter 238,0 MHz
B3829 EPCOS-B3829 Datasheet
67Kb / 6P
   SAW Components Low-loss Filter 87,0 MHz
B3588 EPCOS-B3588 Datasheet
61Kb / 5P
   SAW Components Low-loss Filter 915,00 MHz
B3607 EPCOS-B3607 Datasheet
71Kb / 6P
   SAW Components Low-loss Filter 140,00 MHz
B3841 EPCOS-B3841 Datasheet
68Kb / 6P
   SAW Components Low-Loss Filter 174,2 MHz
B3859 EPCOS-B3859 Datasheet
59Kb / 7P
   SAW Components Low-Loss Filter 937,0 MHz
B3665 EPCOS-B3665 Datasheet
69Kb / 6P
   SAW Components Low-loss Filter 380,00 MHz
B3893 EPCOS-B3893 Datasheet
61Kb / 5P
   SAW Components Low-Loss Filter 248,6 MHz
B3897 EPCOS-B3897 Datasheet
70Kb / 5P
   SAW Components Low-Loss Filter 70,00 MHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com