Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T498D226M016AHE1K5 Datasheet(PDF) 1 Page - Kemet Corporation

Part # T498D226M016AHE1K5
Description  SOLID TANTALUM CHIP CAPACITORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T498D226M016AHE1K5 Datasheet(HTML) 1 Page - Kemet Corporation

  T498D226M016AHE1K5 Datasheet HTML 1Page - Kemet Corporation T498D226M016AHE1K5 Datasheet HTML 2Page - Kemet Corporation T498D226M016AHE1K5 Datasheet HTML 3Page - Kemet Corporation T498D226M016AHE1K5 Datasheet HTML 4Page - Kemet Corporation T498D226M016AHE1K5 Datasheet HTML 5Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
©KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
3
SOLID TANTALUM CHIP CAPACITORS
T498 SERIES—HIGH TEMPERATURE (150°)
3
9
• 150°C Maximum temperature capability
100% Accelerated steady state aging
• Temperature/Voltage derating: 2/3 at 150°C
100% Surge current testing
• Self-healing mechanism
EIA standard case size
• Capacitance: 0.47 to 220μF
Voltage: 6 to 50 VDC
• Reliability: 0.5%/1000 Hrs. @ rated voltage
RoHS Compliant versions available
@ rated temperature
Various termination options
Dimensions - Millimeters (Inches)
Outline Drawings
Features
T498 Ordering Information
Case Size
Component
KEMET
EIA
L*
W*
H*
K*
± 0.20
± (.008)
F*
±0.1
± (.004)
S*
± 0.3
± (.012)
B (Ref)
± 0.15
± (.004)
X
(Ref)
P
(Ref)
R
(Ref)
T
(Ref)
A
(Min)
G
(Ref)
E
(Ref)
A
3216-18
3.2 ± 0.2
(.126 ± .008)
1.6 ± 0.2
(.063 ± .008)
1.6 ± 0.2
(.063 ± .008)
0.9
(.035)
1.2
(.047)
0.8
(.031)
0.4
(.016)
0.10 ± 0.10
(.004 ± .004)
0.4
(.016)
0.4
(.016)
0.13
(.005)
1.4
(.055)
1.1
(.043)
1.3
(.051)
B
3528-21
3.5 ± 0.2
(.138 ± .008)
2.8 ± 0.2
(.110 ± .008)
1.9 ± 0.2
(.075 ± .008)
1.1
(.043)
2.2
(.087)
0.8
(.031)
0.4
(.016)
0.10 ± 0.10
(.004 ± .004)
0.5
(.020)
1.0
(.039)
0.13
(.005)
2.1
(.083)
1.8
(.071)
2.2
(.087)
C
6032-28
6.0 ± 0.3
(.236 ± .012)
3.2 ± 0.3
(.126 ± .012)
2.5 ± 0.3
.098 ± .012
1.4
(.055)
2.2
(.087)
1.3
(.051)
0.5
(.020)
0.10 ± 0.10
(.004 ± .004)
0.9
(.035)
1.0
(.039)
0.13
(.005)
3.1
(.122)
2.8
(.110)
2.4
(.094)
D
7343-31
7.3 ± 0.3
(.287 ± .012)
4.3 ± 0.3
(.169 ± .012)
2.8 ± 0.3
(.110 ± .012)
1.5
(.059)
2.4
(.094)
1.3
(.051)
0.5
(.020)
0.10 ± 0.10
(.004 ± .004)
0.9
(.035)
1.0
(.039)
0.13
(.005)
3.8
(.150)
3.5
(.138)
3.5
(.138)
X
7343-43
7.3 ± 0.3
(.287 ± .012)
4.3 ± 0.3
(.169 ± .012)
4.0 ± 0.3
(.157 ± .012)
2.3
(.091)
2.4
(.094)
1.3
(.051)
0.5
(.020)
0.10 ± 0.10
(.004 ± .004)
1.7
(.067)
1.0
(.039)
0.13
(.005)
3.8
(.150)
3.5**
(.138)
3.5**
(.138)
T
498
X
227
M
010
A
T
E500
Tantalum
Series
498 – High Temp (150°C)
Case Size
A,B,C,D,X
Capacitance Picofarad Code
First two digits represent significant figures.
Third digit specifies number of zeros.
Capacitance Tolerance
M = ±20%
K = ±10%
Voltage
Note: 006 = 6.3
Failure Rate
A = Not Applicable
Lead Material
T = 100% Tin
G = Gold
H =
Tin/Lead
ESR
Note: in mOhm
K designates “thousand”
E1K5 = 1.5 Ohm
E500 = 0.5 Ohm
Termination
cutout at
KEMET’s
Option, either
end
W
K
X
CATHODE (-) END
VIEW
SIDE VIEW
ANODE (+) END
VIEW
T
G
S
S
B
B
H
H
BOTTOM VIEW
E
F
A
L
Termination
cutout at
KEMET’s
Option,
either end
R
P
(SnPb 5% Pb min)
39
SOLID TANTALUM CHIP CAPACITORS
T498 SERIES—HIGH TEMPERATURE (150°)
T498 RATINGS & PART NUMBER REFERENCE


Similar Part No. - T498D226M016AHE1K5

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T498D226K025ATE600 KEMET-T498D226K025ATE600 Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, High Temperature, T498, 22 uF, 10%, 25 V, 7343, SMD, MnO2, Molded, Hi-Temp, 150C, Auto, AECQ200, N/A, 600 mOhms, Height Max = 3.1mm
More results

Similar Description - T498D226M016AHE1K5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
594D VISHAY-594D_17 Datasheet
313Kb / 20P
   Solid Tantalum Chip Capacitors
Revision: 21-Jun-17
logo
Cornell Dubilier Electr...
T491T156K004AS CDE-T491T156K004AS Datasheet
277Kb / 4P
   Solid Tantalum Chip Capacitors
logo
Vishay Siliconix
TM8 VISHAY-TM8_17 Datasheet
423Kb / 18P
   Solid Tantalum Chip Capacitors
Revision: 09-Mar-17
logo
Kemet Corporation
CWR11DB105MBA KEMET-CWR11DB105MBA Datasheet
672Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T495 KEMET-T495 Datasheet
726Kb / 8P
   SOLID TANTALUM CHIP CAPACITORS
logo
Vishay Siliconix
597D227X9020R2T VISHAY-597D227X9020R2T Datasheet
827Kb / 20P
   Solid Tantalum Chip Capacitors
Revision: 25-Jun-13
logo
Kemet Corporation
T495D476K010ATE200 KEMET-T495D476K010ATE200 Datasheet
727Kb / 8P
   SOLID TANTALUM CHIP CAPACITORS
T494A105M035AT KEMET-T494A105M035AT Datasheet
751Kb / 7P
   SOLID TANTALUM CHIP CAPACITORS
T510 KEMET-T510 Datasheet
981Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
logo
Vishay Siliconix
592D VISHAY-592D_17 Datasheet
335Kb / 25P
   Solid Tantalum Chip Capacitors
Revision: 27-Jun-17
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com