Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA621 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # SA621
Description  1GHz - Low voltage LNA, mixer and VCO
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA621 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button SA621 Datasheet HTML 7Page - NXP Semiconductors SA621 Datasheet HTML 8Page - NXP Semiconductors SA621 Datasheet HTML 9Page - NXP Semiconductors SA621 Datasheet HTML 10Page - NXP Semiconductors SA621 Datasheet HTML 11Page - NXP Semiconductors SA621 Datasheet HTML 12Page - NXP Semiconductors SA621 Datasheet HTML 13Page - NXP Semiconductors SA621 Datasheet HTML 14Page - NXP Semiconductors SA621 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Philips Semiconductors
Product specification
SA621
1GHz low voltage LNA, mixer and VCO
1997 Nov 07
11
CH2
S12
50 mU FS
1:
1.9 mU
83.0
°
200 MHz
2:
1.6 mU
133.5
°
400 MHz
3:
11.4 mU
141.5
°
600 MHz
START
100. 000 000 MHz
STOP
1 200. 000 000 MHz
3
2
4
SR01255
1
4:
27.9 mU
106.1
°
900 MHz
Figure 10. Typical S12 of LNA at 3V
3
CH1
S11
1 U FS
2
1
4
1:
122.8
-144.9
200 MHz
2:
58.0
-86.8
400 MHz
3:
45.9
-62.3
600 MHz
START
100. 000 000 MHz
STOP
1 200. 000 000 MHz
SR01256
4:
26.6
-43.2
4.085 pF
900 MHz
Figure 11. Typical S11 of Mixer at 3V


Similar Part No. - SA621

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA620 PHILIPS-SA620 Datasheet
331Kb / 11P
   Low voltage LNA, mixer and VCO - 1GHz
December 15, 1993
SA620DK PHILIPS-SA620DK Datasheet
331Kb / 11P
   Low voltage LNA, mixer and VCO - 1GHz
December 15, 1993
SA624 PHILIPS-SA624 Datasheet
161Kb / 15P
   High performance low power FM IF system with high-speed RSSI
1997 Nov 07
SA624D PHILIPS-SA624D Datasheet
161Kb / 15P
   High performance low power FM IF system with high-speed RSSI
1997 Nov 07
SA625 PHILIPS-SA625 Datasheet
157Kb / 14P
   High performance low power mixer FM IF system with high-speed RSSI
1997 Nov 07
More results

Similar Description - SA621

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA620 PHILIPS-SA620 Datasheet
331Kb / 11P
   Low voltage LNA, mixer and VCO - 1GHz
December 15, 1993
SA631 PHILIPS-SA631 Datasheet
103Kb / 16P
   1GHz low voltage LNA and mixer
1998 Jan 08
SA601 PHILIPS-SA601 Datasheet
182Kb / 11P
   Low voltage LNA and mixer - 1GHz
December 15, 1994
SA611 PHILIPS-SA611 Datasheet
106Kb / 16P
   1GHz low voltage LNA and mixer
1999 Mar 26
SA600 PHILIPS-SA600 Datasheet
283Kb / 17P
   1GHz LNA and mixer
1993 Dec 15
logo
Motorola, Inc
MC13142 MOTOROLA-MC13142 Datasheet
165Kb / 16P
   LOW POWER DC - 1.8 GHz LNA, MIXER and VCO
MC13104 MOTOROLA-MC13104 Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
logo
RF Micro Devices
RF2418 RFMD-RF2418 Datasheet
114Kb / 10P
   LOW CURRENT LNA/MIXER
RF2418 RFMD-RF2418_1 Datasheet
282Kb / 12P
   LOW CURRENT LNA/MIXER
RF2418 RFMD-RF2418_06 Datasheet
136Kb / 10P
   LOW CURRENT LNA/MIXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com