Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA621 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SA621
Description  1GHz - Low voltage LNA, mixer and VCO
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA621 Datasheet(HTML) 5 Page - NXP Semiconductors

  SA621 Datasheet HTML 1Page - NXP Semiconductors SA621 Datasheet HTML 2Page - NXP Semiconductors SA621 Datasheet HTML 3Page - NXP Semiconductors SA621 Datasheet HTML 4Page - NXP Semiconductors SA621 Datasheet HTML 5Page - NXP Semiconductors SA621 Datasheet HTML 6Page - NXP Semiconductors SA621 Datasheet HTML 7Page - NXP Semiconductors SA621 Datasheet HTML 8Page - NXP Semiconductors SA621 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Philips Semiconductors
Product specification
SA621
1GHz low voltage LNA, mixer and VCO
1997 Nov 07
5
Table 1.
Power ON/OFF Control Logic
PD1
PD2
0
0
Full chip power-down
0
1 or open
VCO on, Mixer on, LNA power-down
1 or open
0
VCO on, LNA and Mixer power-down
1 or open
1 or open
Full chip power-on (default)
SR01424
+
20
19
18
17
16
15
14
13
12
11
12
3
4
56
7
8
9
10
PD1
PD2
GND
GND
GND
TANK
GND
GND
BYPASS
MIXER
GND
GND
GND
GND
VCC
LOOUT
IFOUT
VCOOUT
SA621
C3
6.8pF
L1
560nH
L4
560nH
C2
10nF
C14
6.8pF
C13
33pF
C8
10nF
3V
C12
100pF
C1
100pF
VCC
OUT
MIXER
OUT
MIXER
IN
LNA
IN
LNA
OUT
L3
6.8nH
10nF
0.1
µF
C9
C11
L6
12nH
C10
2.2pF
C6
10nF
R2
24
MURATA 2mm
1/4 WAVE
FREQ=1025MHz
C5
.5pF
C10
220pF
L7
18.5nH
Hi–Q
D1
R1
5.1k
VCO
CONTROL
D7
10nF
C4
2.2pF
Figure 3. SA621 Applications Circuit


Similar Part No. - SA621

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA620 PHILIPS-SA620 Datasheet
331Kb / 11P
   Low voltage LNA, mixer and VCO - 1GHz
December 15, 1993
SA620DK PHILIPS-SA620DK Datasheet
331Kb / 11P
   Low voltage LNA, mixer and VCO - 1GHz
December 15, 1993
SA624 PHILIPS-SA624 Datasheet
161Kb / 15P
   High performance low power FM IF system with high-speed RSSI
1997 Nov 07
SA624D PHILIPS-SA624D Datasheet
161Kb / 15P
   High performance low power FM IF system with high-speed RSSI
1997 Nov 07
SA625 PHILIPS-SA625 Datasheet
157Kb / 14P
   High performance low power mixer FM IF system with high-speed RSSI
1997 Nov 07
More results

Similar Description - SA621

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA620 PHILIPS-SA620 Datasheet
331Kb / 11P
   Low voltage LNA, mixer and VCO - 1GHz
December 15, 1993
SA631 PHILIPS-SA631 Datasheet
103Kb / 16P
   1GHz low voltage LNA and mixer
1998 Jan 08
SA601 PHILIPS-SA601 Datasheet
182Kb / 11P
   Low voltage LNA and mixer - 1GHz
December 15, 1994
SA611 PHILIPS-SA611 Datasheet
106Kb / 16P
   1GHz low voltage LNA and mixer
1999 Mar 26
SA600 PHILIPS-SA600 Datasheet
283Kb / 17P
   1GHz LNA and mixer
1993 Dec 15
logo
Motorola, Inc
MC13142 MOTOROLA-MC13142 Datasheet
165Kb / 16P
   LOW POWER DC - 1.8 GHz LNA, MIXER and VCO
MC13104 MOTOROLA-MC13104 Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
logo
RF Micro Devices
RF2418 RFMD-RF2418 Datasheet
114Kb / 10P
   LOW CURRENT LNA/MIXER
RF2418 RFMD-RF2418_1 Datasheet
282Kb / 12P
   LOW CURRENT LNA/MIXER
RF2418 RFMD-RF2418_06 Datasheet
136Kb / 10P
   LOW CURRENT LNA/MIXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com