Electronic Components Datasheet Search |
|
T499A335M006AHE1K5 Datasheet(PDF) 1 Page - Kemet Corporation |
|
T499A335M006AHE1K5 Datasheet(HTML) 1 Page - Kemet Corporation |
1 / 3 page T499 Series - KEMET High Temperature (175°C) Tantalum Chip Capacitor • 175°C Maximum Temperature Capability • 100% Accelerated steady state aging • Derating: 0.5 Vr at 175°C • 100% Surge current testing • Self-healing mechanism • EIA standard case size • Capacitance: 0.15 to 220μF • Voltage 6 to 50V • Various termination options • Pb-free/RoHS Compliant: Available Dimensions - Millimeters (Inches) Outline Drawings Features T499 Ordering Information Case Size Component KEMET EIA L* W* H* K* ± 0.20 ± (.008) F* ±0.1 ± (.004) S* ± 0.3 ± (.012) B (Ref) ± 0.15 ± (.004) X (Ref) P (Ref) R (Ref) T (Ref) A (Min) G (Ref) E (Ref) A 3216-18 3.2 ± 0.2 (.126 ± .008) 1.6 ± 0.2 (.063 ± .008) 1.6 ± 0.2 (.063 ± .008) 0.9 (.035) 1.2 (.047) 0.8 (.031) 0.4 (.016) 0.10 ± 0.10 (.004 ± .004) 0.4 (.016) 0.4 (.016) 0.13 (.005) 1.4 (.055) 1.1 (.043) 1.3 (.051) B 3528-21 3.5 ± 0.2 (.138 ± .008) 2.8 ± 0.2 (.110 ± .008) 1.9 ± 0.2 (.075 ± .008) 1.1 (.043) 2.2 (.087) 0.8 (.031) 0.4 (.016) 0.10 ± 0.10 (.004 ± .004) 0.5 (.020) 1.0 (.039) 0.13 (.005) 2.1 (.083) 1.8 (.071) 2.2 (.087) C 6032-28 6.0 ± 0.3 (.236 ± .012) 3.2 ± 0.3 (.126 ± .012) 2.5 ± 0.3 .098 ± .012 1.4 (.055) 2.2 (.087) 1.3 (.051) 0.5 (.020) 0.10 ± 0.10 (.004 ± .004) 0.9 (.035) 1.0 (.039) 0.13 (.005) 3.1 (.122) 2.8 (.110) 2.4 (.094) D 7343-31 7.3 ± 0.3 (.287 ± .012) 4.3 ± 0.3 (.169 ± .012) 2.8 ± 0.3 (.110 ± .012) 1.5 (.059) 2.4 (.094) 1.3 (.051) 0.5 (.020) 0.10 ± 0.10 (.004 ± .004) 0.9 (.035) 1.0 (.039) 0.13 (.005) 3.8 (.150) 3.5 (.138) 3.5 (.138) X 7343-43 7.3 ± 0.3 (.287 ± .012) 4.3 ± 0.3 (.169 ± .012) 4.0 ± 0.3 (.157 ± .012) 2.3 (.091) 2.4 (.094) 1.3 (.051) 0.5 (.020) 0.10 ± 0.10 (.004 ± .004) 1.7 (.067) 1.0 (.039) 0.13 (.005) 3.8 (.150) 3.5 (.138) 3.5 (.138) T 499 X 227 M 010 A T E500 Tantalum Series 499 – High Temp (175°C) Case Size A,B,C,D,X Capacitance Picofarad Code First two digits represent significant figures. Third digit specifies number of zeros. Capacitance Tolerance M = ±20% K = ±10% Voltage Note: 006 = 6.3 Failure Rate A = Not Applicable Lead Material T = 100% Tin (Sn) Plated H = Tin/Lead (SnPb 5% Pb minimum) G = Gold ESR Note: in mOhm K designates “thousand” E1K5 = 1.5 Ohm E500 = 0.5 Ohm E15K = 15.0 Ohm W K X CATHODE (-) END VIEW SIDE VIEW ANODE (+) END VIEW T G S S B B H H BOTTOM VIEW E F A L Termination cutout at KEMETs Option, either end R P Product Bulletin F3270 12/05 |
Similar Part No. - T499A335M006AHE1K5 |
|
Similar Description - T499A335M006AHE1K5 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |