Part Name
         Description
XR19L200_07

 SINGLE CHANNEL INTEGRATED UART AND RS-232 TRANSCEIVER ( 40 Page)


EXAR
100% 
Zoom Out Zoom In
 
 4 page
background image
XR19L200
4
SINGLE CHANNEL INTEGRATED UART AND RS-232 TRANSCEIVER
REV. 1.0.1
NOTE: Pin type: I=Input, O=Output, I/O= Input/output, OD=Output Open Drain. For CMOS/TTL Voltage levels, ’LOW’
indicates a voltage in the range 0V to VIL and ’HIGH" indicates a voltage in the range VIH to VCC. For RS-232
input voltage levels, ’LOW’ is any voltage < -3V and ’HIGH’ is any voltage > 3V. For RS-232 output voltage levels,
’LOW’ is any voltage < -5V and ’HIGH’ is any voltage > 5V.
I/M#
2
I
Intel or Motorola Bus Select.
When I/M# pin is HIGH, 16 or Intel Mode, the device will operate in the Intel bus type of
interface.
When I/M# pin is LOW, 68 or Motorola mode, the device will operate in the Motorola bus
type of interface.
RESET
(RESET#)
23
I
When I/M# pin is HIGH for Intel bus interface, this input becomes RESET (active high).
When I/M# pin is LOW for Motorola bus interface, this input becomes RESET# (active low).
A 40 ns minimum active pulse on this pin will reset the internal registers and all outputs of
the UART. The UART transmitter output will be held HIGH, the receiver input will be ignored
and outputs are reset during reset period (see
C2+
C2-
15
16
-
Charge pump capacitors. As shown in
Figure 1, a 0.1 uF capacitor should be placed
between these 2 pins.
C1+
C1-
24
25
-
Charge pump capacitors. As shown in
Figure 1, a 0.1 uF capacitor should be placed
between these 2 pins.
VREF+
26
Pwr +5.0V generated by the charge pump.
VREF-
17
Pwr -5.0V generated by the charge pump.
VCC
27
Pwr 3.0V to 5.5V power supply. All CMOS/TTL input pins, except XTAL1, are 5V tolerant.
GND
13
Pwr Power supply common, ground.
GND
-
Pwr The center pad on the backside of the 32-QFN package is metallic and is not electrically
connected to anything inside the device. It must be soldered on to the PCB and may be
optionally connected to GND on the PCB. The thermal pad size on the PCB should be the
approximate size of this center pad and should be solder mask defined. The solder mask
opening should be at least 0.0025" inwards from the edge of the PCB thermal pad.
NC
-
-
No Connect. Note that in Motorola mode, the IOR# pin also becomes an NC pin.
Pin Descriptions
NAME
32-QFN
PIN#
TYPE
DESCRIPTION



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LCP-1250B4MDRRoHS Compliant Single Mode SFP Transceiver for GbE and Fiber Channel 1 2 3 4 5 MoreDelta Electronics, Inc.
LCP-1250B4QDRRoHS Compliant Single Mode SFP Transceiver for GbE and Fiber Channel 1 2 3 4 5 MoreDelta Electronics, Inc.
LCP-1250A4FDRRoHS Compliant Multimode SFP Transceiver for GbE and Fiber Channel 1 2 3 4 5 MoreDelta Electronics, Inc.
ZL500528 K Channel Digital Switch with High Jitter Tolerance Single Rate 32 Mbps and 16 Inputs and 16 Outputs 1 2 3 4 5 MoreZarlink Semiconductor Inc
LCP-1250A4FSRARoHS Compliant Small Form Factor Pluggable Transceiver for Gigabit Ethernet and Fiber Channel 1 2 3 4 5 MoreDelta Electronics, Inc.
SN65C3221_063-V TO 5.5-V SINGLE CHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER 1 2 3 4 5 MoreTexas Instruments
MAX33253V Dual RS-232 Transceiver with LCD Supply and Contrast Controller 1 2 3 4 5 MoreMaxim Integrated Products
VSC7139Quad Transceiver for Gigabit Ethernet and Fibre Channel 1 2 3 4 5 MoreVitesse Semiconductor Corporation
OX16PCI954_05Integrated Quad UART and PCI interface 1 2 3 4 5 MoreOxford Semiconductor

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl