Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR17V254 Datasheet(PDF) 1 Page - Exar Corporation

Part # XR17V254
Description  66MHZ PCI BUS QUAD UART WITH POWER MANAGEMENT SUPPORT
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR17V254 Datasheet(HTML) 1 Page - Exar Corporation

  XR17V254 Datasheet HTML 1Page - Exar Corporation XR17V254 Datasheet HTML 2Page - Exar Corporation XR17V254 Datasheet HTML 3Page - Exar Corporation XR17V254 Datasheet HTML 4Page - Exar Corporation XR17V254 Datasheet HTML 5Page - Exar Corporation XR17V254 Datasheet HTML 6Page - Exar Corporation XR17V254 Datasheet HTML 7Page - Exar Corporation XR17V254 Datasheet HTML 8Page - Exar Corporation XR17V254 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 70 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 (510) 668-7000 FAX (510) 668-7017 www.exar.com
XR17V254
66MHZ PCI BUS QUAD UART WITH POWER MANAGEMENT SUPPORT
FEBRUARY 2007
REV. 1.0.0
GENERAL DESCRIPTION
The XR17V2541 (V254) is a single chip 4-channel
66MHz PCI (Peripheral Component Interconnect)
UART
(Universal
Asynchronous
Receiver and
Transmitter)
solution,
optimized
for
higher
performance and lower power. The V254 device with
its fifth generation register set is designed to meet the
high
bandwidth
and
power
management
requirements for multi-serial communication ports for
system administration and management. The 32-bit
66MHz PCI interface is compliant with PCI 3.0 and
PCI power management revision 1.1 specifications.
The device provides an upgrade path for Exar’s
33MHz 5V and Universal PCI UART family of
products in a 144-pin LQFP package.
The V254 consists of four independent UART
channels, each with set of configuration and
enhanced registers, 64 bytes of Transmit (TX) and
Receive (RX) FIFOs, and a fractional Baud Rate
Generator (BRG). A global interrupt source register
provides a complete interrupt status indication for all
4 channels to speed up interrupt parsing. The V254
device operates at 33/66MHz and features fully
programmable TX and RX FIFO level triggers,
automatic hardware and software flow control, and
automatic RS-485 half duplex direction control output
for software and hardware design simplification.
NOTE 1: Covered by U.S. Patents #5,649,122 and #5,949,787
APPLICATIONS
Remote Access Servers
Storage Network Management
Factory Automation and Process Control
Instrumentation
Multi-port RS-232/RS-422/RS-485 Cards
Point-Of-Sales
FEATURES
High performance 32-bit 66MHz PCI UART
PCI 3.0 compliance
PCI power management rev. 1.1 compliance
EEPROM interface for PCI configuration
3.3V supply with 5V tolerant non-PCI (serial) inputs
Data read/write burst operation
Global interrupt register for all four UART channels
Up to 8 Mbps serial data rate
Eight multi-purpose inputs/outputs
A 16-bit general purpose timer/counter
Sleep mode with wake-up Indicator
Four independent UART channels controlled with
16C550 compatible register Set
64-byte TX and RX FIFOs with level counters
and programmable trigger levels
Fractional baud rate generator
Automatic RTS/CTS or DTR/DSR hardware
flow control with programmable hysteresis
Automatic Xon/Xoff software flow control
RS-485 half duplex direction control output
with selectable turn-around delay
Infrared (IrDA 1.0) data encoder/decoder
FIGURE 1. BLOCK DIAGRAM OF THE XR17V254
TMRCK
Device
Configuration
Registers
XTAL1
XTAL2
Crystal Osc/Buffer
UART Channel 0
TX0, RX0, DTR0#,
DSR0#, RTS0#,
CTS0#, CD0#, RI0#
PCI Local
Bus
Interface
CLK (upto
66MHz)
RST#
AD[31:0]
C/BE[3:0]#
PAR
FRAME#
IRDY#
TRDY#
DEVSEL#
STOP#
IDSEL
PERR#
SERR#
Configuration
Space
Registers
.
MPIO0- MPIO7
Multi-purpose
Inputs/Outputs
TX3, RX3, DTR3#,
DSR3#, RTS3#,
CTS3#, CD3#, RI3#
UART Channel 3
UART Channel 2
UART Channel 1
16-bit
Timer/Counter
EECK
EEDI
EEDO
EECS
EEPROM
Interface
64 Byte TX FIFO
64 Byte RX FIFO
BRG
IR
ENDEC
TX & RX
UART
Regs
3.3V VCC
(5V Tolerant
Serial Inputs)
INTA#
PME#
GND


Similar Part No. - XR17V254

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR17V254 EXAR-XR17V254 Datasheet
1Mb / 70P
   66MHZ PCI BUS QUAD UART WITH POWER MANAGEMENT SUPPORT
XR17V254IV EXAR-XR17V254IV Datasheet
1Mb / 70P
   66MHZ PCI BUS QUAD UART WITH POWER MANAGEMENT SUPPORT
XR17V254 EXAR-XR17V254_08 Datasheet
1Mb / 70P
   66MHZ PCI BUS QUAD UART WITH POWER MANAGEMENT SUPPORT
More results

Similar Description - XR17V254

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR17V254 EXAR-XR17V254_08 Datasheet
1Mb / 70P
   66MHZ PCI BUS QUAD UART WITH POWER MANAGEMENT SUPPORT
XR17V258 EXAR-XR17V258_08 Datasheet
1Mb / 70P
   66MHZ PCI BUS OCTAL UART WITH POWER MANAGEMENT SUPPORT
XR17V258 EXAR-XR17V258 Datasheet
1Mb / 70P
   66MHZ PCI BUS OCTAL UART WITH POWER MANAGEMENT SUPPORT
XR17V252 EXAR-XR17V252 Datasheet
1Mb / 69P
   66 MHZ PCI BUS DUAL UART WITH POWER MANAGEMENT SUPPORT
XR17V252 EXAR-XR17V252_08 Datasheet
1Mb / 69P
   66 MHZ PCI BUS DUAL UART WITH POWER MANAGEMENT SUPPORT
XR17L154 EXAR-XR17L154 Datasheet
587Kb / 56P
   3.3V PCI BUS QUAD UART
XR17C154 EXAR-XR17C154 Datasheet
721Kb / 62P
   5V PCI BUS QUAD UART
XR17C154 EXAR-XR17C154_05 Datasheet
1Mb / 62P
   5V PCI BUS QUAD UART
XR17D154 EXAR-XR17D154 Datasheet
836Kb / 69P
   UNIVERSAL (3.3V AND 5V) PCI BUS QUAD UART
XR17C152 EXAR-XR17C152 Datasheet
649Kb / 62P
   5V PCI BUS DUAL UART
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com