Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR16V2751IM Datasheet(PDF) 1 Page - Exar Corporation

Part # XR16V2751IM
Description  HIGH PERFORMANCE DUART WITH 64-BYTE FIFO AND POWERSAVE
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16V2751IM Datasheet(HTML) 1 Page - Exar Corporation

  XR16V2751IM Datasheet HTML 1Page - Exar Corporation XR16V2751IM Datasheet HTML 2Page - Exar Corporation XR16V2751IM Datasheet HTML 3Page - Exar Corporation XR16V2751IM Datasheet HTML 4Page - Exar Corporation XR16V2751IM Datasheet HTML 5Page - Exar Corporation XR16V2751IM Datasheet HTML 6Page - Exar Corporation XR16V2751IM Datasheet HTML 7Page - Exar Corporation XR16V2751IM Datasheet HTML 8Page - Exar Corporation XR16V2751IM Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 (510) 668-7000 FAX (510) 668-7017 www.exar.com
XR16V2751
HIGH PERFORMANCE DUART WITH 64-BYTE FIFO AND POWERSAVE
JANUARY 2007
REV. 1.0.0
GENERAL DESCRIPTION
The XR16V27511 (V2751) is a high performance dual
universal asynchronous receiver and transmitter
(UART) with 64 byte TX and RX FIFOs. The device
operates from 2.25 to 3.6 volts with 5 Volt tolerant
inputs and is pin-to-pin and software compatible to
Exar’s XR16L2751. The device includes 2 additional
capabilities over the XR16V2750: Intel and Motorola
data bus selection and a “PowerSave” mode to
further reduce sleep current to a minimum during
sleep mode. It supports the Exar’s enhanced features
of programmable FIFO trigger level and FIFO level
counters,
automatic
hardware
(RTS/CTS)
and
software flow control, automatic RS-485 half duplex
direction control output and a complete modem
interface. An internal loopback capability allows
system
diagnostics.
Independent
programmable
fractional baud rate generators are provided in each
channel to select data rates up to 8 Mbps at 3.3 Volt
and 8X sampling clock. The V2751 is available in a
48-pin TQFP package.
NOTE: 1 Covered by U.S. Patent #5,649,122 and #5,949,787
APPLICATIONS
Portable Appliances
Telecommunication Network Routers
Ethernet Network Routers
Cellular Data Devices
Factory Automation and Process Controls
FEATURES
2.25 to 3.6 Volt Operation
5 Volt Tolerant Inputs
Pin-to-pin compatible to Exar’s XR16L2751 in the
48-TQFP package
Two independent UART channels
Register set identical to 16L2751
Data rate of up to 8 Mbps at at 3.3 V, and
4 Mbps at 2.5 V with 8X sampling rate
Fractional Baud Rate Generator
Transmit and Receive FIFOs of 64 bytes
Programmable TX and RX FIFO Trigger Levels
Transmit and Receive FIFO Level Counters
Automatic Hardware (RTS/CTS) Flow Control
Selectable Auto RTS Flow Control Hysteresis
Automatic Software (Xon/Xoff) Flow Control
Automatic
RS-485
Half-duplex
Direction
Control Output via RTS#
Wireless Infrared (IrDA 1.0) Encoder/Decoder
Automatic sleep mode with wake-up interrupt
Full modem interface
PowerSave Feature reduces sleep current to 15
µA
Device Identification and Revision
Crystal oscillator (up to 32MHz) or external clock
(upto 64MHz) input
48-TQFP package
FIGURE 1. XR16V2751 BLOCK DIAGRAM
XTAL1
XTAL2
Crystal Osc/Buffer
TXA, RXA, DTRA#,
DSRA#, RTSA#,
DTSA#, CDA#, RIA#,
OP2A#
Intel or
Motorola
Data Bus
Interface
UART Channel A
64 Byte TX FIFO
64 Byte RX FIFO
BRG
IR
ENDEC
TX & RX
UART
Regs
2.25 to 3.6V VCC
GND
*5 Volt Tolerant Inputs
(Except XTAL1)
TXB, RXB, DTRB#,
DSRB#, RTSB#,
CTSB#, CDB#, RIB#,
OP2B#
UART Channel B
(same as Channel A)
A2:A0
D7:D0
CSA# (CS#)
16/68#
CSB# (A3)
INTA (IRQ#)
INTB (logic 0)
PwrSave
IOW# (R/W#)
IOR# (VCC)
Reset (Reset#)
CLKSEL
HDCNTL#
TXRDYA#
TXRDYB#
RXRDYA#
RXRDYB#


Similar Part No. - XR16V2751IM

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16V2751IM EXAR-XR16V2751IM Datasheet
998Kb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO AND POWERSAVE FEATURE
XR16V2751IM EXAR-XR16V2751IM Datasheet
1,016Kb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO AND POWERSAVE
More results

Similar Description - XR16V2751IM

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16V2751_0709 EXAR-XR16V2751_0709 Datasheet
1,016Kb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO AND POWERSAVE
XR16M2751 EXAR-XR16M2751 Datasheet
1,023Kb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO AND POWERSAVE
XR16V2751 EXAR-XR16V2751 Datasheet
998Kb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO AND POWERSAVE FEATURE
XR16V2651 EXAR-XR16V2651 Datasheet
960Kb / 51P
   HIGH PERFORMANCE DUART WITH 32-BYTE FIFO AND POWERSAVE
XR16V2651 EXAR-XR16V2651_07 Datasheet
1Mb / 51P
   HIGH PERFORMANCE DUART WITH 32-BYTE FIFO AND POWERSAVE
XR16V2551 EXAR-XR16V2551 Datasheet
965Kb / 51P
   HIGH PERFORMANCE DUART WITH 16-BYTE FIFO AND POWERSAVE FEATURE
XR16V2551 EXAR-XR16V2551_07 Datasheet
1Mb / 51P
   HIGH PERFORMANCE DUART WITH 16-BYTE FIFO AND POWERSAVE FEATURE
XR16M2651 EXAR-XR16M2651 Datasheet
1Mb / 51P
   HIGH PERFORMANCE DUART WITH 32-BYTE FIFO AND POWERSAVE FEATURE
XR16L2751 EXAR-XR16L2751 Datasheet
618Kb / 52P
   2.25V TO 5.5V DUART WITH 64-BYTE FIFO AND POWERSAVE
XR16V2750 EXAR-XR16V2750 Datasheet
990Kb / 51P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com