Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR16V2750IM Datasheet(PDF) 10 Page - Exar Corporation

Part # XR16V2750IM
Description  HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16V2750IM Datasheet(HTML) 10 Page - Exar Corporation

Back Button XR16V2750IM Datasheet HTML 6Page - Exar Corporation XR16V2750IM Datasheet HTML 7Page - Exar Corporation XR16V2750IM Datasheet HTML 8Page - Exar Corporation XR16V2750IM Datasheet HTML 9Page - Exar Corporation XR16V2750IM Datasheet HTML 10Page - Exar Corporation XR16V2750IM Datasheet HTML 11Page - Exar Corporation XR16V2750IM Datasheet HTML 12Page - Exar Corporation XR16V2750IM Datasheet HTML 13Page - Exar Corporation XR16V2750IM Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
XR16V2750
10
HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
REV. 1.0.2
2.8
INTA and INTB Outputs
The INTA and INTB interrupt output changes according to the operating mode and enhanced features setup.
Table 3 and 4 summarize the operating behavior for the transmitter and receiver. Also see Figures 17
through 22.
2.9
Crystal Oscillator or External Clock Input
The V2750 includes an on-chip oscillator (XTAL1 and XTAL2) to produce a clock for both UART sections in the
device. The CPU data bus does not require this clock for bus operation. The crystal oscillator provides a
system clock to the Baud Rate Generators (BRG) section found in each of the UART. XTAL1 is the input to the
oscillator or external clock buffer input with XTAL2 pin being the output. Please note that the input XTAL1 is not
5V tolerant and so the maximum at the pin should be VCC. For programming details, see ““Section 2.10,
Programmable Baud Rate Generator with Fractional Divisor” on page 11.”
TABLE 3: INTA AND INTB PINS OPERATION FOR TRANSMITTER
Auto RS485
Mode
FCR BIT-0 = 0
(FIFO DISABLED)
FCR BIT-0 = 1 (FIFO ENABLED)
INTA/B Pin
NO
LOW = a byte in THR
HIGH = THR empty
LOW = FIFO above trigger level
HIGH = FIFO below trigger level or FIFO empty
INTA/B Pin
YES
LOW = a byte in THR
HIGH = transmitter empty
LOW = FIFO above trigger level
HIGH = FIFO below trigger level or transmitter empty
TABLE 4: INTA AND INTB PIN OPERATION FOR RECEIVER
FCR BIT-0 = 0
(FIFO DISABLED)
FCR BIT-0 = 1
(FIFO ENABLED)
INTA/B Pin
LOW = no data
HIGH = 1 byte
LOW = FIFO below trigger level
HIGH = FIFO above trigger level
FIGURE 4. TYPICAL OSCILLATOR CONNECTIONS
C1
22-47 pF
C2
22-47 pF
Y1
1.8432 MHz
to
24 MHz
R1
0-120
(Optional)
R2
500ΚΩ−1ΜΩ
XTAL1
XTAL2


Similar Part No. - XR16V2750IM

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16V2750IM EXAR-XR16V2750IM Datasheet
990Kb / 51P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16V2750IM EXAR-XR16V2750IM Datasheet
989Kb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
More results

Similar Description - XR16V2750IM

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16V2750 EXAR-XR16V2750 Datasheet
990Kb / 51P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16M752 EXAR-XR16M752_09 Datasheet
1Mb / 54P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16V2750_0709 EXAR-XR16V2750_0709 Datasheet
989Kb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16V2752 EXAR-XR16V2752 Datasheet
1,016Kb / 51P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16V2752 EXAR-XR16V2752_07 Datasheet
998Kb / 51P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16M752 EXAR-XR16M752 Datasheet
1Mb / 51P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16M2752 EXAR-XR16M2752 Datasheet
1,016Kb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16V2751_0709 EXAR-XR16V2751_0709 Datasheet
1,016Kb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO AND POWERSAVE
XR16M2751 EXAR-XR16M2751 Datasheet
1,023Kb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO AND POWERSAVE
XR16V2751 EXAR-XR16V2751_07 Datasheet
1,002Kb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO AND POWERSAVE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com