Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR16V2652IL32 Datasheet(PDF) 11 Page - Exar Corporation

Part # XR16V2652IL32
Description  HIGH PERFORMANCE DUART WITH 32-BYTE FIFO
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16V2652IL32 Datasheet(HTML) 11 Page - Exar Corporation

Back Button XR16V2652IL32 Datasheet HTML 7Page - Exar Corporation XR16V2652IL32 Datasheet HTML 8Page - Exar Corporation XR16V2652IL32 Datasheet HTML 9Page - Exar Corporation XR16V2652IL32 Datasheet HTML 10Page - Exar Corporation XR16V2652IL32 Datasheet HTML 11Page - Exar Corporation XR16V2652IL32 Datasheet HTML 12Page - Exar Corporation XR16V2652IL32 Datasheet HTML 13Page - Exar Corporation XR16V2652IL32 Datasheet HTML 14Page - Exar Corporation XR16V2652IL32 Datasheet HTML 15Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
XR16V2652
11
REV. 1.0.2
HIGH PERFORMANCE DUART WITH 32-BYTE FIFO
FIGURE 5. BAUD RATE GENERATOR
TABLE 5: TYPICAL DATA RATES WITH A 24 MHZ CRYSTAL OR EXTERNAL CLOCK AT 16X SAMPLING
Required
Output Data
Rate
DIVISOR FOR
16x Clock
(Decimal)
DIVISOR
OBTAINABLE IN
V2652
DLM PROGRAM
VALUE (HEX)
DLL PROGRAM
VALUE (HEX)
DLD PROGRAM
VALUE (HEX)
DATA ERROR
RATE (%)
400
3750
3750
E
A6
0
0
2400
625
625
2
71
0
0
4800
312.5
312 8/16
1
38
8
0
9600
156.25
156 4/16
0
9C
4
0
10000
150
150
0
96
0
0
19200
78.125
78 2/16
0
4E
2
0
25000
60
60
0
3C
0
0
28800
52.0833
52 1/16
0
34
1
0.04
38400
39.0625
39 1/16
0
27
1
0
50000
30
30
0
1E
0
0
57600
26.0417
26 1/16
0
1A
1
0.08
75000
20
20
0
14
0
0
100000
15
15
0
F
0
0
115200
13.0208
13
0
D
0
0.16
153600
9.7656
9 12/16
0
9
C
0.16
200000
7.5
7 8/16
0
7
8
0
225000
6.6667
6 11/16
0
6
B
0.31
230400
6.5104
6 8/16
0
6
8
0.16
250000
6
6
0
6
0
0
300000
5
5
0
5
0
0
400000
3.75
3 12/16
0
3
C
0
460800
3.2552
3 4/16
0
3
4
0.16
500000
3
3
0
3
0
0
750000
2
2
0
2
0
0
921600
1.6276
1 10/16
0
1
A
0.16
1000000
1.5
1 8/16
0
1
8
0
XTAL1
XTAL2
Crystal
Osc/
Buffer
MCR Bit-7=0
(default)
MCR Bit-7=1
DLL, DLM and DLD
Registers
Prescaler
Divide by 1
Prescaler
Divide by 4
16X or 8X or 4X
Sampling
Rate Clock
to Transmitter
and Receiver
To Other
Channel
Fractional Baud
Rate Generator
Logic


Similar Part No. - XR16V2652IL32

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16V2652IL32 EXAR-XR16V2652IL32 Datasheet
932Kb / 48P
   HIGH PERFORMANCE DUART WITH 32-BYTE FIFO
More results

Similar Description - XR16V2652IL32

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16V2652 EXAR-XR16V2652 Datasheet
932Kb / 48P
   HIGH PERFORMANCE DUART WITH 32-BYTE FIFO
XR16V2650 EXAR-XR16V2650 Datasheet
910Kb / 47P
   HIGH PERFORMANCE DUART WITH 32-BYTE FIFO
XR16V2650 EXAR-XR16V2650_07 Datasheet
1,013Kb / 47P
   HIGH PERFORMANCE DUART WITH 32-BYTE FIFO
XR16V2651 EXAR-XR16V2651 Datasheet
960Kb / 51P
   HIGH PERFORMANCE DUART WITH 32-BYTE FIFO AND POWERSAVE
XR16M2650 EXAR-XR16M2650 Datasheet
1Mb / 47P
   HIGH PERFORMANCE LOW VOLTAGE DUART WITH 32-BYTE FIFO
XR16V2651 EXAR-XR16V2651_07 Datasheet
1Mb / 51P
   HIGH PERFORMANCE DUART WITH 32-BYTE FIFO AND POWERSAVE
XR16V2550IL-0B EXAR-XR16V2550IL-0B Datasheet
972Kb / 46P
   HIGH PERFORMANCE DUART WITH 16-BYTE FIFO
XR16V2552 EXAR-XR16V2552_07 Datasheet
1Mb / 48P
   HIGH PERFORMANCE DUART WITH 16-BYTE FIFO
XR16V2750 EXAR-XR16V2750 Datasheet
990Kb / 51P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16M752 EXAR-XR16M752_09 Datasheet
1Mb / 54P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com